công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM7372MR bảng dữ liệu(PDF) 3 Page - Texas Instruments

tên linh kiện LM7372MR
Giải thích chi tiết về linh kiện  LM7372 High Speed, High Output Current, Dual Operational Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM7372MR bảng dữ liệu(HTML) 3 Page - Texas Instruments

  LM7372MR Datasheet HTML 1Page - Texas Instruments LM7372MR Datasheet HTML 2Page - Texas Instruments LM7372MR Datasheet HTML 3Page - Texas Instruments LM7372MR Datasheet HTML 4Page - Texas Instruments LM7372MR Datasheet HTML 5Page - Texas Instruments LM7372MR Datasheet HTML 6Page - Texas Instruments LM7372MR Datasheet HTML 7Page - Texas Instruments LM7372MR Datasheet HTML 8Page - Texas Instruments LM7372MR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
OUT B
1
2
3
4
5
6
7
8
OUT A
-IN A
+IN A
V
-
V
+
-IN B
+IN B
-
+
+
-
A
B
OUT A
1
2
8
+IN A
V-
V+
-IN B
+IN B
+
-
+
-
A
B
7
6
5
4
3
16
15
14
13
12
11
10
9
NC
NC
NC
NC
*
*
*
*
-IN A
OUT B
LM7372
www.ti.com
SNOS926F – MAY 1999 – REVISED SEPTEMBER 2014
5 Pin Configuration and Functions
NOTE
For SO PowerPAD package the exposed pad should be tied either to Vor left electrically
floating. Die attach material is conductive and is internally tied to V.
* Heatsink Pins.(1)
Package DDA
Package D
8-Pin SO PowerPAD
16-Pin SOIC
Top View
Top View
Pin Functions
PIN
NUMBER
I/O
DESCRIPTION
NAME
DDA
D
*
––
1,8,9,16
––
Heatsink Pin
-IN A
2
4
I
ChA Inverting Input
+IN A
3
5
I
ChA Non-inverting Input
-IN B
6
12
I
ChB Inverting Input
+IN B
5
11
I
ChB Non-inverting Input
NC
––
2, 7, 10, 15
––
No Connection
OUT A
1
3
O
Output A
OUT B
7
13
O
Output B
V-
4
6
I
Negative Supply
V+
8
14
I
Positive Supply
(1)
The maximum power dissipation is a function of T(JMAX), RθJA, and TA. The maximum allowable power dissipation at any ambient
temperature is PD = (T(JMAX) – TA)/RθJA. All numbers apply for packages soldered directly into a PC board. The value for RθJA is
106°C/W for the 16-Pin SOIC package. With a total area of 4sq. in of 1oz CU connected to pins 1,6,8,9 & 16, RθJA for the 16-Pin SOIC
is decreased to 70°C/W. 8-Pin SO PowerPAD package RθJA is with 2 in
2 heatsink (top and bottom layer each) and 1 oz. copper (see
Table 2 and Application and Implementation )
Copyright © 1999–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM7372


Số phần tương tự - LM7372MR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM7372MR NSC-LM7372MR Datasheet
417Kb / 15P
   High Speed, High Output Current, Dual Operational Amplifier
LM7372MR NSC-LM7372MR Datasheet
1Mb / 26P
   LM7372 High Speed, High Output Current, Dual Operational Amplifier
LM7372MRNOPB NSC-LM7372MRNOPB Datasheet
1Mb / 26P
   LM7372 High Speed, High Output Current, Dual Operational Amplifier
LM7372MRX NSC-LM7372MRX Datasheet
417Kb / 15P
   High Speed, High Output Current, Dual Operational Amplifier
LM7372MRX NSC-LM7372MRX Datasheet
1Mb / 26P
   LM7372 High Speed, High Output Current, Dual Operational Amplifier
More results

Mô tả tương tự - LM7372MR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM7372 NSC-LM7372_14 Datasheet
1Mb / 26P
   LM7372 High Speed, High Output Current, Dual Operational Amplifier
logo
Texas Instruments
LM7372 TI1-LM7372 Datasheet
1Mb / 26P
[Old version datasheet]   High Speed, High Output Current, Dual Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40166 ZARLINK-ZL40166 Datasheet
723Kb / 33P
   High Output Current High Speed Dual Operational Amplifier
ZL40167 ZARLINK-ZL40167 Datasheet
818Kb / 32P
   High Output Current High Speed Dual Operational Amplifier
logo
National Semiconductor ...
LM7372 NSC-LM7372 Datasheet
417Kb / 15P
   High Speed, High Output Current, Dual Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40162 ZARLINK-ZL40162 Datasheet
598Kb / 32P
   High Output Current High Speed Dual Operational Amplifier
logo
ON Semiconductor
MC33076 ONSEMI-MC33076 Datasheet
213Kb / 12P
   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
1996 REV 0
logo
Texas Instruments
TL3414A TI-TL3414A Datasheet
103Kb / 6P
[Old version datasheet]   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
TL3414A TI-TL3414A_07 Datasheet
420Kb / 12P
[Old version datasheet]   DUAL HIGH-OUTPUT-CURRENT OPERATIONAL AMPLIFIER
TL3414A TI-TL3414A_06 Datasheet
208Kb / 9P
[Old version datasheet]   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com