công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM7372IMA bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM7372IMA
Giải thích chi tiết về linh kiện  LM7372 High Speed, High Output Current, Dual Operational Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM7372IMA bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LM7372IMA Datasheet HTML 1Page - Texas Instruments LM7372IMA Datasheet HTML 2Page - Texas Instruments LM7372IMA Datasheet HTML 3Page - Texas Instruments LM7372IMA Datasheet HTML 4Page - Texas Instruments LM7372IMA Datasheet HTML 5Page - Texas Instruments LM7372IMA Datasheet HTML 6Page - Texas Instruments LM7372IMA Datasheet HTML 7Page - Texas Instruments LM7372IMA Datasheet HTML 8Page - Texas Instruments LM7372IMA Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
FREQUENCY (Hz)
100k
1M
10M
-110
-90
-70
-50
VS = ±12V
AV = 2
VO = 2VP-P
RL = 100
HD2
HD3
+
-
+ VIN
R7
2k
1:1
R6
2k
Twisted
Pair Line
R5
2k
100
1/2
LM7372
+
-
R9
50
R8
50
C7
20uF
C6
0.1uF
+
1/2
LM7372
VCC
VCC
C1
0.1uF
R3
5.1k
R4
5.1k
R1
10.2k
R2
10.2k
C3
47uF
+
3
5
4
14
13
12
11
6
C2
0.1uF
- VIN
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM7372
SNOS926F – MAY 1999 – REVISED SEPTEMBER 2014
LM7372 High Speed, High Output Current, Dual Operational Amplifier
1 Features
3 Description
The LM7372 is a high speed dual voltage feedback
1
−80 dBc Highest Harmonic Distortion @1 MHz,
amplifier with the slewing characteristic of current
2VPP
feedback amplifiers. However, it can be used in all
Very High Slew Rate: 3000 V/µs
traditional voltage feedback amplifier configurations.
Wide Gain Bandwidth Product: 120 MHz
The LM7372 is stable for gains as low as +2 or
−1. It
−3 dB Frequency @ AV = +2: 200 MHz
provides a very high slew rate at 3000 V/µs and a
Low Supply Current: 13 mA (both amplifiers)
wide gain bandwidth product of 120 MHz, while
consuming only 6.5 mA/per amplifier of supply
High Open Loop Gain: 85 dB
current. It is ideal for video and high speed signal
High Output Current: 150 mA
processing applications such as xDSL and pulse
Differential Gain and Phase: 0.01%, 0.02°
amplifiers. With 150 mA output current, the LM7372
can be used for video distribution, as a transformer
driver or as a laser diode driver.
2 Applications
HDSL and ADSL Drivers
Operation on ±15 V power supplies allows for large
signal swings and provides greater dynamic range
Multimedia Broadcast Systems
and signal-to-noise ratio. The LM7372 offers high
Professional Video Cameras
SFDR and low THD, ideal for ADC/DAC systems. In
CATV/Fiber Optics Signal Processing
addition, the LM7372 is specified for ±5 V operation
for portable applications.
Pulse Amplifiers and Peak Detectors
HDTV Amplifiers
The LM7372 is built on TI's Advance VIP™ III
(Vertically integrated PNP) complementary bipolar
process.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM7372
DDA (8)
4.90 mm × 3.91 mm
LM7372
D (16)
9.90 mm × 3.91 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Harmonic Distortion vs Frequency
Single Supply Application (16-Pin SOIC)
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Số phần tương tự - LM7372IMA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM7372IMA NSC-LM7372IMA Datasheet
417Kb / 15P
   High Speed, High Output Current, Dual Operational Amplifier
LM7372IMA NSC-LM7372IMA Datasheet
1Mb / 26P
   LM7372 High Speed, High Output Current, Dual Operational Amplifier
LM7372IMANOPB NSC-LM7372IMANOPB Datasheet
1Mb / 26P
   LM7372 High Speed, High Output Current, Dual Operational Amplifier
LM7372IMAX NSC-LM7372IMAX Datasheet
417Kb / 15P
   High Speed, High Output Current, Dual Operational Amplifier
LM7372IMAXNOPB NSC-LM7372IMAXNOPB Datasheet
1Mb / 26P
   LM7372 High Speed, High Output Current, Dual Operational Amplifier
More results

Mô tả tương tự - LM7372IMA

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM7372 NSC-LM7372_14 Datasheet
1Mb / 26P
   LM7372 High Speed, High Output Current, Dual Operational Amplifier
logo
Texas Instruments
LM7372 TI1-LM7372 Datasheet
1Mb / 26P
[Old version datasheet]   High Speed, High Output Current, Dual Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40166 ZARLINK-ZL40166 Datasheet
723Kb / 33P
   High Output Current High Speed Dual Operational Amplifier
ZL40167 ZARLINK-ZL40167 Datasheet
818Kb / 32P
   High Output Current High Speed Dual Operational Amplifier
logo
National Semiconductor ...
LM7372 NSC-LM7372 Datasheet
417Kb / 15P
   High Speed, High Output Current, Dual Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40162 ZARLINK-ZL40162 Datasheet
598Kb / 32P
   High Output Current High Speed Dual Operational Amplifier
logo
ON Semiconductor
MC33076 ONSEMI-MC33076 Datasheet
213Kb / 12P
   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
1996 REV 0
logo
Texas Instruments
TL3414A TI-TL3414A Datasheet
103Kb / 6P
[Old version datasheet]   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
TL3414A TI-TL3414A_07 Datasheet
420Kb / 12P
[Old version datasheet]   DUAL HIGH-OUTPUT-CURRENT OPERATIONAL AMPLIFIER
TL3414A TI-TL3414A_06 Datasheet
208Kb / 9P
[Old version datasheet]   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com