công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM7372 bảng dữ liệu(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM7372
Giải thích chi tiết về linh kiện  LM7372 High Speed, High Output Current, Dual Operational Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM7372 bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button LM7372 Datasheet HTML 6Page - Texas Instruments LM7372 Datasheet HTML 7Page - Texas Instruments LM7372 Datasheet HTML 8Page - Texas Instruments LM7372 Datasheet HTML 9Page - Texas Instruments LM7372 Datasheet HTML 10Page - Texas Instruments LM7372 Datasheet HTML 11Page - Texas Instruments LM7372 Datasheet HTML 12Page - Texas Instruments LM7372 Datasheet HTML 13Page - Texas Instruments LM7372 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
0
0.5
1.0
1.5
2.0
2.5
COPPER AREA (in
2
)
20
30
40
50
60
70
80
90
100
0.5 oz
1.0 oz
2.0 oz
TIME (100ns/div)
VS = ±12V
AV = 2
RL = 100
1
10
100
1000
FREQUENCY (MHz)
-6
-5
-4
-3
-2
-1
0
1
2
VS = ±5V
RL = 100
GAIN = +2
GAIN = +8
TIME (100ns/div)
VS = ±12V
AV = 2
RL = 100
1
10
100
1000
FREQUENCY (MHz)
-6
-5
-4
-3
-2
-1
0
1
2
VS = ±12V
RL = 100
GAIN = +2
GAIN = +8
1
10
100
1000
FREQUENCY (MHz)
-6
-5
-4
-3
-2
-1
0
1
2
VS = ±15V
RL = 100
GAIN = +2
GAIN = +8
LM7372
SNOS926F – MAY 1999 – REVISED SEPTEMBER 2014
www.ti.com
Typical Performance Characteristics (continued)
Figure 13. Frequency Response
Figure 14. Frequency Response
Figure 16. Small Signal Pulse Response
Figure 15. Frequency Response
Figure 17. Large Signal Pulse Response
Figure 18. Thermal Performance of 8ld-SO PowerPAD
10
Submit Documentation Feedback
Copyright © 1999–2014, Texas Instruments Incorporated
Product Folder Links: LM7372


Số phần tương tự - LM7372

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM7372 NSC-LM7372 Datasheet
417Kb / 15P
   High Speed, High Output Current, Dual Operational Amplifier
logo
Texas Instruments
LM7372 TI1-LM7372 Datasheet
1Mb / 26P
[Old version datasheet]   High Speed, High Output Current, Dual Operational Amplifier
logo
National Semiconductor ...
LM7372ILD NSC-LM7372ILD Datasheet
417Kb / 15P
   High Speed, High Output Current, Dual Operational Amplifier
LM7372ILDX NSC-LM7372ILDX Datasheet
417Kb / 15P
   High Speed, High Output Current, Dual Operational Amplifier
LM7372IMA NSC-LM7372IMA Datasheet
417Kb / 15P
   High Speed, High Output Current, Dual Operational Amplifier
More results

Mô tả tương tự - LM7372

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM7372 NSC-LM7372_14 Datasheet
1Mb / 26P
   LM7372 High Speed, High Output Current, Dual Operational Amplifier
logo
Texas Instruments
LM7372 TI1-LM7372 Datasheet
1Mb / 26P
[Old version datasheet]   High Speed, High Output Current, Dual Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40166 ZARLINK-ZL40166 Datasheet
723Kb / 33P
   High Output Current High Speed Dual Operational Amplifier
ZL40167 ZARLINK-ZL40167 Datasheet
818Kb / 32P
   High Output Current High Speed Dual Operational Amplifier
logo
National Semiconductor ...
LM7372 NSC-LM7372 Datasheet
417Kb / 15P
   High Speed, High Output Current, Dual Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40162 ZARLINK-ZL40162 Datasheet
598Kb / 32P
   High Output Current High Speed Dual Operational Amplifier
logo
ON Semiconductor
MC33076 ONSEMI-MC33076 Datasheet
213Kb / 12P
   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
1996 REV 0
logo
Texas Instruments
TL3414A TI-TL3414A Datasheet
103Kb / 6P
[Old version datasheet]   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
TL3414A TI-TL3414A_07 Datasheet
420Kb / 12P
[Old version datasheet]   DUAL HIGH-OUTPUT-CURRENT OPERATIONAL AMPLIFIER
TL3414A TI-TL3414A_06 Datasheet
208Kb / 9P
[Old version datasheet]   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com