công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM7372 bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện LM7372
Giải thích chi tiết về linh kiện  LM7372 High Speed, High Output Current, Dual Operational Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM7372 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LM7372_14 Datasheet HTML 1Page - Texas Instruments LM7372_14 Datasheet HTML 2Page - Texas Instruments LM7372_14 Datasheet HTML 3Page - Texas Instruments LM7372_14 Datasheet HTML 4Page - Texas Instruments LM7372_14 Datasheet HTML 5Page - Texas Instruments LM7372_14 Datasheet HTML 6Page - Texas Instruments LM7372_14 Datasheet HTML 7Page - Texas Instruments LM7372_14 Datasheet HTML 8Page - Texas Instruments LM7372_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
FREQUENCY (Hz)
100k
1M
10M
-110
-90
-70
-50
VS = ±12V
AV = 2
VO = 2VP-P
RL = 100
HD2
HD3
+
-
+ VIN
R7
2k
1:1
R6
2k
Twisted
Pair Line
R5
2k
100
1/2
LM7372
+
-
R9
50
R8
50
C7
20uF
C6
0.1uF
+
1/2
LM7372
VCC
VCC
C1
0.1uF
R3
5.1k
R4
5.1k
R1
10.2k
R2
10.2k
C3
47uF
+
3
5
4
14
13
12
11
6
C2
0.1uF
- VIN
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM7372
SNOS926F – MAY 1999 – REVISED SEPTEMBER 2014
LM7372 High Speed, High Output Current, Dual Operational Amplifier
1 Features
3 Description
The LM7372 is a high speed dual voltage feedback
1
−80 dBc Highest Harmonic Distortion @1 MHz,
amplifier with the slewing characteristic of current
2VPP
feedback amplifiers. However, it can be used in all
Very High Slew Rate: 3000 V/µs
traditional voltage feedback amplifier configurations.
Wide Gain Bandwidth Product: 120 MHz
The LM7372 is stable for gains as low as +2 or
−1. It
−3 dB Frequency @ AV = +2: 200 MHz
provides a very high slew rate at 3000 V/µs and a
Low Supply Current: 13 mA (both amplifiers)
wide gain bandwidth product of 120 MHz, while
consuming only 6.5 mA/per amplifier of supply
High Open Loop Gain: 85 dB
current. It is ideal for video and high speed signal
High Output Current: 150 mA
processing applications such as xDSL and pulse
Differential Gain and Phase: 0.01%, 0.02°
amplifiers. With 150 mA output current, the LM7372
can be used for video distribution, as a transformer
driver or as a laser diode driver.
2 Applications
HDSL and ADSL Drivers
Operation on ±15 V power supplies allows for large
signal swings and provides greater dynamic range
Multimedia Broadcast Systems
and signal-to-noise ratio. The LM7372 offers high
Professional Video Cameras
SFDR and low THD, ideal for ADC/DAC systems. In
CATV/Fiber Optics Signal Processing
addition, the LM7372 is specified for ±5 V operation
for portable applications.
Pulse Amplifiers and Peak Detectors
HDTV Amplifiers
The LM7372 is built on TI's Advance VIP™ III
(Vertically integrated PNP) complementary bipolar
process.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
LM7372
DDA (8)
4.90 mm × 3.91 mm
LM7372
D (16)
9.90 mm × 3.91 mm
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Harmonic Distortion vs Frequency
Single Supply Application (16-Pin SOIC)
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Số phần tương tự - LM7372_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM7372 NSC-LM7372_14 Datasheet
1Mb / 26P
   LM7372 High Speed, High Output Current, Dual Operational Amplifier
More results

Mô tả tương tự - LM7372_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM7372 NSC-LM7372_14 Datasheet
1Mb / 26P
   LM7372 High Speed, High Output Current, Dual Operational Amplifier
logo
Texas Instruments
LM7372 TI1-LM7372 Datasheet
1Mb / 26P
[Old version datasheet]   High Speed, High Output Current, Dual Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40166 ZARLINK-ZL40166 Datasheet
723Kb / 33P
   High Output Current High Speed Dual Operational Amplifier
ZL40167 ZARLINK-ZL40167 Datasheet
818Kb / 32P
   High Output Current High Speed Dual Operational Amplifier
logo
National Semiconductor ...
LM7372 NSC-LM7372 Datasheet
417Kb / 15P
   High Speed, High Output Current, Dual Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40162 ZARLINK-ZL40162 Datasheet
598Kb / 32P
   High Output Current High Speed Dual Operational Amplifier
logo
ON Semiconductor
MC33076 ONSEMI-MC33076 Datasheet
213Kb / 12P
   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
1996 REV 0
logo
Texas Instruments
TL3414A TI-TL3414A Datasheet
103Kb / 6P
[Old version datasheet]   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
TL3414A TI-TL3414A_07 Datasheet
420Kb / 12P
[Old version datasheet]   DUAL HIGH-OUTPUT-CURRENT OPERATIONAL AMPLIFIER
TL3414A TI-TL3414A_06 Datasheet
208Kb / 9P
[Old version datasheet]   DUAL HIGH OUTPUT CURRENT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com