công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74V245-EP bảng dữ liệu(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN74V245-EP
Giải thích chi tiết về linh kiện  DSP-SYNC FIRST-IN, FIRST-OUT MEMORY
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74V245-EP bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button SN74V245-EP Datasheet HTML 7Page - Texas Instruments SN74V245-EP Datasheet HTML 8Page - Texas Instruments SN74V245-EP Datasheet HTML 9Page - Texas Instruments SN74V245-EP Datasheet HTML 10Page - Texas Instruments SN74V245-EP Datasheet HTML 11Page - Texas Instruments SN74V245-EP Datasheet HTML 12Page - Texas Instruments SN74V245-EP Datasheet HTML 13Page - Texas Instruments SN74V245-EP Datasheet HTML 14Page - Texas Instruments SN74V245-EP Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
SN74V245-EP
www.ti.com
SCAS932A – DECEMBER 2012 – REVISED JANUARY 2013
WRITE EXPANSION INPUT (WXI)
This is a dual-purpose pin. For single-device mode, see Table 6 for additional information. WXI is connected to
write expansion out (WXO) of the previous device in the daisy-chain depth-expansion mode.
READ EXPANSION INPUT (RXI)
This is a dual-purpose pin. For single-device mode, see Table 6 for additional information. RXI is connected to
read expansion out (RXO) of the previous device in the daisy-chain depth-expansion mode.
OUTPUTS:
FULL FLAG/INPUT READY (FF/IR)
This is a dual-purpose pin. In FWFT mode, the input ready (IR) function is selected. IR goes low when memory
space is available for writing data. When there is no free space left, IR goes high, inhibiting further write
operations.
In standard mode, the FF function is selected. When the FIFO is full, FF goes low, inhibiting further write
operations. When FF is high, the FIFO is not full. If no reads are performed after a reset, FF goes low after D
writes to the FIFO. D = 4096.
IR goes high after D writes to the FIFO. D = 4097. The additional word in FWFT mode is due to the capacity of
the memory plus output register.
FF/IR is synchronous and updated on the rising edge of WCLK.
EMPTY FLAG/OUTPUT READY (EF/OR)
This is a dual-purpose pin. In FWFT mode, the OR function is selected. OR goes low at the same time the first
word written to an empty FIFO appears valid on the outputs. OR stays low after the RCLK low-to-high transition
that shifts the last word from the FIFO memory to the outputs. OR goes high only with a true read (RCLK with
REN low). The previous data stays at the outputs, indicating that the last word was read. Further data reads are
inhibited until OR goes low again.
In the standard mode, the EF function is selected. When the FIFO is empty, EF goes low, inhibiting further read
operations. When EF is high, the FIFO is not empty.
EF/OR is synchronous and updated on the rising edge of RCLK.
PROGRAMMABLE ALMOST-FULL FLAG (PAF)
PAF goes low when the FIFO reaches the almost-full condition. In FWFT mode, if no reads are performed, PAF
goes low after 4097 - m. Default values for m are in Table 4 and Table 5.
In standard mode, if no reads are performed after reset (RS), PAF goes low after 4096 – m writes. The offset m
is defined in Table 3.
If asynchronous PAF configuration is selected, PAF is asserted low on the low-to-high transition of WCLK. PAF is
reset to high on the low-to-high transition of RCLK. If synchronous PAF configuration is selected (see Table 6),
PAF is updated on the rising edge of WCLK.
PROGRAMMABLE ALMOST-EMPTY FLAG (PAE)
PAE goes low when the FIFO reaches the almost-empty condition. In FWFT mode, PAE goes low when there
are n + 1 words, or fewer, in the FIFO. In standard mode, PAE goes low when there are n words or fewer in the
FIFO. The offset n is defined as the empty offset. The default values for n are noted in Table 4 and Table 5.
If there is no empty offset specified, PAE is low when the device is 127 away from completely empty.
If asynchronous PAE configuration is selected, PAE is asserted low on the low-to-high transition of the read clock
(RCLK). PAE is reset to high on the low-to-high transition of the write clock (WCLK). If synchronous PAE
configuration is selected (see Table 6), PAE is updated on the rising edge of RCLK.
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SN74V245-EP


Số phần tương tự - SN74V245-EP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74V245-10PAG TI-SN74V245-10PAG Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V245-10PAG TI-SN74V245-10PAG Datasheet
600Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V245-15PAG TI-SN74V245-15PAG Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V245-15PAG TI-SN74V245-15PAG Datasheet
600Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V245-20PAG TI-SN74V245-20PAG Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
More results

Mô tả tương tự - SN74V245-EP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
TDC1030 ETC1-TDC1030 Datasheet
226Kb / 14P
   FIRST-IN FIRST-OUT MEMORY
logo
Texas Instruments
SN74ACT7882-20FN TI1-SN74ACT7882-20FN Datasheet
254Kb / 18P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ABT3611 TI1-SN74ABT3611_05 Datasheet
459Kb / 29P
[Old version datasheet]   CLOCKED FIRST-IN, FIRST-OUT MEMORY
SN74ALS233B TI1-SN74ALS233B_16 Datasheet
752Kb / 18P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ALS2232A TI1-SN74ALS2232A Datasheet
130Kb / 9P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
SN74ABT3612 TI1-SN74ABT3612_15 Datasheet
521Kb / 34P
[Old version datasheet]   CLOCKED BIDIRECTIONAL FIRST-IN, FIRST-OUT MEMORY
SN74ACT7801 TI1-SN74ACT7801 Datasheet
279Kb / 19P
[Old version datasheet]   1024x18 CLOCKED FIRST-IN, FIRST-OUT MEMORY
logo
Fairchild Semiconductor
74F403A FAIRCHILD-74F403A Datasheet
167Kb / 15P
   First-In First-Out (FIFO) Buffer Memory
logo
Integrated Device Techn...
7201LA20TP IDT-7201LA20TP Datasheet
313Kb / 14P
   First-In/First-Out dual-port memory
7201LA35J IDT-7201LA35J Datasheet
313Kb / 14P
   First-In/First-Out dual-port memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com