công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM98640 bảng dữ liệu(PDF) 11 Page - Texas Instruments

tên linh kiện LM98640
Giải thích chi tiết về linh kiện  Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM98640 bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button LM98640 Datasheet HTML 7Page - Texas Instruments LM98640 Datasheet HTML 8Page - Texas Instruments LM98640 Datasheet HTML 9Page - Texas Instruments LM98640 Datasheet HTML 10Page - Texas Instruments LM98640 Datasheet HTML 11Page - Texas Instruments LM98640 Datasheet HTML 12Page - Texas Instruments LM98640 Datasheet HTML 13Page - Texas Instruments LM98640 Datasheet HTML 14Page - Texas Instruments LM98640 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 46 page
background image
LM98640
www.ti.com
SNAS596A – JUNE 2012 – REVISED MAY 2013
LM98640 Electrical Characteristics
(1) (continued)
The following specifications apply for VDD33 = 3.3V, VDD18 = 1.8V, CL = 10 pF, and fINCLK = 40 MHz unless otherwise
specified. Boldface limits apply for TA = TMIN to TMAX; all other limits TA = 25°C.
Symbol
Parameter
Conditions
Typical(2)
Min
Max
Units
VCLP Reference Circuit Specification
VCLP DAC Resolution
5
5
Bits
VCLP DAC Step Size
98
96
102
mV
VCLP Control Register =
VCLP DAC Voltage Min Output
224
194
298
mV
0110 0000
VVCLP
VCLP Control Register =
VCLP DAC Voltage Max Output
3.07
2.99
3.11
V
0111 1101
VCLP Control Register =
ISC
VCLP DAC Short Circuit Output Current
33
mA
011x xxxx
Coarse Analog Offset DAC Specifications
Resolution
±8
Bits
Offset Adjustment Range Referred to
Minimum DAC Code = 0x000
-262
AFE Input
mV
Maximum DAC Code = 0x1FF
263
CDS Gain = 1x
Offset Adjustment Range Referred to
Minimum DAC Code = 0x000
-131
AFE Input
mV
Maximum DAC Code = 0x1FF
131
CDS Gain = 2x
Minimum DAC Code = 0x000
-2146
Offset Adjustment Range
LSB
Referred to AFE Output
Maximum DAC Code = 0x1FF
2154
DAC Step Size
mV
Input Referred
1
CDS Gain = 1x
DAC Step Size
LSB
Output Referred
8
CDS Gain = 1x
DNL
Differential Non-Linearity
CDS Gain = 1x or 2x 40 MHz
±0.97
LSB
INL
Integral Non-Linearity
CDS Gain = 1x or 2x 40 MHz
±1.5
LSB
Fine Analog Offset DAC Specifications
Resolution
±8
Bits
Offset Adjustment Range Referred to
Minimum DAC Code = 0x000
-4.6
AFE Input
mV
Maximum DAC Code = 0x1FF
5.3
CDS Gain = 1x
Offset Adjustment Range Referred to
Minimum DAC Code = 0x000
-2.3
AFE Input
mV
Maximum DAC Code = 0x1FF
2.6
CDS Gain = 2x
Minimum DAC Code = 0x000
-38
Offset Adjustment Range
LSB
Referred to AFE Output
Maximum DAC Code = 0x1FF
43
DAC Step Size
Input Referred
20
uV
CDS Gain = 1x
DAC Step Size
0.16
Output Referred
LSB
CDS Gain = 1x
DNL
Differential Non-Linearity
±1
LSB
INL
Integral Non-Linearity
±2.2
LSB
Copyright © 2012–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM98640


Số phần tương tự - LM98640

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM98640 TI1-LM98640 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640CILQ TI1-LM98640CILQ Datasheet
1Mb / 47P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640CVAL TI1-LM98640CVAL Datasheet
1Mb / 52P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640CVAL TI1-LM98640CVAL Datasheet
565Kb / 54P
[Old version datasheet]   Radiation Hardness Assured (RHA), Dual Channel, 14-Bit, 40-MSPS Analog Front End With LVDS Output
LM98640QML TI1-LM98640QML Datasheet
1Mb / 52P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
More results

Mô tả tương tự - LM98640

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM98640 TI1-LM98640 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640QML TI1-LM98640QML Datasheet
1Mb / 52P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640QML-SP TI1-LM98640QML-SP Datasheet
573Kb / 54P
[Old version datasheet]   Dual Channel, 14-Bit, 40 MSPS Analog Front End with LVDS Output
LM98640QML-SP TI1-LM98640QML-SP_18 Datasheet
565Kb / 54P
[Old version datasheet]   Radiation Hardness Assured (RHA), Dual Channel, 14-Bit, 40-MSPS Analog Front End With LVDS Output
LM98714CCMTX TI1-LM98714CCMTX Datasheet
6Mb / 114P
[Old version datasheet]   LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
LM98714 TI1-LM98714_14 Datasheet
6Mb / 115P
[Old version datasheet]   LM98714 Three Channel, 16-Bit, 45 MSPS Analog Front End with LVDS/CMOS Output
LM98722 TI1-LM98722_15 Datasheet
5Mb / 150P
[Old version datasheet]   Channel, 16-Bit, 45 MSPS Analog Front End
LM98725 TI1-LM98725_15 Datasheet
5Mb / 145P
[Old version datasheet]   3 Channel, 16-Bit, 81 MSPS Analog Front End
TLV990-40 TI-TLV990-40 Datasheet
339Kb / 24P
[Old version datasheet]   3-V, 10-BIT, 40-MSPS AREA CCD ANALOG FRONT-END
logo
Analog Devices
AD9257 AD-AD9257 Datasheet
1Mb / 40P
   Octal, 14-Bit, 40/65 MSPS, Serial LVDS
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com