công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM98620 bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM98620
Giải thích chi tiết về linh kiện  10-Bit 70 MSPS 6 Channel Imaging Signal Processor
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM98620 bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button LM98620 Datasheet HTML 2Page - Texas Instruments LM98620 Datasheet HTML 3Page - Texas Instruments LM98620 Datasheet HTML 4Page - Texas Instruments LM98620 Datasheet HTML 5Page - Texas Instruments LM98620 Datasheet HTML 6Page - Texas Instruments LM98620 Datasheet HTML 7Page - Texas Instruments LM98620 Datasheet HTML 8Page - Texas Instruments LM98620 Datasheet HTML 9Page - Texas Instruments LM98620 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 69 page
background image
Vreg
+
+
+
VDDD
VDDA
VDDLVDS
+
VIN
+
LM98620
SNAS426C – FEBRUARY 2008 – REVISED MAY 2014
www.ti.com
6.2 Handling Ratings
MIN
MAX
UNIT
Tstg
Storage temperature range
–65
150
°C
Human body model (HBM), per ANSI/ESDA/JEDEC JS-001,
2500
all pins(3)
V(ESD)
(1) (2)
Electrostatic discharge
Machine Model (MM)
250
V
Charged device model (CDM), per JEDEC specification
1000
JESD22-C101, all pins(4)
(1)
Electrostatic discharge (ESD) to measure device sensitivity and immunity to damage caused by assembly line electrostatic discharges in
to the device.
(2)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor. Machine model, 200 pF discharged directly into each pin. Charged
device model (CDM) simulates a pin slowly acquiring charge (such as from a device sliding down the feeder in an automated
assembler) then rapidly being discharged.
(a) Higher 7500V human body model rating and 750V machine model rating for the following pins: SHP, SHD, CLPIN, BLKCLP,
AGC_ONB, OVPB, MCLK, RESETB, SENB, SCLK, SDI, SDO, TXCLK1, TXCLK2, TXOUTA1, TXOUTB1, TXOUTC1, TXOUTA2,
TXOUTB2, TXOUTC2.
(3)
Level listed above is the passing level per ANSI, ESDA, and JEDEC JS-001. JEDEC document JEP155 states that 500-V HBM allows
safe manufacturing with a standard ESD control process.
(4)
Level listed above is the passing level per EIA-JEDEC JESD22-C101. JEDEC document JEP157 states that 250-V CDM allows safe
manufacturing with a standard ESD control process.
6.3 Recommended Operating Conditions
Over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
Analog Supply Voltage Range
+3.0
+3.6
V
Digital Supply Voltage Range
+3.0
+3.6
V
LVDS Supply Voltage Range
+3.0
+3.6
V
VDDD
≥ VDDA,
V
DC Power Supply Voltage Relationships(1)
VDDD
≥ VDDLVDS
Voltage at any Digital I/O pin
0
VDDD
V
Voltage at any Analog Input pin
0
VDDA
V
Voltage at any LVDS I/O pin
VDDLV
V
0
DS
(1)
Static voltage levels on VDDD must be at the same voltage or slightly higher than VDDLVDS or VDDA. Therefore, driving all three
power supplies from a common linear voltage regulator is recommended. Please see Figure 1.
Figure 1. Recommended Setup
6
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: LM98620


Số phần tương tự - LM98620

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
International Rectifier
LM98620 IRF-LM98620 Datasheet
157Kb / 6P
   10-bit 70 MSPS 6 Channel Imaging Signal Processor with 10-bit 70 MSPS 6 Channel Imaging Signal Processor with
LM98620VHB IRF-LM98620VHB Datasheet
157Kb / 6P
   10-bit 70 MSPS 6 Channel Imaging Signal Processor with 10-bit 70 MSPS 6 Channel Imaging Signal Processor with
More results

Mô tả tương tự - LM98620

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
International Rectifier
LM98620 IRF-LM98620 Datasheet
157Kb / 6P
   10-bit 70 MSPS 6 Channel Imaging Signal Processor with 10-bit 70 MSPS 6 Channel Imaging Signal Processor with
OM7580SC IRF-OM7580SC Datasheet
71Kb / 4P
   10-bit 70 MSPS 6 Channel Imaging Signal Processor withLVDS Output
logo
Texas Instruments
LM98519 TI1-LM98519 Datasheet
661Kb / 57P
[Old version datasheet]   10-bit 65 MSPS 6 Channel Imaging Signal Processor
logo
National Semiconductor ...
LM98519 NSC-LM98519 Datasheet
150Kb / 6P
   10-bit 65 MSPS 6 Channel Imaging Signal Processor
logo
Analog Devices
ADDI7006BSUZ AD-ADDI7006BSUZ Datasheet
67Kb / 2P
   6-Channel, 10-Bit, 40 MSPS CCD Signal Processor
Rev. SpA
AD9821 AD-AD9821 Datasheet
277Kb / 16P
   Complete 12-Bit 40 MSPS Imaging Signal Processor
REV. 0
AD9821 AD-AD9821_15 Datasheet
283Kb / 16P
   Complete 12-Bit 40 MSPS Imaging Signal Processor
REV. 0
logo
National Semiconductor ...
LM98501 NSC-LM98501 Datasheet
490Kb / 24P
   10-Bit, 27 MSPS Camera Signal Processor
LM98503 NSC-LM98503 Datasheet
203Kb / 25P
   10-Bit, 18 MSPS Camera Signal Processor
NS32FX16-15 NSC-NS32FX16-15 Datasheet
902Kb / 88P
   Imaging/Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com