công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM98620 bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM98620
Giải thích chi tiết về linh kiện  10-Bit 70 MSPS 6 Channel Imaging Signal Processor
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM98620 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  LM98620 Datasheet HTML 1Page - Texas Instruments LM98620 Datasheet HTML 2Page - Texas Instruments LM98620 Datasheet HTML 3Page - Texas Instruments LM98620 Datasheet HTML 4Page - Texas Instruments LM98620 Datasheet HTML 5Page - Texas Instruments LM98620 Datasheet HTML 6Page - Texas Instruments LM98620 Datasheet HTML 7Page - Texas Instruments LM98620 Datasheet HTML 8Page - Texas Instruments LM98620 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 69 page
background image
LM98620
SNAS426C – FEBRUARY 2008 – REVISED MAY 2014
www.ti.com
Pin Functions
PIN
PULLUP
TYPE(1)
DESCRIPTION
PULLDOWN
NAME
NUMBER
SHD/HOLD
1
DI
Data Clamp Pulse/Hold Input
VDDD
2, 15, 19, 54
PI
Digital Power Supply
VSSD
3, 14, 18, 55
PI
Digital Power Supply Ground
CLPIN
4
DI
Input Pulse that Invokes the Input Clamp Switch
BLKCLP
5
DI
PD 108 k
Ω
Input Pulse that Invokes the Black Calibration Loop
DI
PU 108 k
Ω
Input Pulse that Invokes the White Calibration Loop. Tie high to disable
AGC_ONB
6
White Clamp. Pulse Low to initiate White Clamp. (Active Low)
DI
Over Voltage Protection Enable (Active Low). Enables OS input
OVPB
7
protections switches to ground during system power up. Should be tied
high after AFE and CCD voltages have stabilized.
MCLK
8
DI
Master Clock Input
GPI1-5
9 to 13
DI
General Purpose Inputs 1 – 5, mapped into LVDS output data
AO
Optional IBIAS resistor connection. To minimize device to device power
consumption variation, connect an 11k
Ω 1% resistor to VSSA. If no
IBIAS
16
resistor is used, the internal bias and power supply currents will be
subject to normal device to device variation.
VREG1
17, 46
PO
Decoupling connection for VREG1 – Approx. 1.8 V output(2)
Decoupling connection for VREG2 – Approx. 1.8 V output(2)
VREG2
20, 27, 33, 43
PO
TXCLK1
21, 22
DO
Differential LVDS Output Clock 1
TXOUTC1
23, 24
DO
Differential LVDS Output Data C1
TXOUTB1
25, 26
DO
Differential LVDS Output Data B1
VSSLVDS
28, 34, 41, 42
PI
LVDS Power Supply Ground
TXOUTA1
29, 30
DO
Differential LVDS Output Data A1
TXCLK2
31, 32
DO
Differential LVDS Output Clock 2
TXOUTC2
35, 36
DO
Differential LVDS Output Data C2
TXOUTB2
37, 38
DO
Differential LVDS Output Data B2
TXOUTA2
39, 40
DO
Differential LVDS Output Data A2
VDDLVDS
44, 45
PI
LVDS Power Supply
TESTO_1
47
DO
Digital Test Output
TESTO_0
48
DO
Digital Test Output
RESETB
49
DI
PU 108 k
Ω
Master Reset Input(Active Low)
SCLK
50
DI
Serial Clock for the 4-wire Serial Interface
SDI
51
DI
Serial Data for the 4-wire Serial Interface
SENB
52
DI
PU 108 k
Ω
Serial Enable (Active Low) for the 4-wire Serial Interface
SDO
53
DO
Serial Output Data for the 4-wire Serial Interface
56, 65, 69, 73,
PI
VSSA
Analog Power Supply Ground
77
VREF
57
AO
Reference Voltage Bypass – Approx. 1.2 V output(2)
VDDA
58, 67, 71, 75
PI
Analog Power Supply
AO
Top Reference Bypass. Connect to bypass capacitors (see Applications
VREFTOUT
59
and Implementation) and VREFTINx. – Approx. 2.23 V output.(2)
(1)
KEY: A – Analog, D – Digital, P – Power, I – Input, O – Output, PD – Pull-down resistor to VSSD. PU – Pull-up resistor to VDDD.
(2)
Voltages provided for debugging only. Not a guaranteed specification.
4
Submit Documentation Feedback
Copyright © 2008–2014, Texas Instruments Incorporated
Product Folder Links: LM98620


Số phần tương tự - LM98620

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
International Rectifier
LM98620 IRF-LM98620 Datasheet
157Kb / 6P
   10-bit 70 MSPS 6 Channel Imaging Signal Processor with 10-bit 70 MSPS 6 Channel Imaging Signal Processor with
LM98620VHB IRF-LM98620VHB Datasheet
157Kb / 6P
   10-bit 70 MSPS 6 Channel Imaging Signal Processor with 10-bit 70 MSPS 6 Channel Imaging Signal Processor with
More results

Mô tả tương tự - LM98620

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
International Rectifier
LM98620 IRF-LM98620 Datasheet
157Kb / 6P
   10-bit 70 MSPS 6 Channel Imaging Signal Processor with 10-bit 70 MSPS 6 Channel Imaging Signal Processor with
OM7580SC IRF-OM7580SC Datasheet
71Kb / 4P
   10-bit 70 MSPS 6 Channel Imaging Signal Processor withLVDS Output
logo
Texas Instruments
LM98519 TI1-LM98519 Datasheet
661Kb / 57P
[Old version datasheet]   10-bit 65 MSPS 6 Channel Imaging Signal Processor
logo
National Semiconductor ...
LM98519 NSC-LM98519 Datasheet
150Kb / 6P
   10-bit 65 MSPS 6 Channel Imaging Signal Processor
logo
Analog Devices
ADDI7006BSUZ AD-ADDI7006BSUZ Datasheet
67Kb / 2P
   6-Channel, 10-Bit, 40 MSPS CCD Signal Processor
Rev. SpA
AD9821 AD-AD9821 Datasheet
277Kb / 16P
   Complete 12-Bit 40 MSPS Imaging Signal Processor
REV. 0
AD9821 AD-AD9821_15 Datasheet
283Kb / 16P
   Complete 12-Bit 40 MSPS Imaging Signal Processor
REV. 0
logo
National Semiconductor ...
LM98501 NSC-LM98501 Datasheet
490Kb / 24P
   10-Bit, 27 MSPS Camera Signal Processor
LM98503 NSC-LM98503 Datasheet
203Kb / 25P
   10-Bit, 18 MSPS Camera Signal Processor
NS32FX16-15 NSC-NS32FX16-15 Datasheet
902Kb / 88P
   Imaging/Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com