công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM98519 bảng dữ liệu(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM98519
Giải thích chi tiết về linh kiện  10-bit 65 MSPS 6 Channel Imaging Signal Processor
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM98519 bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button LM98519 Datasheet HTML 5Page - Texas Instruments LM98519 Datasheet HTML 6Page - Texas Instruments LM98519 Datasheet HTML 7Page - Texas Instruments LM98519 Datasheet HTML 8Page - Texas Instruments LM98519 Datasheet HTML 9Page - Texas Instruments LM98519 Datasheet HTML 10Page - Texas Instruments LM98519 Datasheet HTML 11Page - Texas Instruments LM98519 Datasheet HTML 12Page - Texas Instruments LM98519 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 57 page
background image
LM98519
www.ti.com
SNAS425C – OCTOBER 2007 – REVISED OCTOBER 2014
Electrical Characteristics (continued)
The following specifications apply for VDDA = VDDD = VDDO = 3.3 V; FMCLK = 65 Ms/s and TA =+25°C unless otherwise
noted. Boldface limits apply for TA = TMIN to TMAX. All other limits apply for TA =+25°C.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
SH3 Mode – ADC Rate MCLK
9
13
SH2 Mode
10.5
14.5
MCLK high to SAMPLE high
tMCS_MIN
ns(5)
(Minimum)(4)
SH1b Mode
2.4
5
CDSb Mode
1.8
4
SH3 Mode – ADC Rate MCLK
0.7
3.5
SH2 Mode
–0.7
3
HOLD high to MCLK high
tHMC_MIN
ns(5)
(Minimum)(4)
SH1b Mode
–2.1
2
CDS Mode
–3.1
1
MCLK high to HOLD high
tMCH_MIN
SH3 Mode – ADC Rate MCLK
1
5
ns
(Minimum)(4)
Aperture delay
4
5
6.9
tAD
ns
Aperture delay variation
0.2
1
tBCLPINB,
CLPIN/BLKCLP Pulse Width
(high or low)
2
tMCLK
tBLKCLP
tIS
CLPIN/BLKCLP Setup
3
ns
tIH
CLPIN/BLKCLP Hold
3
ns
6 Channel mode
16
tC_B
CLPIN neg. edge to BLKCLP start
Pixels
3 Channel mode
10
6 Channel Mode
6 Channel Mode, ADC Rate MCLK
11
tLAT(1)
tMCLK
Channel 1 Latency
6 Channel Mode, Pixel Rate MCLK
5
6 Channel Mode
6 Channel Mode, ADC Rate MCLK
12
tLAT(2)
tMCLK
Channel 2 Latency
6 Channel Mode, Pixel Rate MCLK
5.5
3 Channel Mode ADC=Pixel Rate
tLAT
3 Channel Mode Latency
11
tMCLK
MCLK
Pixel Rate MCLK:
6 Channel Mode – Channel 1
2
5.2
8
ns(6)
6 Channel Mode – Channel 2
2
5
8
tOD
Output Data Delay
ADC Rate MCLK:
6 Channel Mode – Channel 1
3
6
9
ns
6 Channel Mode – Channel 2
3
6
9
3 Channel Mode
2
5.4
9
(4)
Refer to Sampling Timing Diagrams
(5)
Measured with AFEPHASE = 11. For other AFEPHASE settings,these sample input timings will shift earlier with respect to MCLK as
follows. (tHMC will increase by these amounts, tMCH will decrease by these amounts):
(a) AFEPHASE = 10 – Earlier by ¼ pixel period
(b) AFEPHASE = 01 – Earlier by ½ pixel period
(c) AFEPHASE = 00 – Earlier by ¾ pixel period
(6)
In Pixel Rate MCLK mode, the output data delay for Channel 2 data may be different under certain conditions of low MCLK duty cycle (<
50%). In that case the approximate output data delay tOD will increase by the following: (50 – MCLK Duty Cycle Percent)/100 * TMCLK
Copyright © 2007–2014, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM98519


Số phần tương tự - LM98519

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM98519 NSC-LM98519 Datasheet
150Kb / 6P
   10-bit 65 MSPS 6 Channel Imaging Signal Processor
LM98519VHB NSC-LM98519VHB Datasheet
150Kb / 6P
   10-bit 65 MSPS 6 Channel Imaging Signal Processor
More results

Mô tả tương tự - LM98519

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM98519 NSC-LM98519 Datasheet
150Kb / 6P
   10-bit 65 MSPS 6 Channel Imaging Signal Processor
logo
International Rectifier
LM98620 IRF-LM98620 Datasheet
157Kb / 6P
   10-bit 70 MSPS 6 Channel Imaging Signal Processor with 10-bit 70 MSPS 6 Channel Imaging Signal Processor with
logo
Texas Instruments
LM98620 TI1-LM98620 Datasheet
887Kb / 69P
[Old version datasheet]   10-Bit 70 MSPS 6 Channel Imaging Signal Processor
logo
International Rectifier
OM7580SC IRF-OM7580SC Datasheet
71Kb / 4P
   10-bit 70 MSPS 6 Channel Imaging Signal Processor withLVDS Output
logo
Analog Devices
ADDI7006BSUZ AD-ADDI7006BSUZ Datasheet
67Kb / 2P
   6-Channel, 10-Bit, 40 MSPS CCD Signal Processor
Rev. SpA
AD9821 AD-AD9821 Datasheet
277Kb / 16P
   Complete 12-Bit 40 MSPS Imaging Signal Processor
REV. 0
AD9821 AD-AD9821_15 Datasheet
283Kb / 16P
   Complete 12-Bit 40 MSPS Imaging Signal Processor
REV. 0
AD6620 AD-AD6620 Datasheet
354Kb / 43P
   65 MSPS Digital Receive Signal Processor
REV. 0
logo
National Semiconductor ...
LM98501 NSC-LM98501 Datasheet
490Kb / 24P
   10-Bit, 27 MSPS Camera Signal Processor
LM98503 NSC-LM98503 Datasheet
203Kb / 25P
   10-Bit, 18 MSPS Camera Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com