công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM98519 bảng dữ liệu(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM98519
Giải thích chi tiết về linh kiện  10-bit 65 MSPS 6 Channel Imaging Signal Processor
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM98519 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  LM98519 Datasheet HTML 1Page - Texas Instruments LM98519 Datasheet HTML 2Page - Texas Instruments LM98519 Datasheet HTML 3Page - Texas Instruments LM98519 Datasheet HTML 4Page - Texas Instruments LM98519 Datasheet HTML 5Page - Texas Instruments LM98519 Datasheet HTML 6Page - Texas Instruments LM98519 Datasheet HTML 7Page - Texas Instruments LM98519 Datasheet HTML 8Page - Texas Instruments LM98519 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 57 page
background image
LM98519
SNAS425C – OCTOBER 2007 – REVISED OCTOBER 2014
www.ti.com
Pin Functions(1) (continued)
PIN
TYPE
DESCRIPTION
NUMBER
NAME
9
MCLK
DI
Master Clock Input
10, 23, 35, 47
VSSO
PI
Output Driver Power Supply Ground
11, 24, 36, 48
VDDO
PI
Output Driver Power Supply
12-21
DB0–DB9
DO
Bit 0 – Bit 9 of the Blue Channel
22
VREG
PO
Decoupling connection for VREG – Internal Voltage for Logic
25-34
DG0–DG9
DO
Bit 0 – Bit 9 of the Green Channel
37-46
DR0–DG9
DO
Bit 0 – Bit 9 of the Red Channel
39
DR2 (TESTO0)
DO
Bit 2 of Red Channel Data or TESTO0 timing monitor output (Timing monitor output
selected by setting Register 0x00, Bit 1 = 1)
40
DR3 (TESTO1)
DO
Bit 3 of Red Channel Data or TESTO1 timing monitor output (Timing monitor output
selected by setting Register 0x00, Bit 1 = 1)
49
RESETB
DI
Master Reset Input (Active Low)
Pulldown 108 k
50
SCLK
DI
Serial Clock for the 4-wire Serial Interface
51
SDI
DI
Serial Input Data for the 4-wire Serial Interface
52
SENB
DI
Serial Enable (Active Low) for the 4-wire Serial Interface
Pulldown 108 k
53
SDO
DO
Serial Output Data for the 4-wire Serial Interface
56, 65, 69, 73,
VSSA
PI
Analog Power Supply Ground
77
57
VREF
AO
Reference Voltage Bypass
58, 67, 71, 75
VDDA
PI
Analog Power Supply
59
VREFTOUT
AO
Top Reference Bypass. Connect to bypass capacitors (see applications section) and
VREFTINx. – Approx. 2.23 V output(2)
60
VREFBOUT
AO
Bottom Reference Bypass. Connect to bypass capacitors (see applications section)
and VREFBINx. – Approx. 0.98 V output(2)
61
VREFBIN2
AI
Bottom Reference Input Voltage for the ADC. Connect to VREFBOUT.
62
VREFTIN2
AI
Top Reference Input Voltage for the ADC. Connect to VREFTOUT.
63
VREFBIN1
AI
Bottom Reference Input Voltage for the AFE. Connect to VREFBOUT.
64
VREFTIN1
AI
Top Reference Input Voltage for the AFE. Connect to VREFTOUT.
66
OSR1
AI
Input Voltage 1 for the Red Channel
68
OSR2
AI
Input Voltage 2 for the Red Channel
70
OSG1
AI
Input Voltage 1 for the Green Channel
72
OSG2
AI
Input Voltage 2 for the Green Channel
74
OSB1
AI
Input Voltage 1 for the Blue Channel
76
OSB2
AI
Input Voltage 2 for the Blue Channel
78
VCLP_EXT
AI
External Clamp Voltage
79
VCLP_INT
AO
Internally Supplied V-Clamp Voltage
80
SHP/ SAMPLE
DI
Pedestal Clamp Pulse
(2)
Voltages provided for debugging only. Not an ensured specification.
4
Submit Documentation Feedback
Copyright © 2007–2014, Texas Instruments Incorporated
Product Folder Links: LM98519


Số phần tương tự - LM98519

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM98519 NSC-LM98519 Datasheet
150Kb / 6P
   10-bit 65 MSPS 6 Channel Imaging Signal Processor
LM98519VHB NSC-LM98519VHB Datasheet
150Kb / 6P
   10-bit 65 MSPS 6 Channel Imaging Signal Processor
More results

Mô tả tương tự - LM98519

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM98519 NSC-LM98519 Datasheet
150Kb / 6P
   10-bit 65 MSPS 6 Channel Imaging Signal Processor
logo
International Rectifier
LM98620 IRF-LM98620 Datasheet
157Kb / 6P
   10-bit 70 MSPS 6 Channel Imaging Signal Processor with 10-bit 70 MSPS 6 Channel Imaging Signal Processor with
logo
Texas Instruments
LM98620 TI1-LM98620 Datasheet
887Kb / 69P
[Old version datasheet]   10-Bit 70 MSPS 6 Channel Imaging Signal Processor
logo
International Rectifier
OM7580SC IRF-OM7580SC Datasheet
71Kb / 4P
   10-bit 70 MSPS 6 Channel Imaging Signal Processor withLVDS Output
logo
Analog Devices
ADDI7006BSUZ AD-ADDI7006BSUZ Datasheet
67Kb / 2P
   6-Channel, 10-Bit, 40 MSPS CCD Signal Processor
Rev. SpA
AD9821 AD-AD9821 Datasheet
277Kb / 16P
   Complete 12-Bit 40 MSPS Imaging Signal Processor
REV. 0
AD9821 AD-AD9821_15 Datasheet
283Kb / 16P
   Complete 12-Bit 40 MSPS Imaging Signal Processor
REV. 0
AD6620 AD-AD6620 Datasheet
354Kb / 43P
   65 MSPS Digital Receive Signal Processor
REV. 0
logo
National Semiconductor ...
LM98501 NSC-LM98501 Datasheet
490Kb / 24P
   10-Bit, 27 MSPS Camera Signal Processor
LM98503 NSC-LM98503 Datasheet
203Kb / 25P
   10-Bit, 18 MSPS Camera Signal Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com