công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM97937RMET bảng dữ liệu(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM97937RMET
Giải thích chi tiết về linh kiện  Dual 370 MSPS Receiver and Feedback IC With SNRBoost, Bit-Burst, and JESD204B Outputs
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM97937RMET bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button LM97937RMET Datasheet HTML 3Page - Texas Instruments LM97937RMET Datasheet HTML 4Page - Texas Instruments LM97937RMET Datasheet HTML 5Page - Texas Instruments LM97937RMET Datasheet HTML 6Page - Texas Instruments LM97937RMET Datasheet HTML 7Page - Texas Instruments LM97937RMET Datasheet HTML 8Page - Texas Instruments LM97937RMET Datasheet HTML 9Page - Texas Instruments LM97937RMET Datasheet HTML 10Page - Texas Instruments LM97937RMET Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 80 page
background image
VA3.3
+
-
SDO
80:
80:
VA3.3
VA1.2
LM97937
www.ti.com
SNVS990A – DECEMBER 2013 – REVISED JANUARY 2014
PIN
NAME
TYPE/DIAGRAM
DESCRIPTION
SPI Interface Serial Clock pin.
Serial data is shifted into and out of the
53
SCLK
device synchronous with this clock signal.
Compatible with 1.2 – 3.3 V CMOS logic
levels.
SPI Interface Chip Select pin.
When this signal is asserted, SCLK is used
to clock the input serial data on the SDI pin
or output serial data on the SDO pin. When
this signal is de-asserted, the SDO pin is
54
CSB
high impedance and the input data is
ignored. Active low. A 10 k
Ω pull-up resistor
to the VA1.8 supply is recommended to
prevent undesired activation of the SPI bus.
Compatible with 1.2 – 3.3 V CMOS logic
levels.
SPI Interface Data Input pin.
Serial data is shifted into the device on this
47
SDI
pin while the CSB signal is asserted.
Compatible with 1.2 – 3.3 V CMOS logic
levels.
SPI Interface Data Output pin.
Serial data is shifted out of the device on
this pin during a read command while CSB
is asserted. The output logic level is
48
SDO
configurable as 1.2 V, 1.8 V, 2.5 V or 3.3 V.
The output level MUST be configured after
power up and before performing a read
command. See the Register Map for
configuration details.
3.3 V Analog Power Supply pin.
This pin must be connected to a quiet
2, 13, 42
VA3.3
Supply Input Pin
source and decoupled to AGND with a 0.1
μF and a 0.01 μF capacitor located close to
the pin.
1.8 V Analog Power Supply pins.
These pins must be connected to a quiet
7, 15, 20, 29, 51, 56
VA1.8
Supply Input Pin
source and decoupled to AGND with a 0.1
μF and a 0.01 μF capacitor located close to
each pin.
1.2 V Analog Power Supply pins.
These pins must be connected to a quiet
8, 21, 30, 50
VA1.2
Supply Input Pin
source and decoupled to AGND with a 0.1
μF and a 0.01 μF capacitor located close to
each pin.
1.2 V Digital Power Supply pin.
This pin must be connected to a quiet
26, 45
VD1.2
Supply Input Pin
source and decoupled to AGND with a 0.1
μF and a 0.01 μF capacitor located close to
each pin.
Capacitive Bypassing pin for internally
regulated 2.5 V supply.
41
BP2.5
Bypass Pins
This pin must be decoupled to AGND with a
0.1
μF and a 10 uF capacitor located close
to the pin.
Analog Ground.
3, 6, 9, 12, 16, 19, 22,
AGND
Analog Ground
Must be connected to a solid ground
31, 40, 49, 52, 55
reference plane under the device.
Copyright © 2013–2014, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM97937


Số phần tương tự - LM97937RMET

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM97937 TI-LM97937_15 Datasheet
4Mb / 80P
[Old version datasheet]   LM97937 Dual 370 MSPS Receiver and Feedback IC With SNRBoost, Bit-Burst, and JESD204B Outputs
More results

Mô tả tương tự - LM97937RMET

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM97937 TI-LM97937_15 Datasheet
4Mb / 80P
[Old version datasheet]   LM97937 Dual 370 MSPS Receiver and Feedback IC With SNRBoost, Bit-Burst, and JESD204B Outputs
ADS54T02 TI-ADS54T02_15 Datasheet
1Mb / 49P
[Old version datasheet]   Dual Channel 12-Bit 750 Msps Receiver and Feedback IC
ADS54T02 TI-ADS54T02 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Channel 12-Bit 750 Msps Receiver and Feedback IC
ADS54T04 TI-ADS54T04_15 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Channel 12-Bit 500Msps Receiver and Feedback IC
ADS54T04 TI-ADS54T04 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Channel 12-Bit 500Msps Receiver and Feedback IC
ADS62PF49 TI1-ADS62PF49 Datasheet
581Kb / 8P
[Old version datasheet]   Dual-Channel, 250-MSPS Feedback Receiver IC
ADS58J89 TI-ADS58J89_15 Datasheet
2Mb / 77P
[Old version datasheet]   ADS58J89 Quad Channel 14-Bit 250/500 MSPS Receiver and Feedback IC
ADS54T01 TI-ADS54T01 Datasheet
1Mb / 43P
[Old version datasheet]   Single 12-Bit 750Msps Receiver and Feedback IC
ADC32RF82 TI1-ADC32RF82 Datasheet
7Mb / 151P
[Old version datasheet]   Dual-Channel, 2457.6-MSPS Telecom Receiver and Feedback Device
ADS54T01 TI-ADS54T01_15 Datasheet
1Mb / 47P
[Old version datasheet]   Single 12-Bit 750Msps Receiver and Feedback IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com