công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM97937 bảng dữ liệu(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM97937
Giải thích chi tiết về linh kiện  Dual 370 MSPS Receiver and Feedback IC With SNRBoost, Bit-Burst, and JESD204B Outputs
Download  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM97937 bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button LM97937 Datasheet HTML 4Page - Texas Instruments LM97937 Datasheet HTML 5Page - Texas Instruments LM97937 Datasheet HTML 6Page - Texas Instruments LM97937 Datasheet HTML 7Page - Texas Instruments LM97937 Datasheet HTML 8Page - Texas Instruments LM97937 Datasheet HTML 9Page - Texas Instruments LM97937 Datasheet HTML 10Page - Texas Instruments LM97937 Datasheet HTML 11Page - Texas Instruments LM97937 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 80 page
background image
LM97937
SNVS990A – DECEMBER 2013 – REVISED JANUARY 2014
www.ti.com
PIN
NAME
TYPE/DIAGRAM
DESCRIPTION
Digital Ground.
Must be connected to the same solid ground
reference plane under the device to which
25, 46
DGND
Digital Ground
AGND connects. Bypass capacitors
connected to the VD1.2 pins must be
connected to ground as close to this DGND
pins as possible.
Exposed Thermal Pad.
The exposed pad must be connected to the
0
Exposed Thermal Pad
AGND ground plane electrically and with
good thermal dissipation properties to
ensure rated performance.
ABSOLUTE MAXIMUM RATINGS
Absolute maximum ratings are those values beyond which the safety of the device cannot be guaranteed. They are not
meant to imply that the device should be operated at these limits.
VALUE
UNIT
MIN
MAX
Supply Voltage: VA3.3
–0.3
4.2
V
Supply Voltage: VA1.8
–0.3
2.35
V
Supply Voltage: VA1.2, VD1.2
–0.3
1.55
V
Voltage at VINA+, VINA–
VCMA – 1.0
VCMA + 0.75
V
Voltage at VINB+, VINB-
VCMB – 1.0
VCMB + 0.75
V
Voltage at VCMA, VCMB
–0.3
VA3.3 + 0.3, not to exceed 4.2 V
V
Voltage at OVRA /TRIGRDY, ORVB/TRIGGER
–0.3
VA1.8 + 0.3
V
Voltage at SCLK, SDI, CSb
–0.3
VA3.3 + 0.3, not to exceed 4.2 V
V
Voltage at SDO
–0.3
VSPI + 0.3, not to exceed 4.2 V
V
Voltage at CLKIN+, CLKIN–, SYSREF+, SYSREF–
–0.3
1.55
V
Voltage at SYNC+, SYNC–
–0.3
VBP2.5 + 0.3
V
Voltage at BP2.5
–0.3
3.2
V
Voltage at SA0+, SA0–, SA1+, SA1–, SB0+, SB0–, SB1+,
–0.3
VBP2.5 + 0.3
V
SB1–
Input Current at any Pin(1)
5
mA
Junction Temperature
Maximum rated operating junction
+125
°C
(TJ)
temperature(2)
Recommended long-term operating
+105
°C
junction temperature
Storage Temperature Range
–65
+150
°C
ESD Rating
Human Body Model
1000
V
Charged Device Model
250
V
(1)
When the input voltage at any pin exceeds the VA3.3 power supply (that is VIN > VA3.3 or VIN < AGND) the current at that pin should be
limited to +/-5mA. The +/-50mA maximum package input current rating limits the number of pins that can safely exceed the power
supplies with an input current of +/-5mA to 10 pins.
(2)
Prolonged use at this temperature may increase the device failure-in-time (FIT) rate.
8
Submit Documentation Feedback
Copyright © 2013–2014, Texas Instruments Incorporated
Product Folder Links: LM97937


Số phần tương tự - LM97937

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM97937 TI-LM97937_15 Datasheet
4Mb / 80P
[Old version datasheet]   LM97937 Dual 370 MSPS Receiver and Feedback IC With SNRBoost, Bit-Burst, and JESD204B Outputs
More results

Mô tả tương tự - LM97937

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM97937 TI-LM97937_15 Datasheet
4Mb / 80P
[Old version datasheet]   LM97937 Dual 370 MSPS Receiver and Feedback IC With SNRBoost, Bit-Burst, and JESD204B Outputs
ADS54T02 TI-ADS54T02_15 Datasheet
1Mb / 49P
[Old version datasheet]   Dual Channel 12-Bit 750 Msps Receiver and Feedback IC
ADS54T02 TI-ADS54T02 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Channel 12-Bit 750 Msps Receiver and Feedback IC
ADS54T04 TI-ADS54T04_15 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Channel 12-Bit 500Msps Receiver and Feedback IC
ADS54T04 TI-ADS54T04 Datasheet
1Mb / 44P
[Old version datasheet]   Dual Channel 12-Bit 500Msps Receiver and Feedback IC
ADS62PF49 TI1-ADS62PF49 Datasheet
581Kb / 8P
[Old version datasheet]   Dual-Channel, 250-MSPS Feedback Receiver IC
ADS58J89 TI-ADS58J89_15 Datasheet
2Mb / 77P
[Old version datasheet]   ADS58J89 Quad Channel 14-Bit 250/500 MSPS Receiver and Feedback IC
ADS54T01 TI-ADS54T01 Datasheet
1Mb / 43P
[Old version datasheet]   Single 12-Bit 750Msps Receiver and Feedback IC
ADC32RF82 TI1-ADC32RF82 Datasheet
7Mb / 151P
[Old version datasheet]   Dual-Channel, 2457.6-MSPS Telecom Receiver and Feedback Device
ADS54T01 TI-ADS54T01_15 Datasheet
1Mb / 47P
[Old version datasheet]   Single 12-Bit 750Msps Receiver and Feedback IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com