công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM97593 bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM97593
Giải thích chi tiết về linh kiện  Dual ADC / Digital Tuner / AGC
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM97593 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  LM97593 Datasheet HTML 1Page - Texas Instruments LM97593 Datasheet HTML 2Page - Texas Instruments LM97593 Datasheet HTML 3Page - Texas Instruments LM97593 Datasheet HTML 4Page - Texas Instruments LM97593 Datasheet HTML 5Page - Texas Instruments LM97593 Datasheet HTML 6Page - Texas Instruments LM97593 Datasheet HTML 7Page - Texas Instruments LM97593 Datasheet HTML 8Page - Texas Instruments LM97593 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 62 page
background image
LM97593
www.ti.com
SNWS019B – JULY 2007 – REVISED APRIL 2013
PIN DESCRIPTIONS AND EQUIVALENT CIRCUITS (continued)
Pin No.
Symbol
Equivalent Circuit
Description
CHIP ENABLE. Active low
This control strobe enables the read or write operation. The contents of
60
CE
Input
the register selected by A[7:0] will be output on D[7:0] when RD is low
and CE is low. If WR is low and CE is low, then the selected register will
be loaded with the contents of D[7:0].
116
TDO
Output
TEST DATA OUT. Active high
117
TDI
Input
TEST DATA IN. Active high with pull-up
118
TMS
Input
TEST MODE SELECT. Active high with pull-up
119
TCK
Input
TEST CLOCK. Active high. Tie low if JTAG is not used.
TEST RESET. Active low with pull-up
121
TRST
Input
Asynchronous reset for TAP controller. Tie low or to MR if JTAG is not
used.
SCAN ENABLE. Active low with pull-up
122
SCAN_EN
Input
Enables access to internal scan registers. Tie high. Used for
manufacturing test only!
Digital Power Supplies
38, 39, 64,
79, 92, 102,
VDR
DDC Output Driver Power
I/O Power Supply, 3.3V nominal. Quantity 8.
107, 128
1, 47, 61, 68,
83, 89, 98,
DRGND
DDC Output Driver Ground
I/O Ground Return. Quantity 8.
110
49, 74, 85,
VD18
DDC Core Power
DSP Digital Core Power Supply, 1.8V nominal. Quantity 5.
115, 123
49, 74, 85,
VD18
DDC Core Power
DSP Digital Core Power Supply, 1.8V nominal. Quantity 5.
115, 123
44, 51, 65,
66, 76, 103,
D18GND
DDC Core Ground
DSP Digital Core Ground Return. Quantity 7.
120
4, 6, 31, 34
VD
ADC Digital Power
ADC Digital Logic Power Supply, 3.3V nominal. Quantity 4.
5, 7, 32, 33
DGND
ADC Digital Ground
ADC Digital Logic Ground Return. Quantity 4.
Analog Power Supplies
10, 11, 19,
VA
ADC Analog Power
ADC Analog Power Supply, 3.3V nominal. Quantity 5.
25, 29
2, 9, 12, 18,
AGND
ADC Analog Ground
ADC Analog Ground Return. Quantity 6.
20, 28
Unconnected Pins
3, 35, 36, 67,
NC
NC
Not Connected. These pins should be left floating.
100, 101
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM97593


Số phần tương tự - LM97593

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM97593 NSC-LM97593 Datasheet
3Mb / 50P
   Dual ADC / Digital Tuner / AGC
LM97593EB NSC-LM97593EB Datasheet
3Mb / 50P
   Dual ADC / Digital Tuner / AGC
LM97593VH NSC-LM97593VH Datasheet
3Mb / 50P
   Dual ADC / Digital Tuner / AGC
More results

Mô tả tương tự - LM97593

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM97593 NSC-LM97593 Datasheet
3Mb / 50P
   Dual ADC / Digital Tuner / AGC
CLC5902 NSC-CLC5902 Datasheet
783Kb / 28P
   Dual Digital Tuner/AGC
CLC5903 NSC-CLC5903 Datasheet
698Kb / 29P
   Dual Digital Tuner / AGC
logo
Texas Instruments
CLC5903 TI1-CLC5903 Datasheet
737Kb / 31P
[Old version datasheet]   Dual Digital Tuner/AGC
logo
Infineon Technologies A...
TUA6039-2 INFINEON-TUA6039-2 Datasheet
1Mb / 64P
   3 Band Digital / Hybrid Tuner IC with integrated IF AGC amplifier
Revision 2.6, August 2007
TUA6039F-2 INFINEON-TUA6039F-2 Datasheet
1Mb / 62P
   3 Band Digital / Hybrid Tuner IC with integrated IF AGC amplifier
Revision 2.0, July 2007
logo
Synaptics Incorporated.
CX24128 CONEXANT-CX24128 Datasheet
1Mb / 2P
   Digital Satellite Dual Tuner RF IC
logo
Zarlink Semiconductor I...
SL1914AKG ZARLINK-SL1914AKG Datasheet
118Kb / 9P
   SATELLITE TUNER FRONT END LNA WITH AGC
SL2150D ZARLINK-SL2150D Datasheet
319Kb / 16P
   Cable Tuner Front End LNA with AGC
logo
Fairchild Semiconductor
KSC1393 FAIRCHILD-KSC1393 Datasheet
41Kb / 4P
   TV VHF Tuner RF Amplifier (Forward AGC)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com