công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM96550 bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện LM96550
Giải thích chi tiết về linh kiện  Ultrasound Transmit Pulser
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM96550 bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button LM96550_14 Datasheet HTML 2Page - Texas Instruments LM96550_14 Datasheet HTML 3Page - Texas Instruments LM96550_14 Datasheet HTML 4Page - Texas Instruments LM96550_14 Datasheet HTML 5Page - Texas Instruments LM96550_14 Datasheet HTML 6Page - Texas Instruments LM96550_14 Datasheet HTML 7Page - Texas Instruments LM96550_14 Datasheet HTML 8Page - Texas Instruments LM96550_14 Datasheet HTML 9Page - Texas Instruments LM96550_14 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
LM96550
SNAS504F – AUGUST 2010 – REVISED MAY 2013
www.ti.com
ANALOG CHARACTERISTICS (continued)
Unless otherwise stated, the following conditions apply
VLL = +3.3V, VPP =
−VNN = 50V, VPF = −VNF = VPP-10V, VDD = −VDN = 10V, VSUB = −55V, RL = 2 KΩ, TA = 25°C,
Mode = LO, EN = HI, Fin=5MHz
Symbol
Parameter
Conditions
Min
Typ
Max
Units
VPP
0.7
3
VNN
0.5
4.5
mA
VDD
8
13
VDN
4
7
Pin = Nin = 0
VLL
25
50
µA
VSUB
1.2
6
VPF
0.1
1.5
mA
VNF
0.1
1.5
Power Supply Current
VPP
0.7
3
VNN
0.5
4.5
mA
VDD
0.4
2.7
VDN
0.1
2.2
En = 0
VLL
25
50
µA
VSUB
1.2
6
VPF
0.1
1.5
mA
VNF
0.1
1.5
OPT
Over Temperature
125
°C
Protection
σOTP
OTP sigma
3.0
°C
HsysOTP
OTP hysteresis
5.5
°C
AC AND TIMING CHARACTERISTICS
Unless otherwise stated, the following conditions apply.
VLL = +3.3V, VDD =
−VDN = 10V, VSUB = −55V, VPP = −VNN = 50V, VPF = −VNF = 40V, CL = 330pF, RL = 100 Ω, TA =
25°C, Fin=5MHz, Mode=LO, EN=HI
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
tr
Output rise time
18
26
See (1)
ns
tf
Output fall time
18
26
tE
Enable time
1
µs
tdr
Delay time on inputs rise
32
39
See (1)
tdf
Delay time on inputs fall
32
39
ns
| tdr - tdr |
Delay time mismatch
P-to-N See (1)(2)
3
tdm
Delay on mode change
1
µs
(1)
VNF = -42V, VPF = 38V
(2)
The delay time mismatch can be adjust to be less than 0.8ns with the LM96570 duty cycle control function.
DC CHARACTERISTICS
Unless otherwise stated, the following conditions apply.
VLL = +3.3V, VDD =
−VDN = 10V, VSUB = −55V, VPP = −VNN = 50V, VPF = −VNF = 40V, TA = 25°C,
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIL
Low Input “LO” threshold
1
V
VIH
High Input “HI” threshold
2.3
V
IIN
input current
1
µA
6
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM96550


Số phần tương tự - LM96550_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM96550SQ TI1-LM96550SQ Datasheet
1Mb / 14P
[Old version datasheet]   LM96550 Ultrasound Transmit Pulser
LM96550SQE TI1-LM96550SQE Datasheet
1Mb / 14P
[Old version datasheet]   LM96550 Ultrasound Transmit Pulser
LM96550SQX TI1-LM96550SQX Datasheet
1Mb / 14P
[Old version datasheet]   LM96550 Ultrasound Transmit Pulser
More results

Mô tả tương tự - LM96550_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM96551 TI1-LM96551 Datasheet
1Mb / 14P
[Old version datasheet]   Ultrasound Transmit Pulser
LM96551 TI1-LM96551_16 Datasheet
1Mb / 17P
[Old version datasheet]   Ultrasound Transmit Pulser
LM96550 TI1-LM96550 Datasheet
1Mb / 14P
[Old version datasheet]   LM96550 Ultrasound Transmit Pulser
logo
STMicroelectronics
AN3240 STMICROELECTRONICS-AN3240 Datasheet
1Mb / 32P
   Ultrasound HV pulser demonstration board
logo
Texas Instruments
LM96530 TI1-LM96530_14 Datasheet
901Kb / 18P
[Old version datasheet]   Ultrasound Transmit/Receive Switch
LM96530 TI1-LM96530_15 Datasheet
900Kb / 18P
[Old version datasheet]   Ultrasound Transmit/Receive Switch
logo
Supertex, Inc
HV739 SUTEX-HV739 Datasheet
640Kb / 7P
   High Speed 짹100V 3.0A Ultrasound Pulser
logo
Texas Instruments
LM96570 TI1-LM96570_13 Datasheet
1Mb / 33P
[Old version datasheet]   Ultrasound Configurable Transmit Beamformer
LM96530 TI1-LM96530 Datasheet
391Kb / 16P
[Old version datasheet]   Ultrasound Transmit/Receive Switch
LM96570 TI1-LM96570 Datasheet
622Kb / 32P
[Old version datasheet]   LM96570 Ultrasound Configurable Transmit Beamformer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com