công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM96550 bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện LM96550
Giải thích chi tiết về linh kiện  Ultrasound Transmit Pulser
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM96550 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  LM96550_14 Datasheet HTML 1Page - Texas Instruments LM96550_14 Datasheet HTML 2Page - Texas Instruments LM96550_14 Datasheet HTML 3Page - Texas Instruments LM96550_14 Datasheet HTML 4Page - Texas Instruments LM96550_14 Datasheet HTML 5Page - Texas Instruments LM96550_14 Datasheet HTML 6Page - Texas Instruments LM96550_14 Datasheet HTML 7Page - Texas Instruments LM96550_14 Datasheet HTML 8Page - Texas Instruments LM96550_14 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
LM96550
SNAS504F – AUGUST 2010 – REVISED MAY 2013
www.ti.com
PIN DESCRIPTIONS
Pin No.
Name
Type
Function and Connection
Logic control positive output channel P
21, 23, 25, 27, 33, 35, 37,
PIN
Input
1 = ON
39
n=0...7
0 = OFF
Logic control negative output channel N
22, 24, 26, 28, 34, 36, 38,
NIN
Input
1 = ON
40
n=0...7
0 = OFF
59, 60
VOUT7
62, 63
VOUT6
65, 66
VOUT5
68, 69
VOUT4
Output
High voltage output of channels 0 to 7
72, 73
VOUT3
75, 76
VOUT2
78, 79
VOUT1
1, 2
VOUT0
Chip power enable
29
EN
Input
1 = ON
0 = OFF
Output current mode control
31
MODE
Input
1 = Max Current
0 = Low Current
Over-temperature indicating IC temp > 125°C
0 = Over-temperature
30
OTP
Output
1 = Normal temperature
This pin is open-drain.
4, 5, 6, 7, 54, 55, 56, 57
VPP
Power
Positive high voltage power supply (+3.3V to +50V)
11, 12, 13, 14, 47, 48, 49,
VNN
Power
Negative high voltage power supply (-3.3V to -50V)
50
8, 53
VPF
Power
Positive floating power supply (VPP -10V)
10, 51
VNF
Power
Negative floating power supply (VNN +10V)
18, 43
VDD
Power
Positive level-shifter supply voltage (+10V)
16, 45
VDN
Power
Negative level-shifter supply voltage (-10V)
20, 41
VLL
Power
Logic supply voltage. Hi voltage reference input (+2.5 to +5V)
All VSUB pins must be connected to most negative potential of the IC.
0, 15, 46
VSUB
Power
NOTE: The exposed thermal pad is connected to VSUB.
3, 9, 52, 58, 61, 64, 67, 70,
HVGND
Ground
High voltage reference potential (0V)
71, 74, 77, 80
17, 19, 32, 42, 44
AGND
Ground
Analog and Logic voltage reference input, logic ground (0V)
4
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM96550


Số phần tương tự - LM96550_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM96550SQ TI1-LM96550SQ Datasheet
1Mb / 14P
[Old version datasheet]   LM96550 Ultrasound Transmit Pulser
LM96550SQE TI1-LM96550SQE Datasheet
1Mb / 14P
[Old version datasheet]   LM96550 Ultrasound Transmit Pulser
LM96550SQX TI1-LM96550SQX Datasheet
1Mb / 14P
[Old version datasheet]   LM96550 Ultrasound Transmit Pulser
More results

Mô tả tương tự - LM96550_14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM96551 TI1-LM96551 Datasheet
1Mb / 14P
[Old version datasheet]   Ultrasound Transmit Pulser
LM96551 TI1-LM96551_16 Datasheet
1Mb / 17P
[Old version datasheet]   Ultrasound Transmit Pulser
LM96550 TI1-LM96550 Datasheet
1Mb / 14P
[Old version datasheet]   LM96550 Ultrasound Transmit Pulser
logo
STMicroelectronics
AN3240 STMICROELECTRONICS-AN3240 Datasheet
1Mb / 32P
   Ultrasound HV pulser demonstration board
logo
Texas Instruments
LM96530 TI1-LM96530_14 Datasheet
901Kb / 18P
[Old version datasheet]   Ultrasound Transmit/Receive Switch
LM96530 TI1-LM96530_15 Datasheet
900Kb / 18P
[Old version datasheet]   Ultrasound Transmit/Receive Switch
logo
Supertex, Inc
HV739 SUTEX-HV739 Datasheet
640Kb / 7P
   High Speed 짹100V 3.0A Ultrasound Pulser
logo
Texas Instruments
LM96570 TI1-LM96570_13 Datasheet
1Mb / 33P
[Old version datasheet]   Ultrasound Configurable Transmit Beamformer
LM96530 TI1-LM96530 Datasheet
391Kb / 16P
[Old version datasheet]   Ultrasound Transmit/Receive Switch
LM96570 TI1-LM96570 Datasheet
622Kb / 32P
[Old version datasheet]   LM96570 Ultrasound Configurable Transmit Beamformer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com