công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM96530 bảng dữ liệu(PDF) 10 Page - Texas Instruments

tên linh kiện LM96530
Giải thích chi tiết về linh kiện  Ultrasound Transmit/Receive Switch
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM96530 bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button LM96530_15 Datasheet HTML 6Page - Texas Instruments LM96530_15 Datasheet HTML 7Page - Texas Instruments LM96530_15 Datasheet HTML 8Page - Texas Instruments LM96530_15 Datasheet HTML 9Page - Texas Instruments LM96530_15 Datasheet HTML 10Page - Texas Instruments LM96530_15 Datasheet HTML 11Page - Texas Instruments LM96530_15 Datasheet HTML 12Page - Texas Instruments LM96530_15 Datasheet HTML 13Page - Texas Instruments LM96530_15 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
OUTn
VLL
BG
HVGND
VSS
VDD
AGND
High-voltage
pulser
VPP
VNN
INn
SDI
SDO
RREF
VSUB
RREF
VOUT
Pin
Nin
SCSI
Pn
RT
SCSO
SCLKO
.
SW_OFF
SPI_EN
SCLKI
P7
P6
P5
P4
P3
P2
P1
P0
LM96530
SNAS499F – AUGUST 2010 – REVISED MAY 2013
www.ti.com
FUNCTIONAL DESCRIPTION
The LM96530 RX switch provides an 8-channel receive side interface solution for medical ultrasound
applications suitable for integration into multi-channel (128 / 256 channel) systems. Its diode-bridge-based
architecture allows high-speed low-distortion channel designs targeting low-power, portable systems. A complete
system can be designed using Texas Instruments’ companion LM965XX chipset.
Figure 11. Block Diagram of T/R Channel
A functional block diagram of the IC is shown in Figure 11. Each RX switch channel on the IC has a high-voltage
input that can be directly connected to a transducer driven by a high-voltage pulser, such as the LM96550. The
input feeds into a diode bridge with its output being diode-clamped to ± 0.7V. The diode bridge bias current is set
to 1 mA with Rref = 50K
Ω. Therefore, the output can be directly connected to a low noise amplifier (LNA) stage
which must be protected from the high-voltage signals on the transducer.
The bias current of the bridge is determined by two equally-sized current sources with their current value ranging
between 0 and 8mA depending on the external resistor Rref at the input of the bandgap reference block. While
the bias current is the same value for all channels on the IC, each channel can be switched on and off
individually with an 8–bit shift register that is programmed via a SPI™ compatible bus.
The on-chip analog circuitry requires dual 5V supplies VDD and VSS, a single logic supply VLL, and a high
voltage negative bias, VSUB.
SERIAL INTERFACE OPERATION
The digital interface is comprised of an 8-bit shift register and a latch. Each bit controls one T/R switch channel,
where the MSB bit, i.e., the first bit written (D7) controls channel 7, and the LSB bit (D0) controls channel 0. The
three input pins, SDI, SCSI and SCKl, are all Schmitt Trigger inputs with 0.5V typical hysteresis. The output pins
SDO, SCSO, and SCLKO are SPI™ compatible. The serial data input SDI is synchronously read into the shift
register on the rising edge of the clock SCKI. When SCSI changes from low to high, the data in the shift register
is transferred to the latch circuit, and output on the parallel data signals P0 through P7 which drive the switched
bias current sources for channels n=0,…, 7, respectively. When SCSI changes from high to low, the latch output
Pn, and thus the biasing condition, does not change.
10
Submit Documentation Feedback
Copyright © 2010–2013, Texas Instruments Incorporated
Product Folder Links: LM96530


Số phần tương tự - LM96530_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM96530 TI1-LM96530_14 Datasheet
901Kb / 18P
[Old version datasheet]   Ultrasound Transmit/Receive Switch
More results

Mô tả tương tự - LM96530_15

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM96530 TI1-LM96530_14 Datasheet
901Kb / 18P
[Old version datasheet]   Ultrasound Transmit/Receive Switch
LM96530 TI1-LM96530 Datasheet
391Kb / 16P
[Old version datasheet]   Ultrasound Transmit/Receive Switch
logo
RF Micro Devices
RF2436 RFMD-RF2436 Datasheet
42Kb / 6P
   TRANSMIT/RECEIVE SWITCH
RF2436 RFMD-RF2436_06 Datasheet
65Kb / 6P
   TRANSMIT/RECEIVE SWITCH
RF2436 RFMD-RF2436_1 Datasheet
144Kb / 6P
   TRANSMIT/RECEIVE SWITCH
logo
Texas Instruments
LM96551 TI1-LM96551_16 Datasheet
1Mb / 17P
[Old version datasheet]   Ultrasound Transmit Pulser
LM96551 TI1-LM96551 Datasheet
1Mb / 14P
[Old version datasheet]   Ultrasound Transmit Pulser
LM96550 TI1-LM96550_14 Datasheet
416Kb / 15P
[Old version datasheet]   Ultrasound Transmit Pulser
LM96570 TI1-LM96570_13 Datasheet
1Mb / 33P
[Old version datasheet]   Ultrasound Configurable Transmit Beamformer
LM96550 TI1-LM96550 Datasheet
1Mb / 14P
[Old version datasheet]   LM96550 Ultrasound Transmit Pulser
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com