công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM96194 bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM96194
Giải thích chi tiết về linh kiện  TruTherm Hardware Monitor
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM96194 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LM96194 Datasheet HTML 1Page - Texas Instruments LM96194 Datasheet HTML 2Page - Texas Instruments LM96194 Datasheet HTML 3Page - Texas Instruments LM96194 Datasheet HTML 4Page - Texas Instruments LM96194 Datasheet HTML 5Page - Texas Instruments LM96194 Datasheet HTML 6Page - Texas Instruments LM96194 Datasheet HTML 7Page - Texas Instruments LM96194 Datasheet HTML 8Page - Texas Instruments LM96194 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 102 page
background image
LM96194
www.ti.com
SNAS360B – MARCH 2007 – REVISED MARCH 2013
LM96194 TruTherm™ Hardware Monitor with PI Fan Control for Workstation Management
Check for Samples: LM96194
1
FEATURES
2-wire Serial Digital Interface, SMBus 2.0
Compliant
2345
ΣΔ ADC Architecture
Supports Byte/block Read and Write
Monitors 9 Power Supplies
Selectable Slave Address (Tri-level Pin
Monitors 4 Remote Thermal Diodes and 2
Selects 1 of 3 Possible Addresses)
LM60
ALERT Output Supports Interrupt or
New TruTherm Technology Support for
Comparator Modes
Precision Thermal Diode Measurements
WQFN-48 Package
Internal Ambient Temperature Sensing
XOR-tree Test Mode
Programmable Autonomous Fan Control
Based on Temperature Readings with Fan
APPLICATIONS
Boost Support
Servers
Fan Boost Support on Tachometer Limit Error
Event
Workstations
Fan Control Based on 13-step Lookup Table or
Processor based equipment
PI Control Loop or Combination of Both
KEY SPECIFICATIONS
PI Fan Control Loop Supports Tcontrol
Voltage Measurement Accuracy: ±2% FS (max)
Temperature Reading Digital Filters
Temperature Resolution: 9-bits, 0.5°C
0.5°C Digital Temperature Sensor Resolution
Temperature Sensor Accuracy: ±2.5 °C (max)
0.0625°C Filtered Temperature Resolution for
Fan Control
Temperature Range:
2 PWM Fan Speed Control Outputs
LM96194 Operational: -40°C to +85°C
4 Fan Tachometer Inputs
Remote Temp Accuracy: -40°C to +125°C
Processor Thermal Throttling (PROCHOT)
Power Supply Voltage: +3.0V to +3.6V
Monitoring
Power Supply Current: 1.6 mA
Dynamic VID Monitoring (6/7 VIDs per
processor) Supports VRD10.2/11
DESCRIPTION
8 General Purpose I/Os:
The LM96194 hardware monitor has a two wire digital
interface compatible with SMBus 2.0. Using a
ΣΔ
4 Can be Configured as Fan Tachometer
ADC, the LM96194 measures the temperature of four
Inputs
remote diode connected transistors as well as its own
2 Can be Configured to Connect to
die and 9 power supply voltages. The LM96194 has
Processor THERMTRIP
new TruTherm technology that supports precision
thermal diode measurements of processors on sub-
2 are Standard GPIOs that Could be Used
micron processes.
to Monitor IERR Signal
A General Purpose Inputs That can be Used to
Monitor the 7th VID Signal for VRD11
Limit Register Comparisons of all Monitored
Values
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
Pentium is a trademark of Intel Corporation.
3
Intel is a registered trademark of Intel Corporation.
4
I2C, I2C Block Write are trademarks of NXP.
5
All other trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - LM96194

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM96194 NSC-LM96194 Datasheet
529Kb / 24P
   TruTherm??Hardware Monitor with PI Fan Control for Workstation Management
LM96194CISQ NSC-LM96194CISQ Datasheet
529Kb / 24P
   TruTherm??Hardware Monitor with PI Fan Control for Workstation Management
LM96194CISQX NSC-LM96194CISQX Datasheet
529Kb / 24P
   TruTherm??Hardware Monitor with PI Fan Control for Workstation Management
More results

Mô tả tương tự - LM96194

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM96194 NSC-LM96194 Datasheet
529Kb / 24P
   TruTherm??Hardware Monitor with PI Fan Control for Workstation Management
logo
SMSC Corporation
EMC1103 SMSC-EMC1103_08 Datasheet
331Kb / 3P
   SST Compliant Hardware Monitor
logo
ADL Embedded Solutions
ADLQM67PC-3517UE ADL-ADLQM67PC-3517UE Datasheet
877Kb / 3P
   Hardware monitor with api
ADLQM67PC ADL-ADLQM67PC Datasheet
829Kb / 3P
   hardware monitor with api
logo
National Semiconductor ...
LM79 NSC-LM79 Datasheet
481Kb / 31P
   Microprocessor System Hardware Monitor
LM78 NSC-LM78 Datasheet
424Kb / 31P
   Microprocessor System Hardware Monitor
logo
SMSC Corporation
EMC1102 SMSC-EMC1102_08 Datasheet
231Kb / 3P
   SST Compliant Hardware Monitor
logo
Feature Integration Tec...
F71869E FINTEK-F71869E Datasheet
995Kb / 131P
   Super I/O Hardware Monitor
F75373 FINTEK-F75373 Datasheet
1Mb / 49P
   Fintek Hardware Monitor IC Datasheet
F75375S FINTEK-F75375S Datasheet
1Mb / 55P
   Fintek Hardware Monitor IC Datasheet
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com