công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM96163 bảng dữ liệu(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM96163
Giải thích chi tiết về linh kiện  Remote Diode Digital Temperature Sensor
Download  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM96163 bảng dữ liệu(HTML) 3 Page - Texas Instruments

  LM96163 Datasheet HTML 1Page - Texas Instruments LM96163 Datasheet HTML 2Page - Texas Instruments LM96163 Datasheet HTML 3Page - Texas Instruments LM96163 Datasheet HTML 4Page - Texas Instruments LM96163 Datasheet HTML 5Page - Texas Instruments LM96163 Datasheet HTML 6Page - Texas Instruments LM96163 Datasheet HTML 7Page - Texas Instruments LM96163 Datasheet HTML 8Page - Texas Instruments LM96163 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 49 page
background image
100 pF
+3.3V
PWM Output
to Fan
To SMBus
interface
control
circuitry
Remote diode-
connected transistor
inside of a Processor
on 45 nm or 65 nm
process
OPTIONAL
Capacitor
is close to
pins 3 and 4
+3.3V
1.2k
Tach. input
from Fan
Fan voltage
+12 or +5 VDC
10k
13k
1k
Tach In
0.1
100 pF
10 PF
These two capacitors
are close to Pin 2
4-Pin DC Brushless
Fan Module with
Tachometer Output
and PWM Input
Fan V+
+3.3V
1.2k
1.2k
LM96163
6
7
8
9
VDD
D+
D-
PWM
SMBDAT
TACH
ALERT
GND
10
SMBCLK
TCRIT
2
3
4
5
1
1.2k
1.2k
+3.3V
To Processor Power
Supply Shutdown
TruTherm
or
Traditional
Diode
Bias and
Control
Internal Diode
LM96163-LLP10
D+
D-
2 - Wire
Serial
Interface
SMBDAT
SMBCLK
Temp Reading,
Temp Limit,
Hysteresis, and
Temp Sensor
Filter Registers
Status and Status Mask Registers and Logic
Comparators
PWM Fan Control
Registers
PWM Fan
Control
PWM
'6 ADC
IIR
Filter
Analog
Filter
ALERT
TACH
Tachometer
Detection
TCRIT
LM96163
www.ti.com
SNAS433D – JUNE 2008 – REVISED MAY 2013
Simplified Block Diagram
Typical Application
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM96163


Số phần tương tự - LM96163

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM96163 NSC-LM96163 Datasheet
780Kb / 42P
   Remote Diode Digital Temperature Sensor with Integrated Fan Control and TruTherm짰 BJT Transistor Beta Fan Control and TruTherm짰 BJT Transistor Beta
LM96163C NSC-LM96163C Datasheet
780Kb / 42P
   Remote Diode Digital Temperature Sensor with Integrated Fan Control and TruTherm짰 BJT Transistor Beta Fan Control and TruTherm짰 BJT Transistor Beta
More results

Mô tả tương tự - LM96163

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM63 TI1-LM63_14 Datasheet
1Mb / 41P
[Old version datasheet]   Accurate Remote Diode Digital Temperature Sensor
LM95245CIMMX TI1-LM95245CIMMX Datasheet
1Mb / 36P
[Old version datasheet]   Precision Remote Diode Digital Temperature Sensor
LM64 TI1-LM64 Datasheet
1Mb / 38P
[Old version datasheet]   Remote Diode Temperature Sensor
logo
National Semiconductor ...
LM95221 NSC-LM95221 Datasheet
282Kb / 16P
   Dual Remote Diode Digital Temperature Sensor with SMBus Interface
logo
Texas Instruments
LM95221 TI-LM95221_15 Datasheet
1,006Kb / 25P
[Old version datasheet]   Dual Remote Diode Digital Temperature Sensor with SMBus Interface
LM96063 TI1-LM96063_14 Datasheet
1Mb / 46P
[Old version datasheet]   Remote Diode Digital Temperature Sensor with Integrated Fan Control
logo
uPI Group Inc.
US5004 UPI-US5004 Datasheet
876Kb / 15P
   Digital Remote and Local Temperature Sensor
logo
Texas Instruments
LM96063 TI1-LM96063 Datasheet
495Kb / 44P
[Old version datasheet]   LM96063 Remote Diode Digital Temperature Sensor with Integrated Fan Control
logo
National Semiconductor ...
LM82 NSC-LM82 Datasheet
341Kb / 17P
   Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
logo
Texas Instruments
LM82 TI-LM82_15 Datasheet
713Kb / 25P
[Old version datasheet]   Remote Diode and Local Digital Temperature Sensor with Two-Wire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com