công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM96000 bảng dữ liệu(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM96000
Giải thích chi tiết về linh kiện  Hardware Monitor with Integrated Fan Control
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM96000 bảng dữ liệu(HTML) 2 Page - Texas Instruments

  LM96000 Datasheet HTML 1Page - Texas Instruments LM96000 Datasheet HTML 2Page - Texas Instruments LM96000 Datasheet HTML 3Page - Texas Instruments LM96000 Datasheet HTML 4Page - Texas Instruments LM96000 Datasheet HTML 5Page - Texas Instruments LM96000 Datasheet HTML 6Page - Texas Instruments LM96000 Datasheet HTML 7Page - Texas Instruments LM96000 Datasheet HTML 8Page - Texas Instruments LM96000 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
LM96000
11
1
2
3
4
5
6
7
8
10
12
9
24
23
14
13
22
21
20
19
18
17
16
15
TACH4/AddSel
PWM1/xTESTOUT
VCCP_IN
2.5V
12V
5V
VID4
REMOTE1+
REMOTE1-
REMOTE2-
PWM3/AddEnable
REMOTE2+
SMBDAT
SMBCLK
TACH1
TACH2
GND
3.3V
VID0
VID1
VID2
VID3
TACH3
PWM2
SERIAL BUS
INTERFACE
VOLTAGE, FAN SPEED,
TEMPERATURE, AND
LIMIT VALUE REGISTERS
LIMIT COMPARATORS
STATUS REGISTERS
CONFIGURATION
REGISTERS
FAN TMIN/TRANGE/
HYST REGISTERS
FAN SPEED CONFIG.
REGISTERS
FAN PWM CONTROL
& PWM VALUE
REGISTERS
8-bit
6' ADC
BANDGAP
REFERENCE
INPUT
ATTENUATORS,
EXTERNAL DIODE
SIGNAL
CONDITIONING,
AND
ANALOG
MULTIPLEXER
VID0-4
REGISTER
ADDRESS
POINTER
REGISTER
STEPPING AND
DEVICE ID
REGISTERS
FAN SPEED
COUNTER
INTERNAL
TEMP
SENSOR
3.3SBY
5VIN
12VIN
2.5VIN
VCCP_IN
REMOTE1+
REMOTE1-
REMOTE2-
REMOTE2+
SMBDAT
SMBCLK
PWM1
PWM2
PWM3/
Address
Enable
FAN CHARACTERISTICS
VID0
VID1
VID2
VID3
VID4
TACH1
TACH2
TACH3
TACH4/
Address Select
SPIKE SMOOTHING
VDD
LM96000
SNAS234C – APRIL 2004 – REVISED MARCH 2013
www.ti.com
Block Diagram
Connection Diagram
Top View
Figure 1. 24-Pin TSSOP Package
2
Submit Documentation Feedback
Copyright © 2004–2013, Texas Instruments Incorporated
Product Folder Links: LM96000


Số phần tương tự - LM96000

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM96000 NSC-LM96000 Datasheet
695Kb / 28P
   Hardware Monitor with Integrated Fan Control
LM96000CIMT NSC-LM96000CIMT Datasheet
695Kb / 28P
   Hardware Monitor with Integrated Fan Control
LM96000CIMTX NSC-LM96000CIMTX Datasheet
695Kb / 28P
   Hardware Monitor with Integrated Fan Control
More results

Mô tả tương tự - LM96000

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM96000 NSC-LM96000 Datasheet
695Kb / 28P
   Hardware Monitor with Integrated Fan Control
logo
List of Unclassifed Man...
ASC7611 ETC2-ASC7611 Datasheet
508Kb / 40P
   HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
logo
National Semiconductor ...
LM85 NSC-LM85 Datasheet
261Kb / 26P
   Hardware Monitor with Integrated Fan Control
logo
List of Unclassifed Man...
ASC7621 ETC2-ASC7621 Datasheet
574Kb / 50P
   HARDWARE MONITOR WITH INTEGRATED FAN CONTROL
logo
National Semiconductor ...
LM93 NSC-LM93 Datasheet
654Kb / 92P
   Hardware Monitor with Integrated Fan Control for Server Management
logo
Texas Instruments
LM93 TI1-LM93 Datasheet
1Mb / 95P
[Old version datasheet]   Hardware Monitor with Integrated Fan Control for Server Management
logo
National Semiconductor ...
LM96194 NSC-LM96194 Datasheet
529Kb / 24P
   TruTherm??Hardware Monitor with PI Fan Control for Workstation Management
logo
Texas Instruments
LM94 TI1-LM94_15 Datasheet
1Mb / 112P
[Old version datasheet]   Hardware Monitor with PI Loop Fan Control for Server Management
logo
National Semiconductor ...
LM94 NSC-LM94 Datasheet
697Kb / 24P
   TruTherTM Hardware Monitor with PI Loop Fan Control for Server Management
logo
Feature Integration Tec...
F71858 FINTEK-F71858_09 Datasheet
1Mb / 65P
   Hardware KBC with ACPI, Temp. and Fan Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com