công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74136N bảng dữ liệu(PDF) 4 Page - Texas Instruments |
|
SN74136N bảng dữ liệu(HTML) 4 Page - Texas Instruments |
4 / 13 page PACKAGE OPTION ADDENDUM www.ti.com 17-Dec-2015 Addendum-Page 1 PACKAGING INFORMATION Orderable Device Status (1) Package Type Package Drawing Pins Package Qty Eco Plan (2) Lead/Ball Finish (6) MSL Peak Temp (3) Op Temp (°C) Device Marking (4/5) Samples 5962-9231901MCA ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 5962-9231901MC A SNJ54LS136J SN54LS136J ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 SN54LS136J SN74136N OBSOLETE PDIP N 14 TBD Call TI Call TI 0 to 70 SN74LS136D ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS136 SN74LS136DE4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS136 SN74LS136DG4 ACTIVE SOIC D 14 50 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS136 SN74LS136DR ACTIVE SOIC D 14 2500 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 LS136 SN74LS136N ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74LS136N SN74LS136N3 OBSOLETE PDIP N 14 TBD Call TI Call TI 0 to 70 SN74LS136NE4 ACTIVE PDIP N 14 25 Pb-Free (RoHS) CU NIPDAU N / A for Pkg Type 0 to 70 SN74LS136N SN74LS136NSR ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 74LS136 SN74LS136NSRG4 ACTIVE SO NS 14 2000 Green (RoHS & no Sb/Br) CU NIPDAU Level-1-260C-UNLIM 0 to 70 74LS136 SNJ54LS136J ACTIVE CDIP J 14 1 TBD A42 N / A for Pkg Type -55 to 125 5962-9231901MC A SNJ54LS136J (1) The marketing status values are defined as follows: ACTIVE: Product device recommended for new designs. LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect. NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in a new design. PREVIEW: Device has been announced but is not in production. Samples may or may not be available. OBSOLETE: TI has discontinued the production of the device. (2) Eco Plan - The planned eco-friendly classification: Pb-Free (RoHS), Pb-Free (RoHS Exempt), or Green (RoHS & no Sb/Br) - please check http://www.ti.com/productcontent for the latest availability information and additional product content details. |
Số phần tương tự - SN74136N |
|
Mô tả tương tự - SN74136N |