công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SMAJ100A bảng dữ liệu(PDF) 4 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

tên linh kiện SMAJ100A
Giải thích chi tiết về linh kiện  Maximum Ratings and Thermal Characteristics
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Trang chủ  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

SMAJ100A bảng dữ liệu(HTML) 4 Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

  SMAJ100A Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SMAJ100A Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SMAJ100A Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SMAJ100A Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Dimensions
Physical Specifications
Weight
0.002 ounce, 0.061 gram
Case
JEDEC DO-214AC Molded Plastic over
glass passivated junction
Polarity
Color band denotes cathode except Bipolar
Terminal
Matte Tin-plated leads, Solderable per
JESD22-B102D
Dimensions
Inches
Millimeters
Min
Max
Min
Max
A
0.049
0.065
1.250
1.650
B
0.157
0.177
3.990
4.500
C
0.100
0.110
2.540
2.790
D
0.078
0.090
1.980
2.290
E
0.030
0.060
0.780
1.520
F
-
0.008
-
0.203
G
0.194
0.208
4.930
5.280
H
0.006
0.012
0.152
0.305
I
0.070
-
1.800
-
J
0.082
-
2.100
-
K
-
0.090
-
2.300
L
0.082
-
2.100
-
Environmental Specifications
Temperature Cycle
JESD22-A104
Pressure Cooker
JESD22-A102
High Temp. Storage
JESD22-A103
HTRB
JESD22-A108
Thermal Shock
JESD22-A106
Soldering Parameters
Time (t)
T
s(min)
T
s(max)
T
L
T
P
t
s
Preheat
t
L
t
p
Ramp-up
Critical Zone
T
L
to T
P
Ramp-down
t 25˚C to Peak
25˚C
Reflow Condition
Pre Heat
-Temperature Min (T
s(min))
150°C
-Temperature Max (T
s(max))
200°C
-Time (min to max) (t
s)
Average ramp up rate (LiquidusTemp
(T
L) to peak
3°C/second max
T
S(max) to TL - Ramp-up Rate
3°C/second max
Reflow
-Temperature (T
L) (Liquidus)
217°C
-Time (min to max) (t
s)
PeakTemperature (T
P)
260+0/-5 °C
Time within 5°C of actual peak
Temperature (t
p)
Ramp-down Rate
6°C/second max
Time 25°C to peakTemperature (T
P)
8 minutes Max.
Do not exceed
280°C
DO-214AC (SMA)
Cathode Band
A
D
E
G
F
H
C
B
I
L
K
J
SMAJ5.0A(CA)-SMAJ440A(CA)
www.yfwdiode.com


Số phần tương tự - SMAJ100A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Jinan Gude Electronic D...
SMAJ100A JGD-SMAJ100A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMAJ100A SOCAY-SMAJ100A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Shenzhen Luguang Electr...
SMAJ100A LUGUANG-SMAJ100A Datasheet
364Kb / 4P
   400Watts Surface Mount Transient Voltage Suppressor
logo
DIYI Electronic Technol...
SMAJ100A DYELEC-SMAJ100A Datasheet
530Kb / 5P
   Excellent clamping capability
logo
Socay Electornics Co., ...
SMAJ100A SOCAY-SMAJ100A Datasheet
1Mb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results

Mô tả tương tự - SMAJ100A

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
DONGGUAN YOU FENG WEI E...
SMBJ5.0A-CA YFWDIODE-SMBJ5.0A-CA Datasheet
1Mb / 5P
   Maximum Ratings and Thermal Characteristics
SMAJ-SMA YFWDIODE-SMAJ-SMA Datasheet
967Kb / 4P
   Maximum Ratings and Thermal Characteristics
SMCJ5.0A-SMAJ440A YFWDIODE-SMCJ5.0A-SMAJ440A Datasheet
788Kb / 4P
   Maximum Ratings and Thermal Characteristics
logo
FCI connector
FTD110B FCI-CONNECTOR-FTD110B Datasheet
1Mb / 1P
   MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
FTD25 FCI-CONNECTOR-FTD25 Datasheet
308Kb / 1P
   MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
FTD110C FCI-CONNECTOR-FTD110C Datasheet
500Kb / 2P
   MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
FTD182 FCI-CONNECTOR-FTD182 Datasheet
155Kb / 1P
   MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
FTD21 FCI-CONNECTOR-FTD21 Datasheet
304Kb / 1P
   MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
logo
Voltage Multipliers Inc...
M10FF3 VMI-M10FF3 Datasheet
251Kb / 1P
   ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS
logo
FCI connector
FTD23 FCI-CONNECTOR-FTD23 Datasheet
370Kb / 1P
   MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
More results


Html Pages

1 2 3 4


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com