công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM741 bảng dữ liệu(PDF) 7 Page - Texas Instruments

tên linh kiện LM741
Giải thích chi tiết về linh kiện  Operational Amplifier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM741 bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button LM741_16 Datasheet HTML 3Page - Texas Instruments LM741_16 Datasheet HTML 4Page - Texas Instruments LM741_16 Datasheet HTML 5Page - Texas Instruments LM741_16 Datasheet HTML 6Page - Texas Instruments LM741_16 Datasheet HTML 7Page - Texas Instruments LM741_16 Datasheet HTML 8Page - Texas Instruments LM741_16 Datasheet HTML 9Page - Texas Instruments LM741_16 Datasheet HTML 10Page - Texas Instruments LM741_16 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
LM741
www.ti.com
SNOSC25D – MAY 1998 – REVISED OCTOBER 2015
7 Detailed Description
7.1 Overview
The LM74 devices are general-purpose operational amplifiers which feature improved performance over industry
standards like the LM709. It is intended for a wide range of analog applications. The high gain and wide range of
operating voltage provide superior performance in integrator, summing amplifier, and general feedback
applications. The LM741 can operate with a single or dual power supply voltage. The LM741 devices are direct,
plug-in replacements for the 709C, LM201, MC1439, and 748 in most applications.
7.2 Functional Block Diagram
7.3 Feature Description
7.3.1 Overload Protection
The LM741 features overload protection circuitry on the input and output. This prevents possible circuit damage
to the device.
7.3.2 Latch-up Prevention
The LM741 is designed so that there is no latch-up occurrence when the common-mode range is exceeded. This
allows the device to function properly without having to power cycle the device.
7.3.3 Pin-to-Pin Capability
The LM741 is pin-to-pin direct replacements for the LM709C, LM201, MC1439, and LM748 in most applications.
Direct replacement capabilities allows flexibility in design for replacing obsolete parts.
Copyright © 1998–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM741


Số phần tương tự - LM741_16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM741-MIL TI1-LM741-MIL Datasheet
746Kb / 15P
[Old version datasheet]   Operational Amplifier
logo
National Semiconductor ...
LM741AH NSC-LM741AH Datasheet
213Kb / 8P
   Operational Amplifier
May 1998
LM741AJ-14 NSC-LM741AJ-14 Datasheet
213Kb / 8P
   Operational Amplifier
May 1998
logo
Intersil Corporation
LM741C INTERSIL-LM741C Datasheet
72Kb / 6P
   0.9MHz Single and Dual, High Gain Operational Amplifiers for Military, Industrial and Commercial Applications
September 1998
logo
Harris Corporation
LM741C HARRIS-LM741C Datasheet
421Kb / 6P
   HIGH-GAIN SINGLE AND DUAL OPERATIONAL AMPLIFIERS FOR MILITARY INDUSTRIAL AND COMMERCIAL APPLICATIONS
More results

Mô tả tương tự - LM741_16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM725 NSC-LM725 Datasheet
495Kb / 11P
   Operational Amplifier
logo
SG Micro Corp
SGM8142 SGMICRO-SGM8142 Datasheet
291Kb / 10P
   Operational Amplifier
logo
Linear Technology
RH101A LINER-RH101A_15 Datasheet
142Kb / 2P
   Operational Amplifier
RH07 LINER-RH07 Datasheet
113Kb / 4P
   Operational Amplifier
logo
Siemens Semiconductor G...
TCA321 SIEMENS-TCA321 Datasheet
739Kb / 5P
   Operational Amplifier
logo
Linear Technology
OP-05 LINER-OP-05 Datasheet
520Kb / 8P
   Operational Amplifier
RH108A LINER-RH108A Datasheet
141Kb / 4P
   Operational Amplifier
logo
Texas Instruments
LM7332 TI1-LM7332 Datasheet
1Mb / 34P
[Old version datasheet]   Operational Amplifier
OPA606 TI1-OPA606 Datasheet
113Kb / 10P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA622 TI1-OPA622 Datasheet
361Kb / 19P
[Old version datasheet]   OPERATIONAL AMPLIFIER
logo
Linear Technology
LT1220 LINER-LT1220_15 Datasheet
271Kb / 12P
   Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com