công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM117H/NOPB bảng dữ liệu(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM117H/NOPB
Giải thích chi tiết về linh kiện  Wide Temperature Three-Pin Adjustable Regulator
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM117H/NOPB bảng dữ liệu(HTML) 5 Page - Texas Instruments

  LM117H/NOPB Datasheet HTML 1Page - Texas Instruments LM117H/NOPB Datasheet HTML 2Page - Texas Instruments LM117H/NOPB Datasheet HTML 3Page - Texas Instruments LM117H/NOPB Datasheet HTML 4Page - Texas Instruments LM117H/NOPB Datasheet HTML 5Page - Texas Instruments LM117H/NOPB Datasheet HTML 6Page - Texas Instruments LM117H/NOPB Datasheet HTML 7Page - Texas Instruments LM117H/NOPB Datasheet HTML 8Page - Texas Instruments LM117H/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 48 page
background image
LM117, LM317-N
www.ti.com
SNVS774P – MAY 2004 – REVISED OCTOBER 2015
7 Specifications
7.1 Absolute Maximum Ratings
over operating free-air temperature range (unless otherwise noted)
(1) (2)
MIN
MAX
UNIT
Power dissipation
Internally Limited
Input-output voltage differential
−0.3
40
V
Metal package (soldering, 10 seconds)
300
°C
Lead temperature
Plastic package (soldering, 4 seconds)
260
°C
Storage temperature, Tstg
−65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, which do not imply functional operation of the device at these or any other conditions beyond those indicated under Recommended
Operating Conditions. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/Distributors for availability and
specifications.
7.2 ESD Ratings
VALUE
UNIT
Electrostatic
V(ESD)
Human-body model (HBM)(1)
±3000
V
discharge
(1)
Manufacturing with less than 500-V HBM is possible with the necessary precautions. Pins listed as ±3000 V may actually have higher
performance.
7.3 Recommended Operating Conditions
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
Operating temperature (LM117)
−55
150
°C
Operating temperature (LM317-N)
0
125
°C
7.4 Thermal Information, LM117
LM117
NDS
NDT
THERMAL METRIC(1)
UNIT
(TO-3)
(TO)
2 PINS
3 PINS
RθJA
Junction-to-ambient thermal resistance(2)
39
186
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
2
21
°C/W
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
(2)
No heatsink.
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM117 LM317-N


Số phần tương tự - LM117H/NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM117H/NOPB TI1-LM117H/NOPB Datasheet
3Mb / 38P
[Old version datasheet]   LM117/LM317A/LM317-N 3-Terminal Adjustable Regulator
LM117H/NOPB TI1-LM117H/NOPB Datasheet
3Mb / 40P
[Old version datasheet]   LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
LM117H/NOPB TI1-LM117H/NOPB Datasheet
3Mb / 40P
[Old version datasheet]   LM117/LM317A/LM317-N Three-Terminal Adjustable Regulator
LM117H/NOPB TI-LM117H/NOPB Datasheet
5Mb / 51P
[Old version datasheet]   LM117, LM317-N Wide Temperature Three-Pin Adjustable Regulator
More results

Mô tả tương tự - LM117H/NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM317-N-MIL TI1-LM317-N-MIL Datasheet
4Mb / 39P
[Old version datasheet]   Wide Temperature Three-Pin Adjustable Regulator
LM117 TI-LM117_V01 Datasheet
5Mb / 51P
[Old version datasheet]   LM117, LM317-N Wide Temperature Three-Pin Adjustable Regulator
logo
Skyworks Solutions Inc.
AAT2503 SKYWORKS-AAT2503 Datasheet
1Mb / 22P
   Adjustable Three-Channel Regulator
AAT2504 SKYWORKS-AAT2504 Datasheet
1Mb / 21P
   Adjustable Three-Channel Regulator
logo
Guangdong Kexin Industr...
LM317LF KEXIN-LM317LF Datasheet
1Mb / 4P
   Three-Terminal Adjustable Regulator
logo
Estek Electronics Co. L...
ET431 ESTEK-ET431 Datasheet
197Kb / 3P
   three-terminal adjustable regulator
logo
Guangdong Kexin Industr...
LM317LFR KEXIN-LM317LFR Datasheet
1Mb / 4P
   Three-Terminal Adjustable Regulator
logo
ON Semiconductor
LM337 ONSEMI-LM337 Datasheet
172Kb / 8P
   THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR
1996 Rev 1
logo
Texas Instruments
LM117HV TI1-LM117HV_16 Datasheet
2Mb / 28P
[Old version datasheet]   High Voltage Three-Terminal Adjustable Regulator
logo
National Semiconductor ...
MDLM117-H NSC-MDLM117-H Datasheet
58Kb / 7P
   POSITIVE THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com