công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM56BIM bảng dữ liệu(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM56BIM
Giải thích chi tiết về linh kiện  Dual Output Low Power Thermostat
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM56BIM bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button LM56BIM Datasheet HTML 3Page - Texas Instruments LM56BIM Datasheet HTML 4Page - Texas Instruments LM56BIM Datasheet HTML 5Page - Texas Instruments LM56BIM Datasheet HTML 6Page - Texas Instruments LM56BIM Datasheet HTML 7Page - Texas Instruments LM56BIM Datasheet HTML 8Page - Texas Instruments LM56BIM Datasheet HTML 9Page - Texas Instruments LM56BIM Datasheet HTML 10Page - Texas Instruments LM56BIM Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
LM56
www.ti.com
SNIS120G – APRIL 2000 – REVISED FEBRUARY 2013
FUNCTIONAL DESCRIPTION
Pin Functions
V+
This is the positive supply voltage pin. This pin should be bypassed with a 0.1 µF capacitor to ground.
GND
This is the ground pin.
VREF
This is the 1.250V bandgap voltage reference output pin. In order to maintain trip point accuracy this pin
should source a 50 µA load.
VTEMP
This is the temperature sensor output pin.
OUT1
This is an open collector digital output. OUT1 is active LOW. It goes LOW when the temperature is greater
than T1 and goes HIGH when the temperature drops below T1– 5°C. This output is not intended to directly
drive a fan motor.
OUT2
This is an open collector digital output. OUT2 is active LOW. It goes LOW when the temperature is greater
than the T2 set point and goes HIGH when the temperature is less than T2– 5°C. This output is not intended to
directly drive a fan motor.
VT1
This is the input pin for the temperature trip point voltage for OUT1.
VT2
This is the input pin for the low temperature trip point voltage for OUT2.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM56


Số phần tương tự - LM56BIM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM56BIM NSC-LM56BIM Datasheet
370Kb / 13P
   Dual Output Low Power Thermostat
LM56BIM NSC-LM56BIM Datasheet
791Kb / 13P
   Dual Output Low Power Thermostat
logo
Texas Instruments
LM56BIM TI-LM56BIM Datasheet
1Mb / 21P
[Old version datasheet]   LM56 Dual Output Low Power Thermostat
logo
National Semiconductor ...
LM56BIMM NSC-LM56BIMM Datasheet
370Kb / 13P
   Dual Output Low Power Thermostat
LM56BIMM NSC-LM56BIMM Datasheet
791Kb / 13P
   Dual Output Low Power Thermostat
More results

Mô tả tương tự - LM56BIM

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM56 NSC-LM56_06 Datasheet
791Kb / 13P
   Dual Output Low Power Thermostat
LM56 NSC-LM56 Datasheet
370Kb / 13P
   Dual Output Low Power Thermostat
logo
Texas Instruments
LM56BIMX TI-LM56BIMX Datasheet
1Mb / 21P
[Old version datasheet]   LM56 Dual Output Low Power Thermostat
LM56 TI-LM56_15 Datasheet
1Mb / 22P
[Old version datasheet]   LM56 Dual Output Low Power Thermostat
logo
National Semiconductor ...
LM66 NSC-LM66 Datasheet
62Kb / 5P
   Dual Output Internally Preset Thermostat
logo
ELM Electronics
ELM341 ELM-ELM341 Datasheet
28Kb / 4P
   LOW POWER THERMOSTAT
logo
Rohm
BDJ0800AHFV ROHM-BDJ0800AHFV Datasheet
1Mb / 16P
   Temperature Sensor IC Low Current Thermostat Output
BDJ0700AHFV ROHM-BDJ0700AHFV Datasheet
1Mb / 16P
   Temperature Sensor IC Low Current Thermostat Output
BDJ0601HFV ROHM-BDJ0601HFV Datasheet
270Kb / 10P
   Low current Thermostat Output Temperature Sensor ICs
BDJ0550HFV ROHM-BDJ0550HFV Datasheet
255Kb / 10P
   Low current Thermostat Output Temperature Sensor ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com