công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ST16C452 bảng dữ liệu(PDF) 1 Page - Exar Corporation

tên linh kiện ST16C452
Giải thích chi tiết về linh kiện  DUAL UART WITH PARALLEL PRINTER PORT
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  EXAR [Exar Corporation]
Trang chủ  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C452 bảng dữ liệu(HTML) 1 Page - Exar Corporation

  ST16C452 Datasheet HTML 1Page - Exar Corporation ST16C452 Datasheet HTML 2Page - Exar Corporation ST16C452 Datasheet HTML 3Page - Exar Corporation ST16C452 Datasheet HTML 4Page - Exar Corporation ST16C452 Datasheet HTML 5Page - Exar Corporation ST16C452 Datasheet HTML 6Page - Exar Corporation ST16C452 Datasheet HTML 7Page - Exar Corporation ST16C452 Datasheet HTML 8Page - Exar Corporation ST16C452 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
EXAR Corporation, 48720 Kato Road, Fremont, CA 94538
• (510) 668-7000 • FAX (510) 668-7017
ST16C452
ST16C452PS
PLCC Package
DUAL UART WITH PARALLEL
PRINTER PORT
March 2004
DESCRIPTION
The ST16C452/ST16C452PS (452/452PS) is a dual universal asynchronous receiver and transmitter (UART)
with an added bi-directional parallel port that is directly compatible with a CENTRONICS type printer. The parallel
port is designed such that the user can configure it as general purpose I/O interface, or for connection to other
printer devices. The 452/452PS provides enhanced UART functions, a modem control interface, and data rates
up to 1.5Mbps. Onboard status registers provide the user with error indications and operational status. The system
interrupts and control may be tailored to meet user requirements. An internal loop-back capability allows onboard
diagnostics. A programmable baud rate generator is provided to select transmit and receive clock rates from 50
bps to 1.5 Mbps. The 452/452PS is available in a 68 pin PLCC package. The 452/452PS is compatible with the
16C450. The 452 is available in two versions, the ST16C452 and the ST16C452PS. The ST16C452 provides
single hardware pin to control the printer port data direction while the 452PS provides an additionally software
control bit to control the printer port data direction to become compatible PS/2 operating system.
The 452/452PS is fabricated in an advanced CMOS process with low power consumption.
FEATURES
Added features in devices with top mark date code of
"F2 YYWW" and newer:
• 5V Tolerant Inputs
• Pin to pin and functional compatible to TL16C452
• 2.97 to 5.5 volt operation
• SoftwarecompatiblewithST16C450,NS16C450
• 1.5 Mbps transmit/receive operation (24MHz)
• Independent transmit and receive control
• Modem and printer status registers
• UART port and printer port Bi-directional
• Printer port direction set by single control bit or 8 bit
pattern (AA/55)
• Modem control signals (-CTS, -RTS, -DSR, -DTR,
-RI, -CD)
• Programmable character lengths (5, 6, 7, 8)
• Even, odd, or no parity bit generation and detection
• Internal loop-back diagnostics
• TTL compatible inputs, outputs
• LowPower
ORDERING INFORMATION
INTB
INTP
-SLCTIN
INIT
-AUTOFDXT
-STROBE
GND
PD0
PD1
PD2
PD3
PD4
PD5
PD6
PD7
INTA
RDOUT
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
ST16C452CJ68
ST16C452CJ68PS
TXB
-DTRB
-RTSB
-CTSB
D0
D1
D2
D3
D4
D5
D6
D7
N.C.
VCC
-RTSA
-DTRA
TXA
Part number
Package
Operating temperature
Device Status
ST16C452CJ68
68-Lead PLCC
0° C to + 70° C
Active
ST16C452CJ68PS
68-Lead PLCC
0° C to + 70° C
Active
ST16C452IJ68
68-Lead PLCC
-40° C to + 85° C
Active
ST16C452IJ68PS
68-Lead PLCC
-40° C to + 85° C
Active
Rev. 3.20


Số phần tương tự - ST16C452

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Exar Corporation
ST16C452 EXAR-ST16C452 Datasheet
164Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
ST16C452CJ68 EXAR-ST16C452CJ68 Datasheet
164Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
ST16C452CJ68PS EXAR-ST16C452CJ68PS Datasheet
164Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
ST16C452CJ68PS-F EXAR-ST16C452CJ68PS-F Datasheet
164Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
ST16C452IJ68 EXAR-ST16C452IJ68 Datasheet
164Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
More results

Mô tả tương tự - ST16C452

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Exar Corporation
ST16C452CJ68PS-F EXAR-ST16C452CJ68PS-F Datasheet
164Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
ST16C552 EXAR-ST16C552 Datasheet
222Kb / 39P
   DUAL UART WITH 16-BYTE FIFO AND PARALLEL PRINTER PORT
logo
IMP, Inc
IMP16C552 IMP-IMP16C552 Datasheet
783Kb / 34P
   Dual Universal Asynchronous Receiver/Transmitter (UART) with 16-BYTE FIFO & Parallel Printer Port
logo
List of Unclassifed Man...
NM9835 ETC-NM9835 Datasheet
135Kb / 23P
   PCI Dual UART and 1284 Printer Port
logo
Texas Instruments
TL16PIR552 TI-TL16PIR552 Datasheet
699Kb / 52P
[Old version datasheet]   DUAL UART WITH DUAL IrDA AND 1284 PARALLEL PORT
logo
IMP, Inc
EI16C552 IMP-EI16C552 Datasheet
23Kb / 2P
   Dual FIFO UART and Parallel Port
logo
A1 PROs co., Ltd.
EI16C552 A1PROS-EI16C552 Datasheet
29Kb / 2P
   Dual FIFO UART and Parallel Port
logo
Exar Corporation
ST78C34 EXAR-ST78C34 Datasheet
198Kb / 21P
   GENERAL PURPOSE PARALLEL PRINTER PORT WITH 83 BYTE FIFO
ST78C36 EXAR-ST78C36_05 Datasheet
636Kb / 28P
   ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
ST78C36 EXAR-ST78C36 Datasheet
133Kb / 26P
   ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com