công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ALVTH16821DLRG4 bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện 74ALVTH16821DLRG4
Giải thích chi tiết về linh kiện  2.5-V/3.3-V 20-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

74ALVTH16821DLRG4 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  74ALVTH16821DLRG4 Datasheet HTML 1Page - Texas Instruments 74ALVTH16821DLRG4 Datasheet HTML 2Page - Texas Instruments 74ALVTH16821DLRG4 Datasheet HTML 3Page - Texas Instruments 74ALVTH16821DLRG4 Datasheet HTML 4Page - Texas Instruments 74ALVTH16821DLRG4 Datasheet HTML 5Page - Texas Instruments 74ALVTH16821DLRG4 Datasheet HTML 6Page - Texas Instruments 74ALVTH16821DLRG4 Datasheet HTML 7Page - Texas Instruments 74ALVTH16821DLRG4 Datasheet HTML 8Page - Texas Instruments 74ALVTH16821DLRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
SN54ALVTH16821, SN74ALVTH16821
2.5-V/3.3-V 20-BIT BUS-INTERFACE FLIP-FLOPS
WITH 3-STATE OUTPUTS
SCES078E – JULY 1996 – REVISED JANUARY 1999
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions, VCC = 3.3 V ± 0.3 V (see Note 3)
SN54ALVTH16821
SN74ALVTH16821
UNIT
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
VCC
Supply voltage
3
3.6
3
3.6
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
VI
Input voltage
0
VCC
5.5
0
VCC
5.5
V
IOH
High-level output current
–24
–32
mA
IOL
Low-level output current
24
32
mA
IOL
Low-level output current; current duty cycle
≤ 50%; f ≥ 1 kHz
48
64
mA
∆t/∆v
Input transition rise or fall rate
Outputs enabled
10
10
ns/V
∆t/∆VCC
Power-up ramp rate
200
200
µs/V
TA
Operating free-air temperature
–55
125
–40
85
°C
NOTE 3: All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Số phần tương tự - 74ALVTH16821DLRG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
74ALVTH16827DLG4 TI-74ALVTH16827DLG4 Datasheet
305Kb / 16P
[Old version datasheet]   2.5-V/3.3-V 20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
74ALVTH16827DLRG4 TI-74ALVTH16827DLRG4 Datasheet
305Kb / 16P
[Old version datasheet]   2.5-V/3.3-V 20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
74ALVTH16827GRE4 TI-74ALVTH16827GRE4 Datasheet
305Kb / 16P
[Old version datasheet]   2.5-V/3.3-V 20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
74ALVTH16827VRE4 TI-74ALVTH16827VRE4 Datasheet
305Kb / 16P
[Old version datasheet]   2.5-V/3.3-V 20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
74ALVTH16827VRG4 TI-74ALVTH16827VRG4 Datasheet
305Kb / 16P
[Old version datasheet]   2.5-V/3.3-V 20-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Mô tả tương tự - 74ALVTH16821DLRG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN54ALVTH16821 TI-SN54ALVTH16821 Datasheet
196Kb / 11P
[Old version datasheet]   2.5-V/3.3-V 20-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162821 HITACHI-HD74ALVCH162821 Datasheet
56Kb / 12P
   3.3-V 20-bit Bus Interface Flip Flops with 3-state Outputs
HD74ALVCH16821 HITACHI-HD74ALVCH16821 Datasheet
51Kb / 12P
   3.3-V 20-bit Bus Interface Flip Flops with 3-state Outputs
HD74ALVCH162721 HITACHI-HD74ALVCH162721 Datasheet
52Kb / 12P
   3.3-V 20-bit Flip Flops with 3-state Outputs
logo
Renesas Technology Corp
HD74ALVCH16721 RENESAS-HD74ALVCH16721 Datasheet
241Kb / 12P
   3.3-V 20-bit Flip Flops with 3-state Outputs
HD74ALVCH162721 RENESAS-HD74ALVCH162721 Datasheet
251Kb / 12P
   3.3-V 20-bit Flip Flops with 3-state Outputs
logo
Hitachi Semiconductor
HD74ALVCH16721 HITACHI-HD74ALVCH16721 Datasheet
52Kb / 12P
   3.3-V 20-bit Flip Flops with 3-state Outputs
logo
Texas Instruments
SN74ALVCH16821 TI-SN74ALVCH16821 Datasheet
134Kb / 10P
[Old version datasheet]   3.3-V 20-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVC16821 TI1-SN74ALVC16821 Datasheet
192Kb / 11P
[Old version datasheet]   3.3-V 20-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
SN74ALVCH16821 TI-SN74ALVCH16821_08 Datasheet
312Kb / 12P
[Old version datasheet]   3.3-V 20-BIT BUS-INTERFACE FLIP-FLOP WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com