công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM53625NQRNLTQ1 bảng dữ liệu(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM53625NQRNLTQ1
Giải thích chi tiết về linh kiện  Step-Down DC-DC Converter
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM53625NQRNLTQ1 bảng dữ liệu(HTML) 7 Page - Texas Instruments

Back Button LM53625NQRNLTQ1 Datasheet HTML 3Page - Texas Instruments LM53625NQRNLTQ1 Datasheet HTML 4Page - Texas Instruments LM53625NQRNLTQ1 Datasheet HTML 5Page - Texas Instruments LM53625NQRNLTQ1 Datasheet HTML 6Page - Texas Instruments LM53625NQRNLTQ1 Datasheet HTML 7Page - Texas Instruments LM53625NQRNLTQ1 Datasheet HTML 8Page - Texas Instruments LM53625NQRNLTQ1 Datasheet HTML 9Page - Texas Instruments LM53625NQRNLTQ1 Datasheet HTML 10Page - Texas Instruments LM53625NQRNLTQ1 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 55 page
background image
7
LM53625-Q1, LM53635-Q1
www.ti.com
SNVSAA7A – DECEMBER 2015 – REVISED MAY 2016
Product Folder Links: LM53625-Q1 LM53635-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
(1)
This is the current used by the device while not switching, open loop on the ATE. It does not represent the total input current from the
regulator system.
(2)
Ensured by Design, Not tested at production.
7.5 Electrical Characteristics
Limits apply over the recommended operating junction temperature range of –40°C to +150°C, unless otherwise noted.
Minimum and maximum limits are specified through test, design, or statistical correlation. Typical values represent the most
likely parametric norm at Tj = 25°C, and are provided for reference purposes only. Unless otherwise stated the following
conditions apply: VIN = 13.5 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VFB
Initial output voltage accuracy
VIN = 3.8 V to 36 V, TJ = 25°C
–1%
1%
VIN = 3.8 V to 36 V
–1.5%
1.5%
IQ
Operating quiescent current;
measured at VIN pin when
enabled and not switching(1)
VIN = 13.5 V, VBIAS = 5 V
6
µA
VIN = 13.5 V, VBIAS = 5 V, TJ = 85°C
16
IB
Bias current into BIAS pin,
enabled, not switching
VIN = 13.5 V, VBIAS = 5 V, FPWM =
0 V
35
µA
VIN = 13.5 V, VBIAS = 3.3 V, FPWM
= 0 V
35
ISD
Shutdown quiescent current;
measured at VIN pin
EN
≤ 0.4 V, TJ = 25°C
2
µA
EN
≤ 0.4 V, TJ = 85°C
3
EN
≤ 0.4V, TJ = 150°C
5
VIN-OPERATE
Minimum input voltage to operate
Rising
3.2
3.55
3.95
V
Falling
2.95
3.25
3.55
Hysteresis
0.28
0.3
0.4
VRESET
RESET upper threshold voltage
Rising, % of VOUT
105%
107%
110%
RESET lower threshold voltage
Falling, % VOUT
92%
94%
96.5%
Magnitude of RESET lower
threshold from steady state
output voltage
Steady-state output voltage and
RESET threshold read at the same
TJ and VIN
96%
VRESET_HYST
RESET hysteresis as a percent of
output voltage setpoint
±1
VRESET_VALID
Minimum input voltage for proper
RESET function
50-µA pullup to RESET pin, EN = 0
V, TJ= 25°C
1.5
V
VOL
Low level RESET function output
voltage
50-µA pullup to RESET pin, VIN =1.5
V, EN = 0 V
0.4
V
0.5-mA pullup to RESET pin, VIN
=13.5 V, EN=0 V
0.4
1-mA pullup to RESET pin, VIN
=13.5 V, EN=3.3 V
0.4
FSW
Switching frequency
VIN = 13.5 V, center frequency with
spread spectrum, PWM operation
1.85
2.1
2.35
MHz
VIN = 13.5 V, without spread
spectrum, PWM operation
1.85
2.1
2.35
FSYNC
Sync frequency range
1.9
2.1
2.3
MHz
DSYNC
Sync input duty cycle range
High state input < 5.5 V and > 2.3 V
25%
75%
VFPWM
FPWM input threshold voltage
FPWM input high (MODE = FPWM)
1.5
V
FPWM input low (MODE = AUTO
with diode emulation)
0.4
FPWM input hysteresis
0.15
1
FSSS
Frequency span of spread
spectrum operation
±3%
FPSS
Spread-spectrum pattern
frequency(2)
9
Hz
FSW-SS
Switching Frequency while in
spread spectrum
VIN = 13.5 V, PWM operation
1.81
MHz


Số phần tương tự - LM53625NQRNLTQ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM53625NQRNLTQ1 TI1-LM53625NQRNLTQ1 Datasheet
102Kb / 7P
[Old version datasheet]   Automotive Step Down DC-DC Converter
LM53625NQRNLTQ1 TI-LM53625NQRNLTQ1 Datasheet
3Mb / 59P
[Old version datasheet]   LM53625/35-Q1, 2.5-A or 3.5-A, 36-V Synchronous, 2.1-MHz, Step-Down DC-DC Converter
REVISED JULY 2021
More results

Mô tả tương tự - LM53625NQRNLTQ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
logo
KODENSHI_AUK CORP.
PAM2301 KODENSHI-PAM2301 Datasheet
863Kb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Texas Instruments
LM3203 TI1-LM3203_16 Datasheet
3Mb / 22P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54040 TI1-TPS54040_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step Down DC/DC Converter
logo
Diodes Incorporated
PAM2301 DIODES-PAM2301 Datasheet
1Mb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Maxim Integrated Produc...
MAX17505 MAXIM-MAX17505 Datasheet
826Kb / 18P
   Step-Down DC-DC Converter
Rev 0; 1/14
logo
Texas Instruments
TPS54040A TI1-TPS54040A_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com