công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM53603AQPWPRQ1 bảng dữ liệu(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM53603AQPWPRQ1
Giải thích chi tiết về linh kiện  Step-Down Converters
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM53603AQPWPRQ1 bảng dữ liệu(HTML) 3 Page - Texas Instruments

  LM53603AQPWPRQ1 Datasheet HTML 1Page - Texas Instruments LM53603AQPWPRQ1 Datasheet HTML 2Page - Texas Instruments LM53603AQPWPRQ1 Datasheet HTML 3Page - Texas Instruments LM53603AQPWPRQ1 Datasheet HTML 4Page - Texas Instruments LM53603AQPWPRQ1 Datasheet HTML 5Page - Texas Instruments LM53603AQPWPRQ1 Datasheet HTML 6Page - Texas Instruments LM53603AQPWPRQ1 Datasheet HTML 7Page - Texas Instruments LM53603AQPWPRQ1 Datasheet HTML 8Page - Texas Instruments LM53603AQPWPRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
SW
SW
PGND
PGND
VIN
VIN
CBOOT
VCC
BIAS
FB
SYNC
FPWM
EN
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
AGND
N/C
EP
RESET
(17)
3
LM53602-Q1, LM53603-Q1
www.ti.com
SNVSA42B – JUNE 2015 – REVISED MAY 2016
Product Folder Links: LM53602-Q1 LM53603-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
5 Device Comparison Table
PART NUMBER
PACKAGE
MAXIMUM OUTPUT CURRENT
LM53603-Q1
HTSSOP (16)
3 A
LM53602-Q1
HTSSOP (16)
2 A
(1)
O = Output, I = Input, G = Ground, P = Power
6 Pin Configuration and Functions
PWP Package
16-Lead HTSSOP
Top View
Pin Functions
PIN
I/O(1)
DESCRIPTION
NAME
NO.
SW
1,2
P
Regulator switch node. Connect to power inductor. Connect pins 1 and 2 directly together at the PCB.
CBOOT
3
P
Bootstrap supply input for gate drivers. Connect a high quality 470 nF capacitor from this pin to SW.
VCC
4
O
Internal 3.15 V regulator output. Used as supply to internal control circuits. Do not connect to any
external loads. Can be used as logic supply for control inputs. Connect a high quality 3.3 µF capacitor
from this pin to GND.
BIAS
5
P
Input to internal voltage regulator. Connect to output voltage point. Do not ground. Connect a high
quality 0.1 µF capacitor from this pin to GND.
SYNC
6
I
Synchronization input to regulator. Used to synchronize the regulator switching frequency to the system
clock. When not used connect to GND; do not float.
FPWM
7
I
Mode control input to regulator. High = forced PWM (FPWM). Low = auto mode; automatic transition
between PFM and PWM. Do not float.
RESET
8
O
Open drain reset output. Connect to suitable voltage supply through a current limiting resistor. High =
power OK. Low = fault. RESET will go low when EN = low.
FB
9
I
Feedback input to regulator. Connect to output voltage sense point for fixed 5 V and 3.3 V output.
Connect to feedback divider tap point for ADJ option. Do not float or ground.
AGND
10
G
Analog ground for regulator and system. All electrical parameters are measured with respect to this pin.
Connect to EP and PGND on PCB.
EN
11
I
Enable input to the regulator. High = ON. Low = OFF. Can be connected directly to VIN. Do not float.
VIN
12, 13
P
Input supply to the regulator. Connect a high quality bypass capacitor(s) from this pin to PGND.
Connect pins 12 and 13 directly together at the PCB.
N/C
14
-
This pin has no connection to the device.
PGND
15, 16
G
Power ground to internal low side MOSFET. Connect to AGND and system ground. Connect pins 15
and 16 directly together at the PCB.
EP
17
G
Exposed die attach paddle. Connect to ground plane for adequate heat sinking and noise reduction.


Số phần tương tự - LM53603AQPWPRQ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM53603AMPWPR TI1-LM53603AMPWPR Datasheet
1Mb / 40P
[Old version datasheet]   3.5 V to 36 V Wide-VIN Synchronous 2.1 MHz Step-Down Converters
LM53603AMPWPT TI1-LM53603AMPWPT Datasheet
1Mb / 40P
[Old version datasheet]   3.5 V to 36 V Wide-VIN Synchronous 2.1 MHz Step-Down Converters
More results

Mô tả tương tự - LM53603AQPWPRQ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TPS62170 TI1-TPS62170_15 Datasheet
1Mb / 34P
[Old version datasheet]   Step-Down Converters
logo
Maxim Integrated Produc...
MAX20002 MAXIM-MAX20002 Datasheet
550Kb / 18P
   Integrated Step-Down Converters
Rev 1; 5/14
logo
Microsemi Corporation
LX13088A MICROSEMI-LX13088A Datasheet
412Kb / 12P
   Dual 1A Step-Down Converters
logo
Maxim Integrated Produc...
MAX20021 MAXIM-MAX20021 Datasheet
2Mb / 16P
   Step-Down DC-DC Converters
Rev 2; 12/13
logo
Microsemi Corporation
LX13088 MICROSEMI-LX13088 Datasheet
428Kb / 12P
   Dual 1A Step-Down Converters
logo
Maxim Integrated Produc...
MAX15062 MAXIM-MAX15062 Datasheet
1Mb / 23P
   Step-Down DC-DC Converters
Rev 1; 10/13
MAX20028 MAXIM-MAX20028 Datasheet
1Mb / 24P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 6; 3/20
MAX20010C MAXIM-MAX20010C Datasheet
803Kb / 23P
   Automotive Single 6A Step-Down Converters
Rev 6; 2/20
MAX16993 MAXIM-MAX16993 Datasheet
1Mb / 25P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 0; 5/13
MAX16993 MAXIM-MAX16993_V01 Datasheet
1Mb / 24P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com