công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM536033QPWPRQ1 bảng dữ liệu(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM536033QPWPRQ1
Giải thích chi tiết về linh kiện  Step-Down Converters
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM536033QPWPRQ1 bảng dữ liệu(HTML) 2 Page - Texas Instruments

  LM536033QPWPRQ1 Datasheet HTML 1Page - Texas Instruments LM536033QPWPRQ1 Datasheet HTML 2Page - Texas Instruments LM536033QPWPRQ1 Datasheet HTML 3Page - Texas Instruments LM536033QPWPRQ1 Datasheet HTML 4Page - Texas Instruments LM536033QPWPRQ1 Datasheet HTML 5Page - Texas Instruments LM536033QPWPRQ1 Datasheet HTML 6Page - Texas Instruments LM536033QPWPRQ1 Datasheet HTML 7Page - Texas Instruments LM536033QPWPRQ1 Datasheet HTML 8Page - Texas Instruments LM536033QPWPRQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
2
LM53602-Q1, LM53603-Q1
SNVSA42B – JUNE 2015 – REVISED MAY 2016
www.ti.com
Product Folder Links: LM53602-Q1 LM53603-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
Table of Contents
1
Features .................................................................. 1
2
Applications ........................................................... 1
3
Description ............................................................. 1
4
Revision History..................................................... 2
5
Device Comparison Table..................................... 3
6
Pin Configuration and Functions ......................... 3
7
Specifications......................................................... 4
7.1
Absolute Maximum Ratings ...................................... 4
7.2
ESD Ratings.............................................................. 4
7.3
Recommended Operating Conditions ....................... 5
7.4
Thermal Information .................................................. 5
7.5
Electrical Characteristics........................................... 6
7.6
System Characteristics ............................................. 7
7.7
Timing Requirements ................................................ 8
7.8
Typical Characteristics .............................................. 9
8
Detailed Description ............................................ 10
8.1
Overview ................................................................ 10
8.2
Functional Block Diagram ....................................... 10
8.3
Feature Description................................................. 11
8.4
Device Functional Modes........................................ 15
9
Application and Implementation ........................ 18
9.1
Application Information............................................ 18
9.2
Typical Applications ................................................ 18
9.3
Do's and Don't's ...................................................... 28
10
Power Supply Recommendations ..................... 29
11
Layout................................................................... 30
11.1
Layout Guidelines ................................................. 30
11.2
Layout Example .................................................... 32
12
Device and Documentation Support ................. 33
12.1
Device Support .................................................... 33
12.2
Documentation Support ........................................ 33
12.3
Related Links ........................................................ 33
12.4
Community Resources.......................................... 33
12.5
Trademarks ........................................................... 34
12.6
Electrostatic Discharge Caution ............................ 34
12.7
Glossary ................................................................ 34
13
Mechanical, Packaging, and Orderable
Information ........................................................... 34
4 Revision History
NOTE: Page numbers for previous revisions may differ from page numbers in the current version.
Changes from Revision A (June 2015) to Revision B
Page
Added Automotive Features .................................................................................................................................................. 1
changed representation of RESET threshold for clarity (physical parameter unchanged) .................................................... 6
added CFF recommendation table for ADJ version ............................................................................................................ 20
Corrected saturation current for some of the recommended inductors in the table "Recommended Inductors" ................ 22
Added recommendation for CVCC: use of X7R component is highly recommended ......................................................... 22
Added Cboot recommended rating of 10V in the CBOOT section ...................................................................................... 22
added power dissipation curve for 5Vout and 3.3Vout ........................................................................................................ 23
added layout recommendation for CVCC and CBIAS ......................................................................................................... 30
Changes from Original (June 2015) to Revision A
Page
Changed - Thermal Information, Board drawing on Page 1, Power Dissipation curves, RESET thresholds, maximum
recommended distances for VCC and Bias capacitors and added in a table for Cff. ........................................................... 1
Changed product preview to full data sheet .......................................................................................................................... 1


Số phần tương tự - LM536033QPWPRQ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM53603 TI1-LM53603 Datasheet
1Mb / 40P
[Old version datasheet]   3.5 V to 36 V Wide-VIN Synchronous 2.1 MHz Step-Down Converters
LM53603AMPWPR TI1-LM53603AMPWPR Datasheet
1Mb / 40P
[Old version datasheet]   3.5 V to 36 V Wide-VIN Synchronous 2.1 MHz Step-Down Converters
LM53603AMPWPT TI1-LM53603AMPWPT Datasheet
1Mb / 40P
[Old version datasheet]   3.5 V to 36 V Wide-VIN Synchronous 2.1 MHz Step-Down Converters
More results

Mô tả tương tự - LM536033QPWPRQ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
TPS62170 TI1-TPS62170_15 Datasheet
1Mb / 34P
[Old version datasheet]   Step-Down Converters
logo
Maxim Integrated Produc...
MAX20002 MAXIM-MAX20002 Datasheet
550Kb / 18P
   Integrated Step-Down Converters
Rev 1; 5/14
logo
Microsemi Corporation
LX13088A MICROSEMI-LX13088A Datasheet
412Kb / 12P
   Dual 1A Step-Down Converters
logo
Maxim Integrated Produc...
MAX20021 MAXIM-MAX20021 Datasheet
2Mb / 16P
   Step-Down DC-DC Converters
Rev 2; 12/13
logo
Microsemi Corporation
LX13088 MICROSEMI-LX13088 Datasheet
428Kb / 12P
   Dual 1A Step-Down Converters
logo
Maxim Integrated Produc...
MAX15062 MAXIM-MAX15062 Datasheet
1Mb / 23P
   Step-Down DC-DC Converters
Rev 1; 10/13
MAX20028 MAXIM-MAX20028 Datasheet
1Mb / 24P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 6; 3/20
MAX20010C MAXIM-MAX20010C Datasheet
803Kb / 23P
   Automotive Single 6A Step-Down Converters
Rev 6; 2/20
MAX16993 MAXIM-MAX16993 Datasheet
1Mb / 25P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
Rev 0; 5/13
MAX16993 MAXIM-MAX16993_V01 Datasheet
1Mb / 24P
   Step-Down Controller with Dual 2.1MHz Step-Down DC-DC Converters
2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com