công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM536255QRNLTQ1 bảng dữ liệu(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM536255QRNLTQ1
Giải thích chi tiết về linh kiện  Step-Down DC-DC Converter
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM536255QRNLTQ1 bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button LM536255QRNLTQ1 Datasheet HTML 5Page - Texas Instruments LM536255QRNLTQ1 Datasheet HTML 6Page - Texas Instruments LM536255QRNLTQ1 Datasheet HTML 7Page - Texas Instruments LM536255QRNLTQ1 Datasheet HTML 8Page - Texas Instruments LM536255QRNLTQ1 Datasheet HTML 9Page - Texas Instruments LM536255QRNLTQ1 Datasheet HTML 10Page - Texas Instruments LM536255QRNLTQ1 Datasheet HTML 11Page - Texas Instruments LM536255QRNLTQ1 Datasheet HTML 12Page - Texas Instruments LM536255QRNLTQ1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 55 page
background image
9
LM53625-Q1, LM53635-Q1
www.ti.com
SNVSAA7A – DECEMBER 2015 – REVISED MAY 2016
Product Folder Links: LM53625-Q1 LM53635-Q1
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
7.6 System Characteristics
The following specifications are ensured by design provided that the component values in the typical application circuit are
used. These parameters are not ensured by production testing. Limits apply over the recommended operating junction
temperature range of –40°C to +150°C, unless otherwise noted. Minimum and maximum limits are specified through test,
design, or statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for
reference purposes only. Unless otherwise stated the following conditions apply: VIN = 13.5 V.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN-MIN
Minimum input voltage for full
functionality at 1.5 A load, after start-
up.
VOUT = 3.3 V +2/–3% regulation
3.5
V
Minimum input voltage for full
functionality at maximum rated load
3.5 A after start-up.
VOUT = 3.3 V +2/–3% regulation
3.9
VOUT
Output voltage for 5-V option
VIN = 5.6 V to 36 V, IOUT = 3.5 A
4.925
5
5.08
V
Output voltage for 3.3-V option
VIN 3.9 V to 36 V, IOUT = 3.5 A
3.24
3.3
3.35
Output voltage for 5-V option
VIN = 5.5 V to 36 V, IOUT = 100 µA to 100
mA
4.92
5.05
5.125
Output voltage for 3.3-V option
VIN = 3.8 V to 36 V, IOUT = 100 µA to 100
mA
3.24
3.33
3.38
Output voltage for adjustable option
VIN = VOUT + 1 V to 36 V, IOUT = 3.5 A
–2.25%
2.25%
IQ-VIN
Input current to VIN pin
VIN= 13.5 V, VOUT = 3.3 V, IOUT = 0 A
FPWM = 0
15
40
µA
VIN = 13.5 V, VOUT = 5.0 V and IOUT = 0 A
FPWM = 0
20
VDROP1
Minimum input to output voltage
differential to maintain regulation
accuracy without inductor DCR drop
VOUT = 3.3 V/5 V, IOUT= 3.5 A, +2/–3%
output accuracy
0.35
0.6
V
VDROP2
Minimum input to output voltage
differential to maintain FSW ≥ 1.85
MHz without inductor DCR drop
VOUT = 3.3 V/5 V, IOUT=3.5 A, FSW = 1.85
MHz, 2% regulation accuracy
1.1
1.4
V
Efficiency
Typical Efficiency without inductor
loss
VIN = 13.5 V, VOUT= 5.0 V, IOUT = 3.5 A
90%
VIN = 13.5 V, VOUT = 3.3 V, IOUT = 3.5 A
84%
VIN = 13.5 V, VOUT = 5 V, IOUT = 100 mA
88%
(1)
See Detailed Description.
(2)
This is the time from the rising edge of EN to the time that the soft-start ramp begins.
(3)
Tw is the wait time between current limit trip and re-start. Tw is nominally 4× the soft-start time. However, provision must be made to
make Tw longer to ensure survivability during an output short circuit.
7.7 Timing Characteristics
Limits apply over the recommended operating junction temperature range of –40°C to +150°C, unless otherwise noted.
Minimum and maximum limits are ensured through test, design or statistical correlation. Typical values represent the most
likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated the following
conditions apply: VIN = 13.5 V.
MIN
NOM
MAX
UNIT
tON
Minimum switch on time, VIN = 18 V, IL=1 A
65
84
ns
tOFF
Minimum switch off time, VIN = 3.8 V, IL=1 A
60
80
ns
tRESET-act
Delay time to RESET high signal
2
3
4
ms
tRESET-filter
Glitch filter time for RESET function(1)
12
25
45
µs
tSS
Soft-Start Time from first switching pulse to VREF at 90%
2
3.2
5
ms
tEN
Turn-on delay, CVCC = 2.2 µF
(2)
1
ms
tW
Short circuit wait time (hiccup time)(3)
6
ms
tFPWM
Change transition time from AUTO to FPWM MODE, 20-mA load,
VIN = 13.5 V
100
µs
Change transition time from FPWM to AUTO MODE, 20-mA load,
VIN = 13.5 V
80
µs


Số phần tương tự - LM536255QRNLTQ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM536255QRNLTQ1 TI1-LM536255QRNLTQ1 Datasheet
102Kb / 7P
[Old version datasheet]   Automotive Step Down DC-DC Converter
LM536255QRNLTQ1 TI-LM536255QRNLTQ1 Datasheet
3Mb / 59P
[Old version datasheet]   LM53625/35-Q1, 2.5-A or 3.5-A, 36-V Synchronous, 2.1-MHz, Step-Down DC-DC Converter
REVISED JULY 2021
More results

Mô tả tương tự - LM536255QRNLTQ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Rohm
BP5226-18 ROHM-BP5226-18 Datasheet
478Kb / 3P
   Step-down DC/DC converter
logo
Texas Instruments
LM3212 TI1-LM3212_16 Datasheet
981Kb / 25P
[Old version datasheet]   Step-Down DC-DC Converter
TPS57140-Q1 TI1-TPS57140-Q1_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54340-Q1 TI1-TPS54340-Q1_15 Datasheet
1Mb / 48P
[Old version datasheet]   Step-Down DC-DC Converter
logo
KODENSHI_AUK CORP.
PAM2301 KODENSHI-PAM2301 Datasheet
863Kb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Texas Instruments
LM3203 TI1-LM3203_16 Datasheet
3Mb / 22P
[Old version datasheet]   Step-Down DC-DC Converter
TPS54040 TI1-TPS54040_16 Datasheet
2Mb / 51P
[Old version datasheet]   Step Down DC/DC Converter
logo
Diodes Incorporated
PAM2301 DIODES-PAM2301 Datasheet
1Mb / 13P
   STEP-DOWN DC-DC CONVERTER
logo
Maxim Integrated Produc...
MAX17505 MAXIM-MAX17505 Datasheet
826Kb / 18P
   Step-Down DC-DC Converter
Rev 0; 1/14
logo
Texas Instruments
TPS54040A TI1-TPS54040A_16 Datasheet
2Mb / 53P
[Old version datasheet]   Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com