công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM53635-Q1 bảng dữ liệu(PDF) 9 Page - Texas Instruments |
|
|
LM53635-Q1 bảng dữ liệu(HTML) 9 Page - Texas Instruments |
9 / 55 page 9 LM53625-Q1, LM53635-Q1 www.ti.com SNVSAA7A – DECEMBER 2015 – REVISED MAY 2016 Product Folder Links: LM53625-Q1 LM53635-Q1 Submit Documentation Feedback Copyright © 2015–2016, Texas Instruments Incorporated 7.6 System Characteristics The following specifications are ensured by design provided that the component values in the typical application circuit are used. These parameters are not ensured by production testing. Limits apply over the recommended operating junction temperature range of –40°C to +150°C, unless otherwise noted. Minimum and maximum limits are specified through test, design, or statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated the following conditions apply: VIN = 13.5 V. PARAMETER TEST CONDITIONS MIN TYP MAX UNIT VIN-MIN Minimum input voltage for full functionality at 1.5 A load, after start- up. VOUT = 3.3 V +2/–3% regulation 3.5 V Minimum input voltage for full functionality at maximum rated load 3.5 A after start-up. VOUT = 3.3 V +2/–3% regulation 3.9 VOUT Output voltage for 5-V option VIN = 5.6 V to 36 V, IOUT = 3.5 A 4.925 5 5.08 V Output voltage for 3.3-V option VIN 3.9 V to 36 V, IOUT = 3.5 A 3.24 3.3 3.35 Output voltage for 5-V option VIN = 5.5 V to 36 V, IOUT = 100 µA to 100 mA 4.92 5.05 5.125 Output voltage for 3.3-V option VIN = 3.8 V to 36 V, IOUT = 100 µA to 100 mA 3.24 3.33 3.38 Output voltage for adjustable option VIN = VOUT + 1 V to 36 V, IOUT = 3.5 A –2.25% 2.25% IQ-VIN Input current to VIN pin VIN= 13.5 V, VOUT = 3.3 V, IOUT = 0 A FPWM = 0 15 40 µA VIN = 13.5 V, VOUT = 5.0 V and IOUT = 0 A FPWM = 0 20 VDROP1 Minimum input to output voltage differential to maintain regulation accuracy without inductor DCR drop VOUT = 3.3 V/5 V, IOUT= 3.5 A, +2/–3% output accuracy 0.35 0.6 V VDROP2 Minimum input to output voltage differential to maintain FSW ≥ 1.85 MHz without inductor DCR drop VOUT = 3.3 V/5 V, IOUT=3.5 A, FSW = 1.85 MHz, 2% regulation accuracy 1.1 1.4 V Efficiency Typical Efficiency without inductor loss VIN = 13.5 V, VOUT= 5.0 V, IOUT = 3.5 A 90% VIN = 13.5 V, VOUT = 3.3 V, IOUT = 3.5 A 84% VIN = 13.5 V, VOUT = 5 V, IOUT = 100 mA 88% (1) See Detailed Description. (2) This is the time from the rising edge of EN to the time that the soft-start ramp begins. (3) Tw is the wait time between current limit trip and re-start. Tw is nominally 4× the soft-start time. However, provision must be made to make Tw longer to ensure survivability during an output short circuit. 7.7 Timing Characteristics Limits apply over the recommended operating junction temperature range of –40°C to +150°C, unless otherwise noted. Minimum and maximum limits are ensured through test, design or statistical correlation. Typical values represent the most likely parametric norm at TJ = 25°C, and are provided for reference purposes only. Unless otherwise stated the following conditions apply: VIN = 13.5 V. MIN NOM MAX UNIT tON Minimum switch on time, VIN = 18 V, IL=1 A 65 84 ns tOFF Minimum switch off time, VIN = 3.8 V, IL=1 A 60 80 ns tRESET-act Delay time to RESET high signal 2 3 4 ms tRESET-filter Glitch filter time for RESET function(1) 12 25 45 µs tSS Soft-Start Time from first switching pulse to VREF at 90% 2 3.2 5 ms tEN Turn-on delay, CVCC = 2.2 µF (2) 1 ms tW Short circuit wait time (hiccup time)(3) 6 ms tFPWM Change transition time from AUTO to FPWM MODE, 20-mA load, VIN = 13.5 V 100 µs Change transition time from FPWM to AUTO MODE, 20-mA load, VIN = 13.5 V 80 µs |
Số phần tương tự - LM53635-Q1 |
|
Mô tả tương tự - LM53635-Q1 |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |