công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM556 bảng dữ liệu(PDF) 5 Page - Texas Instruments

tên linh kiện LM556
Giải thích chi tiết về linh kiện  Dual Timer
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM556 bảng dữ liệu(HTML) 5 Page - Texas Instruments

  LM556_16 Datasheet HTML 1Page - Texas Instruments LM556_16 Datasheet HTML 2Page - Texas Instruments LM556_16 Datasheet HTML 3Page - Texas Instruments LM556_16 Datasheet HTML 4Page - Texas Instruments LM556_16 Datasheet HTML 5Page - Texas Instruments LM556_16 Datasheet HTML 6Page - Texas Instruments LM556_16 Datasheet HTML 7Page - Texas Instruments LM556_16 Datasheet HTML 8Page - Texas Instruments LM556_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
LM556
www.ti.com
SNAS549A – MARCH 2000 – REVISED OCTOBER 2015
6.5 Electrical Characteristics
TA = 25°C, VCC = 5 V to 15 V, unless otherwise specified
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Supply voltage
4.5
16
V
VCC = 5 V, RL = ¥
3
6
Supply current (each timer section)
mA
VCC = 15 V, RL = ¥ (low state)
(1)
10
14
Initial accuracy
0.75%
Drift with temperature
50
ppm/°C
Timing error,
RA = 1 k to 100 kΩ,
monostable
C = 0.1
μF(2)
Accuracy over temperature
1.5%
Drift with supply
0.1
%/V
Initial accuracy
2.25%
Drift with temperature
150
Timing error,
RA, RB = 1 k to 100 kΩ,
ppm/°C
astable
C = 0.1
μF(2)
Accuracy over temperature
3%
Drift with supply
0.30
%/V
VCC = 15 V
4.5
5
5.5
Trigger voltage
V
VCC = 5 V
1.25
1.67
2
Trigger current
0.2
1
µA
Reset voltage
0.4
0.5
1
V
Reset current
0.1
0.6
mA
VTH = V-control
(3)
0.03
0.1
µA
Threshold current
VTH = 11.2 V
250
nA
VCC = 15 V
9
10
11
Control voltage level and threshold voltage
V
VCC = 5 V
2.6
3.33
4
Pin 1, 13 leakage output high
1
100
nA
VCC = 15 V, I = 15 mA
180
300
Pin 1, 13 sat output low(4)
mV
VCC = 4.5 V, I = 4.5 mA
80
200
ISINK = 10 mA
0.1
0.25
ISINK = 50 mA
0.4
0.75
VCC = 15 V
Output voltage drop (low)
ISINK = 100 mA
2
2.75
V
ISINK = 200 mA
2.5
VCC = 5 V, ISINK = 5 mA
0.25
0.35
ISOURCE = 200 mA, VCC = 15 V
12.5
Output voltage drop (high)
ISOURCE = 100 mA, VCC = 15 V
12.75
13.3
V
VCC = 5 V
2.75
3.3
Rise time of output
100
ns
Fall time of output
100
ns
Initial timing accuracy
0.1%
2%
ppm/°C
Matching
Timing drift with temperature
See (5)
±10
characteristics
Drift with supply voltage
0.2
0.5
%/V
(1)
Supply current when output high typically 1 mA less at VCC = 5 V.
(2)
Tested at VCC = 5 V and VCC = 15 V.
(3)
This will determine the maximum value of RA + RB for 15-V operation. The maximum total (RA + RB) is 20 MΩ.
(4)
No protection against excessive pin 1, 13 current is necessary providing the package dissipation rating will not be exceeded.
(5)
Matching characteristics refer to the difference between performance characteristics of each timer section.
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
5
Product Folder Links: LM556


Số phần tương tự - LM556_16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Unisonic Technologies
LM556 UTC-LM556_15 Datasheet
170Kb / 4P
   DUAL TIMER
More results

Mô tả tương tự - LM556_16

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM556 NSC-LM556 Datasheet
216Kb / 8P
   Dual Timer
logo
Fairchild Semiconductor
KA556 FAIRCHILD-KA556 Datasheet
44Kb / 8P
   Dual Timer
logo
Unisonic Technologies
LM556 UTC-LM556_15 Datasheet
170Kb / 4P
   DUAL TIMER
logo
Mitsubishi Electric Sem...
M51847P MITSUBISHI-M51847P Datasheet
153Kb / 4P
   DUAL TIMER
logo
NXP Semiconductors
NE556 PHILIPS-NE556 Datasheet
103Kb / 5P
   Dual timer
August 31, 1994
logo
Fairchild Semiconductor
LM556 FAIRCHILD-LM556 Datasheet
44Kb / 8P
   Dual Timer
logo
Texas Instruments
LM556 TI1-LM556 Datasheet
1Mb / 20P
[Old version datasheet]   Dual Timer
logo
New Japan Radio
NJM556 NJRC-NJM556 Datasheet
200Kb / 5P
   DUAL TIMER
logo
Unisonic Technologies
UTCLM556 UTC-UTCLM556 Datasheet
49Kb / 3P
   DUAL TIMER
UTCNE556 UTC-UTCNE556 Datasheet
49Kb / 3P
   DUAL TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com