công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

BZW50-14 bảng dữ liệu(PDF) 1 Page - SUNMATE electronic Co., LTD

tên linh kiện BZW50-14
Giải thích chi tiết về linh kiện  AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  SUNMATE [SUNMATE electronic Co., LTD]
Trang chủ  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BZW50-14 bảng dữ liệu(HTML) 1 Page - SUNMATE electronic Co., LTD

  BZW50-14 Datasheet HTML 1Page - SUNMATE electronic Co., LTD BZW50-14 Datasheet HTML 2Page - SUNMATE electronic Co., LTD BZW50-14 Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
BZW50-5.0(B)- BZW50-190(B)
VOLTAGE RANGE: 5.0 - 19 0 V
POWER: 5000Wa t t s
AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
Case: JEDEC R-6 Molded Plastic
Uni- and Bi-Directional Versions Available
Excellent Clamping Capability
Fast Response Time
Plastic Case Material has UL Flammability
Classification Rating 94V-O
Mechanical Data
Terminals: Axial Leads, Solderable per
MIL-STD-750, Method 2026
Polarity: Cathode Band or Cathode Notch
Features
Maximum Ratings and Electrical Characteristics @TA=25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Peak Pulse Power Dissipation at TA = 25°C (Note 1, 2, 5) Figure 3
PPPM
5000 Minimum
W
Peak Forward Surge Current (Note 3)
IFSM
400
A
Peak Pulse Current on 10/1000µS Waveform (Note 1) Figure 1
IPPM
See Table 1
A
Steady State Power Dissipation (Note 2, 4)
PM(AV)
8.0
W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +175
°C
Note: 1. Non-repetitive current pulse, per Figure 1 and derated above TA = 25°C per Figure 4.
2. Mounted on 20mm2 copper pad.
3. 8.3ms single half sine-wave duty cycle = 4 pulses per minutes maximum,
4. Lead temperature at 75°C = TL .
5. Peak pulse power waveform is 10/1000µS.
1 of 3
www.sunmate.tw
!
!
!
!
!
!
Weight: 2.10 grams (approx.)
!
!
A
A
B
C
D
R-6
Dim
Min
Max
A
25.4
B
8.6
9.1
C
1.2
1.3
All Dimensions in mm


Số phần tương tự - BZW50-14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
BZW50-10 STMICROELECTRONICS-BZW50-10 Datasheet
78Kb / 5P
   TRANSILTM
logo
EIC discrete Semiconduc...
BZW50-10 EIC-BZW50-10 Datasheet
47Kb / 3P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
STMicroelectronics
BZW50-10 STMICROELECTRONICS-BZW50-10 Datasheet
173Kb / 5P
   TRANSILTM
BZW50-10 STMICROELECTRONICS-BZW50-10 Datasheet
124Kb / 8P
   Transil, transient voltage surge suppressor (TVS)
BZW50-10 STMICROELECTRONICS-BZW50-10 Datasheet
124Kb / 8P
   Transil?? transient voltage surge suppressor (TVS)
More results

Mô tả tương tự - BZW50-14

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
SUNMATE electronic Co.,...
5KP190A SUNMATE-5KP190A Datasheet
800Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
P4KE6.8A SUNMATE-P4KE6.8A_V01 Datasheet
1Mb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
1N6302A SUNMATE-1N6302A Datasheet
745Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
30KPA28A SUNMATE-30KPA28A Datasheet
524Kb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
1N6303 SUNMATE-1N6303 Datasheet
745Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
1N6303A SUNMATE-1N6303A Datasheet
745Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
1N6302 SUNMATE-1N6302 Datasheet
745Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
5KP5.0A SUNMATE-5KP5.0A_15 Datasheet
940Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
1N6267 SUNMATE-1N6267_15 Datasheet
745Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
3KE180A SUNMATE-3KE180A Datasheet
427Kb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS
More results


Html Pages

1 2 3


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com