công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM49153 bảng dữ liệu(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM49153
Giải thích chi tiết về linh kiện  Mono Audio Subsystem with Class G Headphone Amplifier, Class D Speaker Amplifier, Noise Gate and Speaker Protection
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM49153 bảng dữ liệu(HTML) 8 Page - Texas Instruments

Back Button LM49153 Datasheet HTML 4Page - Texas Instruments LM49153 Datasheet HTML 5Page - Texas Instruments LM49153 Datasheet HTML 6Page - Texas Instruments LM49153 Datasheet HTML 7Page - Texas Instruments LM49153 Datasheet HTML 8Page - Texas Instruments LM49153 Datasheet HTML 9Page - Texas Instruments LM49153 Datasheet HTML 10Page - Texas Instruments LM49153 Datasheet HTML 11Page - Texas Instruments LM49153 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
0.01
0.1
1
10
100
0.001
0.01
0.1
OUTPUT POWER (W)
0.01
0.1
1
10
100
0.0001 0.001
0.01
0.1
1
10
100
OUTPUT POWER (mW)
0.01
0.1
1
10
100
0.0001 0.001
0.01
0.1
1
10
100
OUTPUT POWER (mW)
OUTPUT POWER (W)
0.01
0.1
1
10
0.02
0.2
2
0.05
0.5
5
10m
100m
1
1m
20m
200m
2m
50m
500m
5m
2
10m
100m
1
OUTPUT POWER (W)
0.01
0.1
1
10
1m
20m
200m
2m
50m
500m
5m
0.02
0.2
2
0.05
0.5
5
OUTPUT POWER (W)
0.01
0.1
1
10
0.02
0.2
2
0.05
0.5
5
10m
100m
1
1m
20m
200m
2m
50m
500m
5m
2
LM49153
SNAS496C – JANUARY 2011 – REVISED MAY 2013
www.ti.com
Typical Performance Characteristics
(1)
THD+N vs Output Power
THD+N vs Output Power
VDD = 3.6V, RL = 8Ω, f = 1kHz
VDD = 4.2V, RL = 8Ω, f = 1kHz
AV = 18dB, Mode 2
AV = 18dB, Mode 2
Figure 3.
Figure 4.
THD+N vs Output Power
THD+N vs Output Power
VDD = 5.0V, RL = 8Ω, f = 1kHz
VDD = 3.6V, HPVDD = 1.8V, RL = 16Ω, f = 1kHz
AV = 18dB, Mode 2
AV = 6dB, Mode 4
Figure 5.
Figure 6.
THD+N vs Output Power
VDD = 3.6V, HPVDD = 1.8V, RL = 32Ω, f = 1kHz
THD+N vs Output Power
AV = 6dB, Mode 4
RL = 32Ω, f = 1kHz, Earpiece Mode
Figure 7.
Figure 8.
(1)
Loudspeaker RL is a resistive load in series with two inductors to simulate an actual speaker load. For RL = 8Ω, the load is 15µH + 8Ω,
+15µH. For RL = 4Ω, the load is 15µH + 4Ω + 15µH.
8
Submit Documentation Feedback
Copyright © 2011–2013, Texas Instruments Incorporated
Product Folder Links: LM49153


Số phần tương tự - LM49153

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM49153 TI1-LM49153 Datasheet
1Mb / 32P
[Old version datasheet]   LM49153 Mono Audio Subsystem with Class G Headphone Amplifier, Class D SpeakerAmplifier, Noise Gate and Speaker Protection
LM49153TM TI1-LM49153TM Datasheet
1Mb / 32P
[Old version datasheet]   LM49153 Mono Audio Subsystem with Class G Headphone Amplifier, Class D SpeakerAmplifier, Noise Gate and Speaker Protection
LM49153TMX TI1-LM49153TMX Datasheet
1Mb / 32P
[Old version datasheet]   LM49153 Mono Audio Subsystem with Class G Headphone Amplifier, Class D SpeakerAmplifier, Noise Gate and Speaker Protection
More results

Mô tả tương tự - LM49153

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM49153 TI1-LM49153 Datasheet
1Mb / 32P
[Old version datasheet]   LM49153 Mono Audio Subsystem with Class G Headphone Amplifier, Class D SpeakerAmplifier, Noise Gate and Speaker Protection
LM49251 TI1-LM49251 Datasheet
3Mb / 42P
[Old version datasheet]   Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
LM49251 TI1-LM49251_15 Datasheet
8Mb / 41P
[Old version datasheet]   Stereo Audio Subsystem with Class G Headphone Amplifier and Class D Speaker Amplifier with Speaker Protection
logo
Fairchild Semiconductor
FAB2200 FAIRCHILD-FAB2200 Datasheet
962Kb / 33P
   Audio Subsystem with Stereo Class-G Headphone Amplifier and 1.2W Mono Class-D Speaker Amplifier
logo
Maxim Integrated Produc...
MAX97000 MAXIM-MAX97000_V01 Datasheet
3Mb / 34P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
19-5004; Rev 1; 6/10
MAX97000 MAXIM-MAX97000 Datasheet
3Mb / 33P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifier
Rev 0; 11/09
MAX97002 MAXIM-MAX97002 Datasheet
3Mb / 36P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
Rev 0; 1/10
MAX97001 MAXIM-MAX97001 Datasheet
3Mb / 36P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
19-5130; Rev 0; 1/10
logo
Fairchild Semiconductor
FAB2210 FAIRCHILD-FAB2210 Datasheet
1Mb / 35P
   Audio Subsystem with Class-G Headphone and 3.3W Mono Class-D Speaker with Dynamic Range Compression
logo
Texas Instruments
TAS2505 TI1-TAS2505 Datasheet
1Mb / 34P
[Old version datasheet]   Digital Input Class-D Speaker Amplifier with Audio Processing and mono headphone amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com