công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM49200 bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM49200
Giải thích chi tiết về linh kiện  Stereo Class AB Audio Subsystem with a True Ground Headphone Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM49200 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LM49200 Datasheet HTML 1Page - Texas Instruments LM49200 Datasheet HTML 2Page - Texas Instruments LM49200 Datasheet HTML 3Page - Texas Instruments LM49200 Datasheet HTML 4Page - Texas Instruments LM49200 Datasheet HTML 5Page - Texas Instruments LM49200 Datasheet HTML 6Page - Texas Instruments LM49200 Datasheet HTML 7Page - Texas Instruments LM49200 Datasheet HTML 8Page - Texas Instruments LM49200 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
LM49200, LM49200TLEVAL
www.ti.com
SNAS459A – MAY 2009 – REVISED APRIL 2013
LM49200
Stereo Class AB Audio Subsystem with a True
Ground Headphone Amplifier
Check for Samples: LM49200, LM49200TLEVAL
1
FEATURES
APPLICATIONS
2
Differential Mono Input and Stereo Single-
Portable Electronic Devices
Ended Input
Mobile Phones
32-Step Digital Volume Control (-80 to +18dB)
PDAs
Three Independent Volume Channels (Left,
Right, Mono)
DESCRIPTION
The LM49200 is a fully integrated audio subsystem
Separate Headphone Volume Control
with a stereo power amplifier capable of delivering
Flexible Output for Speaker and Headphone
500mW of continuous average power per channel
Output
into 8
Ω with 1% THD+N using a 3.3V supply. The
True Ground Headphone Amplifier Eliminates
LM49200 includes a separate stereo headphone
Large DC Blocking Capacitors Reducing PCB
amplifier that can deliver 35mW per channel into
Space and Cost
32
Ω.
Receiver Pass-Through Capability
The LM49200 has three input channels. A pair of
single-ended inputs and a fully differential input
Soft Enable Function
channel. The LM49200 features a 32-step digital
RF Immunity Topology
volume control on the input stage and an 8-step
“Click and Pop” Suppression Circuitry
digital volume control on the headphone output stage.
Thermal Shutdown Protection
The digital volume control and output modes are
Micro-Power Shutdown
programmed through a two-wire I2C compatible
interface that allows flexibility in routing and mixing
I2C Control Interface
audio channels.
Available in Space-Saving DSBGA Package
The LM49200 is designed for cellular phone, PDA,
KEY SPECIFICATIONS
and other portable handheld applications. The high
level of integration minimizes external components.
Supply Voltage (VDD): 2.7V
≤ VDD ≤ 5.5V
The True Ground headphone amplifier eliminates the
I2C Supply Voltage: 1.7V
≤ I2CVDD ≤ 5.5V
physically
large
DC
blocking
output
capacitors
reducing required board space and reducing cost.
Output power at VDD = 5V, 1% THD+N
RL = 8
Ω speaker: 1.25W (typ)
RL = 32
Ω headphone: 38mW (typ)
Output power at VDD = 3.3V, 1% THD+N
RL = 8
Ω speaker: 520W (typ)
RL = 32
Ω headphone: 38mW (typ)
PSRR:
VDD = 3.3V, 217Hz ripple, Mono In: 95dB
(typ)
Shutdown power supply current 0.02
μA (typ)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2009–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - LM49200

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM49200 NSC-LM49200 Datasheet
960Kb / 26P
   Stereo Class AB Audio Subsystem with a True Ground Headphone Amplifier
LM49200TL NSC-LM49200TL Datasheet
960Kb / 26P
   Stereo Class AB Audio Subsystem with a True Ground Headphone Amplifier
LM49200TLX NSC-LM49200TLX Datasheet
960Kb / 26P
   Stereo Class AB Audio Subsystem with a True Ground Headphone Amplifier
More results

Mô tả tương tự - LM49200

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM49200 NSC-LM49200 Datasheet
960Kb / 26P
   Stereo Class AB Audio Subsystem with a True Ground Headphone Amplifier
LM49100 NSC-LM49100 Datasheet
2Mb / 24P
   Mono Class AB Audio Subsystem with a True-Ground Headphone Amplifier
logo
Texas Instruments
LM49101 TI1-LM49101 Datasheet
1Mb / 33P
[Old version datasheet]   Mono Class AB Audio Subsystem with a True Ground Headphone Amplifier and Earpiece Switch
logo
National Semiconductor ...
LM49101 NSC-LM49101 Datasheet
839Kb / 30P
   Mono Class AB Audio Subsystem with a True Ground Headphone Amplifier and Earpiece Switch
logo
Texas Instruments
LM49100 TI1-LM49100_14 Datasheet
4Mb / 33P
[Old version datasheet]   Mono Class AB Audio Sub-System with a True- Ground Headphone Amplifier
logo
National Semiconductor ...
LM49100_0709 NSC-LM49100_0709 Datasheet
2Mb / 26P
   Mono Class AB Audio Sub-System with a True-Ground Headphone Amplifier
LM4949 NSC-LM4949 Datasheet
1Mb / 40P
   Stereo Class D Audio Subsystem with OCL Headphone Amplifier
logo
Maxim Integrated Produc...
MAX9879 MAXIM-MAX9879 Datasheet
535Kb / 31P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
Rev 0; 2/09
MAX9879 MAXIM-MAX9879_V01 Datasheet
575Kb / 32P
   Stereo Class D Audio Subsystem with DirectDrive Headphone Amplifier
19-4436; Rev 1; 4/13
logo
Diodes Incorporated
PAM8019 DIODES-PAM8019 Datasheet
776Kb / 12P
   3W STEREO CLASS-D AUDIO AMPLIFIER AND CLASS AB HEADPHONE DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com