công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM4924 bảng dữ liệu(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM4924
Giải thích chi tiết về linh kiện  Audio Power Amplifier Series 2 Cell Battery, 40mW Per Channel Output Capacitor-Less (OCL) Stereo Headphone Audio Amplifier
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM4924 bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button LM4924 Datasheet HTML 5Page - Texas Instruments LM4924 Datasheet HTML 6Page - Texas Instruments LM4924 Datasheet HTML 7Page - Texas Instruments LM4924 Datasheet HTML 8Page - Texas Instruments LM4924 Datasheet HTML 9Page - Texas Instruments LM4924 Datasheet HTML 10Page - Texas Instruments LM4924 Datasheet HTML 11Page - Texas Instruments LM4924 Datasheet HTML 12Page - Texas Instruments LM4924 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
LM4924
www.ti.com
SNAS272B – OCTOBER 2004 – REVISED APRIL 2013
Application Information
ELIMINATING OUTPUT COUPLING CAPACITORS
Typical single-supply audio amplifiers that drive single-ended (SE) headphones use a coupling capacitor on each
SE output. This output coupling capacitor blocks the half-supply voltage to which the output amplifiers are
typically biased and couples the audio signal to the headphones. The signal return to circuit ground is through
the headphone jack's sleeve.
The LM4924 eliminates these output coupling capacitors. VoC is internally configured to apply a 1/2VDD bias
voltage to a stereo headphone jack's sleeve. This voltage matches the quiescent voltage present on the VoA and
VoB outputs that drive the headphones. The headphones operate in a manner similar to a bridge-tied-load (BTL).
The same DC voltage is applied to both headphone speaker terminals. This results in no net DC current flow
through the speaker. AC current flows through a headphone speaker as an audio signal's output amplitude
increases on the speaker's terminal.
The headphone jack's sleeve is not connected to circuit ground. Using the headphone output jack as a line-level
output will place the LM4924's bandgap 1/2VDD bias on a plug's sleeve connection. This presents no difficulty
when the external equipment uses capacitively coupled inputs. For the very small minority of equipment that is
DC-coupled, the LM4924 monitors the current supplied by the amplifier that drives the headphone jack's sleeve.
If this current exceeds 500mAPK, the amplifier is shutdown, protecting the LM4924 and the external equipment.
BYPASS CAPACITOR VALUE SELECTION
Besides minimizing the input capacitor size, careful consideration should be paid to value of CBYPASS, the
capacitor connected to the BYPASS pin. Since CBYPASS determines how fast the LM4924 settles to quiescent
operation, its value is critical when minimizing turn-on pops. The slower the LM4924's outputs ramp to their
quiescent DC voltage (nominally VDD/2), the smaller the turn-on pop. Choosing CB equal to 4.7µF along with a
small value of Ci (in the range of 0.1µF to 0.47µF), produces a click-less and pop-less shutdown function. As
discussed above, choosing Ci no larger than necessary for the desired bandwidth helps minimize clicks and
pops. This ensures that output transients are eliminated when power is first applied or the LM4924 resumes
operation after shutdown.
OPTIMIZING CLICK AND POP REDUCTION PERFORMANCE
The LM4924 contains circuitry that eliminates turn-on and shutdown transients ("clicks and pops"). For this
discussion, turn-on refers to either applying the power supply voltage or when the micro-power shutdown mode
is deactivated.
As the VDD/2 voltage present at the BYPASS pin ramps to its final value, the LM4924's internal amplifiers are
configured as unity gain buffers. An internal current source charges the capacitor connected between the
BYPASS pin and GND in a controlled, linear manner. Ideally, the input and outputs track the voltage applied to
the BYPASS pin. The gain of the internal amplifiers remains unity until the voltage on the bypass pin reaches
VDD/2. As soon as the voltage on the bypass pin is stable, the device becomes fully operational and the amplifier
outputs are reconnected to their respective output pins. Although the BYPASS pin current cannot be modified,
changing the size of CBYPASS alters the device's turn-on time. There is a linear relationship between the size of
CBYPASS and the turn-on time. Here are some typical turn-on times for various values of CBYPASS.
AMPLIFIER CONFIGURATION EXPLANATION
As shown in Figure 1, the LM4924 has three operational amplifiers internally. Two of the amplifier's have
externally configurable gain while the other amplifier is internally fixed at the bias point acting as a unity-gain
buffer. The closed-loop gain of the two configurable amplifiers is set by selecting the ratio of Rf to Ri.
Consequently, the gain for each channel of the IC is
AV = -(Rf/Ri)
(1)
By driving the loads through outputs VO1 and VO2 with VO3 acting as a buffered bias voltage the LM4924 does not
require output coupling capacitors. The typical single-ended amplifier configuration where one side of the load is
connected to ground requires large, expensive output coupling capacitors.
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM4924


Số phần tương tự - LM4924

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM4924 NSC-LM4924 Datasheet
425Kb / 16P
   2 Cell Battery, 40mW Per Channel Output Capacitor-Less(OCL) Stereo Headphone Audio Amplifier
LM4924MM NSC-LM4924MM Datasheet
425Kb / 16P
   2 Cell Battery, 40mW Per Channel Output Capacitor-Less(OCL) Stereo Headphone Audio Amplifier
LM4924SD NSC-LM4924SD Datasheet
425Kb / 16P
   2 Cell Battery, 40mW Per Channel Output Capacitor-Less(OCL) Stereo Headphone Audio Amplifier
More results

Mô tả tương tự - LM4924

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM4924 NSC-LM4924 Datasheet
425Kb / 16P
   2 Cell Battery, 40mW Per Channel Output Capacitor-Less(OCL) Stereo Headphone Audio Amplifier
logo
Texas Instruments
LM4929 TI1-LM4929 Datasheet
1Mb / 20P
[Old version datasheet]   Audio Power Amplifier Series Stereo 40mW Low Noise Headphone Amplifier with OCL Output
logo
National Semiconductor ...
LM4925 NSC-LM4925 Datasheet
1Mb / 15P
   2 Cell, Single Ended Output, 40mW Stereo Headphone Audio Amplifier
LM4929 NSC-LM4929 Datasheet
899Kb / 13P
   Stereo 40mW Low Noise Headphone Amplifier with OCL Output
LM4980 NSC-LM4980 Datasheet
1Mb / 20P
   2 Cell Battery, 1mA, 42mW Per Channel High Fidelity Stereo Headphone Audio Amplifier for MP3 players
logo
Eutech Microelectronics...
EUA6210 EUTECH-EUA6210 Datasheet
452Kb / 10P
   Output Capacitor-less 67mW Stereo Headphone Amplifier
logo
National Semiconductor ...
LM4910 NSC-LM4910 Datasheet
828Kb / 22P
   Output Capacitor-less Stereo 35mW Headphone Amplifier
LM4949 NSC-LM4949 Datasheet
1Mb / 40P
   Stereo Class D Audio Subsystem with OCL Headphone Amplifier
logo
Texas Instruments
LM4911 TI1-LM4911 Datasheet
1Mb / 30P
[Old version datasheet]   Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
logo
National Semiconductor ...
LM4911 NSC-LM4911 Datasheet
1Mb / 22P
   Stereo 40mW Low Noise Headphone Amplifier with Selectable Capacitive Coupled or OCL Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com