công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM4917 bảng dữ liệu(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM4917
Giải thích chi tiết về linh kiện  Audio Power Amplifier Series Ground-Referenced, 95mW Stereo Headphone Amplifier
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM4917 bảng dữ liệu(HTML) 3 Page - Texas Instruments

  LM4917 Datasheet HTML 1Page - Texas Instruments LM4917 Datasheet HTML 2Page - Texas Instruments LM4917 Datasheet HTML 3Page - Texas Instruments LM4917 Datasheet HTML 4Page - Texas Instruments LM4917 Datasheet HTML 5Page - Texas Instruments LM4917 Datasheet HTML 6Page - Texas Instruments LM4917 Datasheet HTML 7Page - Texas Instruments LM4917 Datasheet HTML 8Page - Texas Instruments LM4917 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
SD_LC
CPVDD
CCP+
PGND
CCP-
VCP_OUT
-AVDD
SD_RC
SGND
R_IN
L_IN
R_OUT
L_OUT
AVDD
8
9
14
10
11
12
13
SD_RC
SGND
R_IN
L_IN
R_OUT
L_OUT
AVDD
1
6
2
3
4
5
7
SD_LC
CPVDD
CCP+
PGND
CCP-
VCP_OUT
-AVDD
LM4917
www.ti.com
SNAS238G – AUGUST 2004 – REVISED MAY 2013
TSSOP Package
Top View
See Package Number PW
WSON Package
Top View
See Package Number NHK0014A
PIN DESCRIPTIONS
Pin
Name
Function
1
SD_LC
Active_Low Shutdown, Left Channel
2
CPVDD
Charge Pump Power Supply
3
CCP+
Positive Terminal-Charge Pump Flying Capacitor
4
PGND
Power Ground
5
CCP-
Negative Terminal- Charge Pump Flying Capacitor
6
VCP_OUT
Charge Pump Output
7
-AVDD
Negative Power Supply-Amplifier
8
L_OUT
Left Channel Output
9
AVDD
Positive Power Supply-Amplifier
10
L_IN
Left Channel Input
11
R_OUT
Right Channel Output
12
SD_RC
Active_Low Shutdown, Right Channel
13
R_IN
Right Channel Input
14
SGND
Signal Ground
Copyright © 2004–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM4917


Số phần tương tự - LM4917

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM4917 NSC-LM4917 Datasheet
1Mb / 18P
   Ground-Referenced, 95mW Stereo Headphone Amplifier
LM4917MT NSC-LM4917MT Datasheet
1Mb / 18P
   Ground-Referenced, 95mW Stereo Headphone Amplifier
LM4917SD NSC-LM4917SD Datasheet
1Mb / 18P
   Ground-Referenced, 95mW Stereo Headphone Amplifier
More results

Mô tả tương tự - LM4917

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM4917 NSC-LM4917 Datasheet
1Mb / 18P
   Ground-Referenced, 95mW Stereo Headphone Amplifier
logo
New Japan Radio
NJU72040 NJRC-NJU72040 Datasheet
289Kb / 19P
   Ground Referenced Stereo Headphone Amplifier
logo
Texas Instruments
LM48820 TI1-LM48820 Datasheet
994Kb / 18P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
LM48820 TI1-LM48820_14 Datasheet
994Kb / 19P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
logo
National Semiconductor ...
LM48820 NSC-LM48820 Datasheet
942Kb / 16P
   Ground-Referenced, Ultra Low Noise, Fixed Gain, 95mW Stereo Headphone Amplifier
LM48861 NSC-LM48861 Datasheet
355Kb / 16P
   Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
logo
Texas Instruments
LM48861 TI1-LM48861_14 Datasheet
845Kb / 20P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
LM48861 TI1-LM48861 Datasheet
851Kb / 20P
[Old version datasheet]   Ground-Referenced, Ultra Low Noise, Stereo Headphone Amplifier
logo
Nuvoton Technology Corp...
NAU88L21 NUVOTON-NAU88L21 Datasheet
1Mb / 69P
   Ultra-Low Power Audio CODEC Ground-Referenced Headphone Amplifier
logo
National Semiconductor ...
LM48860 NSC-LM48860 Datasheet
423Kb / 18P
   Ground-Referenced, Ultra Low Noise, Fixed Gain Stereo Headphone Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com