công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM46001PWPT bảng dữ liệu(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM46001PWPT
Giải thích chi tiết về linh kiện  LM46001 SIMPLE SWITCHER짰 3.5 V to 60 V 1 A Synchronous Step-Down Voltage Converter
Download  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM46001PWPT bảng dữ liệu(HTML) 1 Page - Texas Instruments

  LM46001PWPT Datasheet HTML 1Page - Texas Instruments LM46001PWPT Datasheet HTML 2Page - Texas Instruments LM46001PWPT Datasheet HTML 3Page - Texas Instruments LM46001PWPT Datasheet HTML 4Page - Texas Instruments LM46001PWPT Datasheet HTML 5Page - Texas Instruments LM46001PWPT Datasheet HTML 6Page - Texas Instruments LM46001PWPT Datasheet HTML 7Page - Texas Instruments LM46001PWPT Datasheet HTML 8Page - Texas Instruments LM46001PWPT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 52 page
background image
SW
VIN
PGND
CBOOT
VCC
BIAS
SYNC
RT
ENABLE
SS/TRK
AGND
FB
LM46001
VIN
COUT
CBOOT
CIN
CVCC
VOUT
CBIAS
RFBT
RFBB
CFF
L
PGOOD
EN 55022 Class B Limit
Frequency (MHz)
dBuV
80
70
60
50
40
30
20
10
30
Evaluation Board Emissions
1000
100
Vertical Polarization
Horizontal Polarization
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM46001
SNVSA46A – JUNE 2014 – REVISED JULY 2014
LM46001 SIMPLE SWITCHER® 3.5 V to 60 V 1 A Synchronous Step-Down Voltage
Converter
1 Features
3 Description
The LM46001 SIMPLE SWITCHER® regulator is an
1
24 µA Quiescent Current in Regulation
easy
to
use
synchronous
step-down
DC-DC
High Efficiency at Light Load (DCM and PFM)
converter capable of driving up to 1 A of load current
Meets EN55022/CISPR 22 EMI standards
from an input voltage ranging from 3.5 V to 60 V. The
LM46001
provides
exceptional
efficiency,
output
Integrated Synchronous Rectification
accuracy and drop-out voltage in a very small
Adjustable Switching Frequency: 200 kHz to 2.2
solution size. An extended family is available in 0.5 A
MHz (500 kHz default)
and
2.0
A
load
current
options
in
pin-to-pin
Frequency Synchronization to External Clock
compatible packages. Peak current mode control is
employed
to
achieve
simple
control
loop
Internal Compensation
compensation and cycle-by-cycle current limiting.
Stable with Many Combinations of Ceramic,
Optional features such as programmable switching
Polymer, Tantalum, and Aluminum Capacitors
frequency,
synchronization,
power-good
flag,
Power-Good Flag
precision enable, internal soft-start, extendable soft-
start, and tracking provide a flexible and easy to use
Soft-Start into Pre-Biased Load
platform
for
a
wide
range
of
applications.
Internal Soft-Start: 4.1 ms
Discontinuous conduction and automatic frequency
Extendable Soft-Start Time by External Capacitor
reduction at light loads improve light load efficiency.
Output Voltage Tracking Capability
The family requires few external components and pin
arrangement allows simple, optimum PCB layout.
Precision Enable to Program System UVLO
Protection features include thermal shutdown, VCC
Output Short Circuit Protection with Hiccup Mode
under-voltage lockout, cycle-by-cycle current limit,
Over Temperature Thermal Shutdown Protection
and output short circuit protection. The LM46001
device is available in the HTSSOP / PWP 16 leaded
2 Applications
package (5.1 mm x 6.6 mm x 1.2 mm) with 0.65 mm
lead pitch. Pin to pin compatible with LM46000,
Industrial Power Supplies
LM46002,
LM43603,
LM43602,
LM43601,
and
Telecommunications Systems
LM43600.
Sub-AM Band 12 V and 24 V Automotive
Device Information(1)
Commercial Vehicle Power Supplies
PART NUMBER
PACKAGE
BODY SIZE (NOM)
General Purpose Wide VIN Regulation
LM46001
HTSSOP (16)
5.1 mm x 6.6 mm
High Efficiency Point-Of-Load Regulation
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
Simplified Schematic
Radiated Emission Graph
VOUT = 3.3 V, VIN = 24 V, FS= 500 kHz, IOUT = 1 A
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Số phần tương tự - LM46001PWPT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
TEXAS ADVANCED OPTOELEC...
LM46001PWPEVM TAOS-LM46001PWPEVM Datasheet
767Kb / 14P
   evaluation module (EVM) helps designers evaluate the operation
More results

Mô tả tương tự - LM46001PWPT

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM46001 TI-LM46001_15 Datasheet
1Mb / 52P
[Old version datasheet]   LM46001 SIMPLE SWITCHER짰 3.5 V to 60 V 1 A Synchronous Step-Down Voltage Converter
LM46001-Q1 TI1-LM46001-Q1 Datasheet
1Mb / 53P
[Old version datasheet]   LM46001-Q1 SIMPLE SWITCHER짰 3.5 V to 60 V 1 A Synchronous Step-Down Voltage Converter
LM46000 TI1-LM46000 Datasheet
2Mb / 56P
[Old version datasheet]   LM46000 SIMPLE SWITCHER짰 3.5 V to 60 V 0.5 A Synchronous Step-Down Voltage Converter
LM46000 TI-LM46000_15 Datasheet
1Mb / 53P
[Old version datasheet]   LM46000 SIMPLE SWITCHER짰 3.5 V to 60 V 0.5 A Synchronous Step-Down Voltage Converter
LM43601 TI-LM43601_15 Datasheet
1Mb / 53P
[Old version datasheet]   LM43601 SIMPLE SWITCHER짰 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
LM43601 TI1-LM43601_16 Datasheet
1Mb / 53P
[Old version datasheet]   LM43601 SIMPLE SWITCHER짰 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
LM43601-Q1 TI1-LM43601-Q1_16 Datasheet
1Mb / 53P
[Old version datasheet]   LM43601-Q1 SIMPLE SWITCHER짰 3.5 V to 36 V 1 A Synchronous Step-Down Voltage Converter
LM46001-Q1 TI1-LM46001-Q1_17 Datasheet
2Mb / 55P
[Old version datasheet]   3.5-V to 60-V, 1 A Synchronous Step-Down Voltage Converter
LM43603 TI1-LM43603 Datasheet
1Mb / 50P
[Old version datasheet]   LM43603 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43603 TI-LM43603_15 Datasheet
1Mb / 50P
[Old version datasheet]   LM43603 SIMPLE SWITCHER짰 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com