công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM43603QDSUTQ1 bảng dữ liệu(PDF) 4 Page - Texas Instruments

tên linh kiện LM43603QDSUTQ1
Giải thích chi tiết về linh kiện  SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM43603QDSUTQ1 bảng dữ liệu(HTML) 4 Page - Texas Instruments

  LM43603QDSUTQ1 Datasheet HTML 1Page - Texas Instruments LM43603QDSUTQ1 Datasheet HTML 2Page - Texas Instruments LM43603QDSUTQ1 Datasheet HTML 3Page - Texas Instruments LM43603QDSUTQ1 Datasheet HTML 4Page - Texas Instruments LM43603QDSUTQ1 Datasheet HTML 5Page - Texas Instruments LM43603QDSUTQ1 Datasheet HTML 6Page - Texas Instruments LM43603QDSUTQ1 Datasheet HTML 7Page - Texas Instruments LM43603QDSUTQ1 Datasheet HTML 8Page - Texas Instruments LM43603QDSUTQ1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 50 page
background image
LM43603-Q1
SNVSA82A – APRIL 2015 – REVISED MAY 2015
www.ti.com
7 Specifications
7.1 Absolute Maximum Ratings
Over operating free-air temperature range (unless otherwise noted)
(1)
PARAMETER
MIN
MAX
UNIT
VIN to PGND
–0.3
42(2)
EN to PGND
–0.3
VIN + 0.3
FB, RT, SS/TRK to AGND
–0.3
3.6
Input voltages
PGOOD to AGND
–0.3
15
V
SYNC to AGND
–0.3
5.5
BIAS to AGND
–0.3
30 or VIN
(3)
AGND to PGND
–0.3
0.3
SW to PGND
–0.3
VIN + 0.3
SW to PGND less than 10ns Transients
–3.5
42
Output voltages
V
CBOOT to SW
–0.3
5.5
VCC to AGND
–0.3
3.6
Storage temperature, Tstg
–65
150
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
At maximum duty cycle 0.01%
(3)
Whichever is lower
7.2 ESD Ratings
VALUE
UNIT
Human-body model (HBM), per AEC Q100-002(1)
±2000
V(ESD)
Electrostatic discharge
V
Charged-device model (CDM), per AEC Q100-011
±750
(1)
AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
7.3 Recommended Operating Conditions
Over operating free-air temperature range (unless otherwise noted)
(1)
PARAMETER
MIN
MAX
UNIT
VIN to PGND
3.5
36
EN
–0.3
VIN
FB
–0.3
1.1
Input voltages
PGOOD
–0.3
12
V
BIAS input not used
–0.3
0.3
BIAS input used
3.3
28 or VIN (2)
AGND to PGND
–0.1
0.1
Output voltage
VOUT
1
28
V
Output current
IOUT
0
3
A
Temperature
Operating junction temperature range, TJ
–40
125
°C
(1)
Recommended Operating Conditions indicates conditions for which the device is intended to be functional, but do not ensure specific
performance limits. For verified specifications, see Electrical Characteristics.
(2)
Whichever is lower.
4
Submit Documentation Feedback
Copyright © 2015, Texas Instruments Incorporated
Product Folder Links: LM43603-Q1


Số phần tương tự - LM43603QDSUTQ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM43603QPWPRQ1 TI1-LM43603QPWPRQ1 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43603QPWPTQ1 TI1-LM43603QPWPTQ1 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
More results

Mô tả tương tự - LM43603QDSUTQ1

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM43603-Q1 TI1-LM43603-Q1_17 Datasheet
1Mb / 50P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 3 A Synchronous Step-Down Voltage Converter
LM43602-Q1 TI1-LM43602-Q1 Datasheet
1Mb / 48P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 2-A Synchronous Step-Down Voltage Converter
LM43600 TI-LM43600_15 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage Converter
LM43600-Q1 TI-LM43600-Q1_15 Datasheet
1Mb / 53P
[Old version datasheet]   SIMPLE SWITCHER 3.5 V to 36 V 0.5 A Synchronous Step-Down Voltage
LMR23630_017 TI1-LMR23630_017 Datasheet
3Mb / 42P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630 Datasheet
159Kb / 9P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630 TI1-LMR23630_17 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1_18 Datasheet
3Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 36-V, 3-A Synchronous Step-Down Converter
LMR23630-Q1 TI1-LMR23630-Q1 Datasheet
2Mb / 35P
[Old version datasheet]   SIMPLE SWITCHER 36 V, 3 A Synchronous Step-Down Converter
LMR33630 TI1-LMR33630_18 Datasheet
1Mb / 40P
[Old version datasheet]   SIMPLE SWITCHER 3.8-V to 36-V, 3-A Synchronous Step-Down Voltage Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com