công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ALVCH16832DGGRE4 bảng dữ liệu(PDF) 1 Page - Texas Instruments

tên linh kiện 74ALVCH16832DGGRE4
Giải thích chi tiết về linh kiện  1-TO-4 ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

74ALVCH16832DGGRE4 bảng dữ liệu(HTML) 1 Page - Texas Instruments

  74ALVCH16832DGGRE4 Datasheet HTML 1Page - Texas Instruments 74ALVCH16832DGGRE4 Datasheet HTML 2Page - Texas Instruments 74ALVCH16832DGGRE4 Datasheet HTML 3Page - Texas Instruments 74ALVCH16832DGGRE4 Datasheet HTML 4Page - Texas Instruments 74ALVCH16832DGGRE4 Datasheet HTML 5Page - Texas Instruments 74ALVCH16832DGGRE4 Datasheet HTML 6Page - Texas Instruments 74ALVCH16832DGGRE4 Datasheet HTML 7Page - Texas Instruments 74ALVCH16832DGGRE4 Datasheet HTML 8Page - Texas Instruments 74ALVCH16832DGGRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
www.ti.com
FEATURES
DESCRIPTION/ORDERING INFORMATION
DGG PACKAGE
(TOP VIEW)
NC − No internal connection
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
4Y1
3Y1
GND
2Y1
1Y1
VCC
A1
GND
A2
GND
A3
VCC
NC
GND
CLK
OE1
OE2
SEL
GND
A4
A5
VCC
GND
A6
GND
A7
VCC
4Y7
3Y7
GND
2Y7
1Y7
1Y2
2Y2
GND
3Y2
4Y2
VCC
1Y3
2Y3
GND
3Y3
4Y3
GND
VCC
GND
1Y4
2Y4
3Y4
4Y4
GND
1Y5
2Y5
VCC
3Y5
4Y5
GND
GND
VCC
1Y6
2Y6
GND
3Y6
4Y6
SN74ALVCH16832
1-TO-4 ADDRESS REGISTER/DRIVER
WITH 3-STATE OUTPUTS
SCES098G – MAY 1997 – REVISED OCTOBER 2004
Member of the Texas Instruments
Widebus™ Family
Bus Hold on Data Inputs Eliminates the Need
for External Pullup/Pulldown Resistors
Latch-Up Performance Exceeds 250 mA Per
JESD 17
ESD Protection Exceeds JESD 22
- 2000-V Human-Body Model (A114-A)
- 200-V Machine Model (A115-A)
- 1000-V Charged-Device Model (C101)
This 1-bit to 4-bit address register/driver is designed
for 1.65-V to 3.6-V VCC operation. This device is ideal
for use in applications in which a single address bus
is driving four separate memory locations. The
SN74ALVCH16832 can be used as a buffer or a
register, depending on the logic level of the select
(SEL) input.
When SEL is a logic high, the device is in the buffer
mode. The outputs
follow
the
inputs
and
are
controlled by the two output-enable (OE) inputs. Each
OE controls two groups of seven outputs.
When SEL is a logic low, the device is in the register
mode. The register is an edge-triggered D-type
flip-flop. On the positive transition of the clock (CLK)
input, data at the A inputs is stored in the internal
registers. OE operates the same as in the buffer
mode.
When OE is a logic low, the outputs are in a normal
logic state (high or low logic level). When OE is a
logic high, the outputs are in the high-impedance
state.
Neither SEL nor OE affect the internal operation of
the flip-flops. Old data can be retained or new data
can be entered while the outputs are in the
high-impedance state.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
-40
°C to 85°C
TSSOP - DGG
Tape and reel
SN74ALVCH16832DGGR
ALVCH16832
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
Widebus is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 1997–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Số phần tương tự - 74ALVCH16832DGGRE4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74ALVCH16832DGG PHILIPS-74ALVCH16832DGG Datasheet
89Kb / 12P
   7-bit to 28-bit address register/driver with 3-state outputs
2001 Dec 14
More results

Mô tả tương tự - 74ALVCH16832DGGRE4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74ALVCH16832 TI-SN74ALVCH16832 Datasheet
124Kb / 9P
[Old version datasheet]   1-TO-4 ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16831 TI-SN74ALVCH16831 Datasheet
131Kb / 9P
[Old version datasheet]   1-TO-4 ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH16831 HITACHI-HD74ALVCH16831 Datasheet
60Kb / 12P
   1-to 4 Address Register / Driver with 3-state Outputs
logo
Renesas Technology Corp
HD74ALVCH16831 RENESAS-HD74ALVCH16831 Datasheet
2Mb / 12P
   1-to 4 Address Register / Driver with 3-state Outputs
HD74ALVCH16832 RENESAS-HD74ALVCH16832 Datasheet
2Mb / 12P
   1-to-4 Address Register / Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVCH162832 TI-SN74ALVCH162832 Datasheet
127Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162831 TI1-SN74ALVCH162831_11 Datasheet
325Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162831 TI-SN74ALVCH162831 Datasheet
126Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVC162831 TI-SN74ALVC162831 Datasheet
125Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162832 TI1-SN74ALVCH162832_10 Datasheet
118Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com