công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74ALVCH16543DLG4 bảng dữ liệu(PDF) 10 Page - Texas Instruments

tên linh kiện 74ALVCH16543DLG4
Giải thích chi tiết về linh kiện  16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

74ALVCH16543DLG4 bảng dữ liệu(HTML) 10 Page - Texas Instruments

Back Button 74ALVCH16543DLG4 Datasheet HTML 6Page - Texas Instruments 74ALVCH16543DLG4 Datasheet HTML 7Page - Texas Instruments 74ALVCH16543DLG4 Datasheet HTML 8Page - Texas Instruments 74ALVCH16543DLG4 Datasheet HTML 9Page - Texas Instruments 74ALVCH16543DLG4 Datasheet HTML 10Page - Texas Instruments 74ALVCH16543DLG4 Datasheet HTML 11Page - Texas Instruments 74ALVCH16543DLG4 Datasheet HTML 12Page - Texas Instruments 74ALVCH16543DLG4 Datasheet HTML 13Page - Texas Instruments 74ALVCH16543DLG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
www.ti.com
PARAMETER MEASUREMENT INFORMATION
VOH
VOL
th
tsu
From Output
Under Test
CL = 50 pF
(see Note A)
LOAD CIRCUIT
S1
6 V
Open
GND
500
500
tPLH
tPHL
Output
Control
(low-level
enabling)
Output
Waveform 1
S1 at 6 V
(see Note B)
Output
Waveform 2
S1 at GND
(see Note B)
tPZL
tPZH
tPLZ
tPHZ
2.7 V
0 V
VOH
VOL
0 V
VOL + 0.3 V
VOH − 0.3 V
0 V
2.7 V
0 V
0 V
2.7 V
0 V
tw
Input
2.7 V
2.7 V
3 V
VOLTAGE WAVEFORMS
SETUP AND HOLD TIMES
VOLTAGE WAVEFORMS
PROPAGATION DELAY TIMES
VOLTAGE WAVEFORMS
PULSE DURATION
VOLTAGE WAVEFORMS
ENABLE AND DISABLE TIMES
Timing
Input
Data
Input
Output
Input
tpd
tPLZ/tPZL
tPHZ/tPZH
Open
6 V
GND
TEST
S1
NOTES: A. CL includes probe and jig capacitance.
B. Waveform 1 is for an output with internal conditions such that the output is low, except when disabled by the output control.
Waveform 2 is for an output with internal conditions such that the output is high, except when disabled by the output control.
C. All input pulses are supplied by generators having the following characteristics: PRR
≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns.
D. The outputs are measured one at a time, with one transition per measurement.
E. tPLZ and tPHZ are the same as tdis.
F. tPZL and tPZH are the same as ten.
G. tPLH and tPHL are the same as tpd.
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
1.5 V
SN74ALVCH16543
16-BIT REGISTERED TRANSCEIVER
WITH 3-STATE OUTPUTS
SCES025E – JULY 1995 – REVISED OCTOBER 2004
V
CC = 2.7 V AND 3.3 V ± 0.3 V
Figure 3. Load Circuit and Voltage Waveforms
10


Số phần tương tự - 74ALVCH16543DLG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
74ALVCH16543DGG PHILIPS-74ALVCH16543DGG Datasheet
89Kb / 20P
   16-bit D-type registered transceiver; 3-state
1999 Nov 23
logo
Nexperia B.V. All right...
74ALVCH16543DGG NEXPERIA-74ALVCH16543DGG Datasheet
204Kb / 17P
   16-bit D-type registered transceiver; 3-state
Rev. 3 - 15 December 2017
More results

Mô tả tương tự - 74ALVCH16543DLG4

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74LVC16543 TI-SN74LVC16543 Datasheet
124Kb / 8P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16543 TI-SN74ALVCH16543 Datasheet
165Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16543 FAIRCHILD-74ABT16543 Datasheet
72Kb / 7P
   16-Bit Registered Transceiver with 3-STATE Outputs
74ACT16543 FAIRCHILD-74ACT16543 Datasheet
56Kb / 6P
   16-Bit Registered Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74ALVCH16952 TI1-SN74ALVCH16952_08 Datasheet
379Kb / 17P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Fairchild Semiconductor
74ABT16952 FAIRCHILD-74ABT16952 Datasheet
82Kb / 7P
   16-Bit Registered Transceiver with 3-STATE Outputs
logo
Texas Instruments
SN74LVCH16543A TI-SN74LVCH16543A_08 Datasheet
494Kb / 18P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
SN74LVCH16543A TI-SN74LVCH16543A Datasheet
168Kb / 11P
[Old version datasheet]   16-BIT REGISTERED TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16952 PERICOM-PI74ALVCH16952 Datasheet
304Kb / 5P
   16-Bit Registered Transceiver With 3-STATE Outputs
logo
Fairchild Semiconductor
74ACTQ16543 FAIRCHILD-74ACTQ16543 Datasheet
76Kb / 9P
   16-Bit Registered Transceiver with 3-STATE Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com