công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM4040EIM3-2.5/NOPB bảng dữ liệu(PDF) 11 Page - Texas Instruments |
|
|
LM4040EIM3-2.5/NOPB bảng dữ liệu(HTML) 11 Page - Texas Instruments |
11 / 67 page 11 LM4040-N, LM4040-N-Q1 www.ti.com SNOS633K – OCTOBER 2000 – REVISED JUNE 2016 Product Folder Links: LM4040-N LM4040-N-Q1 Submit Documentation Feedback Copyright © 2000–2016, Texas Instruments Incorporated Electrical Characteristics: 2-V LM4040-N VR Tolerance Grades 'C', 'D', And 'E'; Temperature Grade 'E' (continued) all other limits TA = TJ = 25°C. The grades C, D and E designate initial Reverse Breakdown Voltage tolerances of ±0.5%, ±1% and ±2%, respectively. PARAMETER TEST CONDITIONS MIN(1) TYP(2) MAX(1) UNIT (5) Thermal hysteresis is defined as the difference in voltage measured at 25°C after cycling to temperature –40°C and the 25°C measurement after cycling to temperature 125°C. ZR Reverse Dynamic Impedance IR = 1 mA, f = 120 Hz, IAC = 0.1 IR LM4040CEM3 0.3 0.9 Ω LM4040DEM3 0.3 1.1 LM4040EEM3 0.3 1.1 eN Wideband Noise IR = 100 μA 10 Hz ≤ f ≤ 10 kHz 35 μVrms ΔVR Reverse Breakdown Voltage Long Term Stability t = 1000 hrs T = 25°C ±0.1°C IR = 100 μA 120 ppm VHYST Thermal Hysteresis(5) ΔT = −40°C to 125°C 0.08% (1) Limits are 100% production tested at 25°C. Limits over temperature are ensured through correlation using Statistical Quality Control (SQC) methods. The limits are used to calculate AOQL. (2) Typicals are at TJ = 25°C and represent most likely parametric norm. (3) The overtemperature limit for Reverse Breakdown Voltage Tolerance is defined as the room temperature Reverse Breakdown Voltage Tolerance ±[( ΔVR/ΔT)(maxΔT)(VR)]. Where, ΔVR/ΔT is the VR temperature coefficient, maxΔT is the maximum difference in temperature from the reference point of 25°C to T MIN or TMAX, and VR is the reverse breakdown voltage. The total overtemperature tolerance for the different grades in the industrial temperature range where max ΔT = 65°C is shown below: A-grade: ±0.75% = ±0.1% ±100 ppm/°C × 65°C B-grade: ±0.85% = ±0.2% ±100 ppm/°C × 65°C C-grade: ±1.15% = ±0.5% ±100 ppm/°C × 65°C D-grade: ±1.98% = ±1.0% ±150 ppm/°C × 65°C E-grade: ±2.98% = ±2.0% ±150 ppm/°C × 65°C The total overtemperature tolerance for the different grades in the extended temperature range where max ΔT = 100 °C is shown below: C-grade: ±1.5% = ±0.5% ±100 ppm/°C × 100°C D-grade: ±2.5% = ±1.0% ±150 ppm/°C × 100°C E-grade: ±3.5% = ±2.0% ±150 ppm/°C × 100°C Therefore, as an example, the A-grade 2.5-V LM4040-N has an overtemperature Reverse Breakdown Voltage tolerance of ±2.5V × 0.75% = ±19 mV. 6.8 Electrical Characteristics: 2.5-V LM4040-N VR Tolerance Grades 'A' And 'B'; Temperature Grade 'I' (AEC Grade 3) all other limits TA = TJ = 25°C. The grades A and B designate initial Reverse Breakdown Voltage tolerances of ±0.1% and ±0.2%, respectively. PARAMETER TEST CONDITIONS MIN(1) TYP(2) MAX(1) UNIT VR Reverse Breakdown Voltage IR = 100 μA 2.5 V Reverse Breakdown Voltage Tolerance(3) IR = 100 μA LM4040AIM3 LM4040AIZ LM4040AIM3 TA = TJ = 25°C ±2.5 mV TA = TJ = TMIN to TMAX ±19 LM4040BIM3 LM4040BIZ LM4040BIM7 LM4040QBIM3 TA = TJ = 25°C ±5 TA = TJ = TMIN to TMAX ±21 IRMIN Minimum Operating Current TA = TJ = 25°C 45 60 μA TA = TJ = TMIN to TMAX 65 ΔVR/ΔT Average Reverse Breakdown Voltage Temperature Coefficient(3) IR = 10 mA ±20 ppm/°C IR = 1 mA TA = TJ = 25°C ±15 TA = TJ = TMIN to TMAX ±100 IR = 100 μA ±15 |
Số phần tương tự - LM4040EIM3-2.5/NOPB |
|
Mô tả tương tự - LM4040EIM3-2.5/NOPB |