công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM4040DIM3X-2.0/NOPB bảng dữ liệu(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM4040DIM3X-2.0/NOPB
Giải thích chi tiết về linh kiện  LM4040-N/-Q1 Precision Micropower Shunt Voltage Reference
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM4040DIM3X-2.0/NOPB bảng dữ liệu(HTML) 9 Page - Texas Instruments

Back Button LM4040DIM3X-2.0/NOPB Datasheet HTML 5Page - Texas Instruments LM4040DIM3X-2.0/NOPB Datasheet HTML 6Page - Texas Instruments LM4040DIM3X-2.0/NOPB Datasheet HTML 7Page - Texas Instruments LM4040DIM3X-2.0/NOPB Datasheet HTML 8Page - Texas Instruments LM4040DIM3X-2.0/NOPB Datasheet HTML 9Page - Texas Instruments LM4040DIM3X-2.0/NOPB Datasheet HTML 10Page - Texas Instruments LM4040DIM3X-2.0/NOPB Datasheet HTML 11Page - Texas Instruments LM4040DIM3X-2.0/NOPB Datasheet HTML 12Page - Texas Instruments LM4040DIM3X-2.0/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 67 page
background image
9
LM4040-N, LM4040-N-Q1
www.ti.com
SNOS633K – OCTOBER 2000 – REVISED JUNE 2016
Product Folder Links: LM4040-N LM4040-N-Q1
Submit Documentation Feedback
Copyright © 2000–2016, Texas Instruments Incorporated
Electrical Characteristics: 2-V LM4040-N VR Tolerance Grades 'C', 'D', And 'E'; Temperature
Grade 'I' (continued)
all other limits TA = TJ = 25°C. The grades C, D and E designate initial Reverse Breakdown Voltage tolerances of ±0.5%, ±1%
and ±2%, respectively.
PARAMETER
TEST CONDITIONS
MIN(1)
TYP(2)
MAX(1)
UNIT
(4)
Load regulation is measured on pulse basis from no load to the specified load current. Output changes due to die temperature change
must be taken into account separately.
(5)
Thermal hysteresis is defined as the difference in voltage measured at 25°C after cycling to temperature –40°C and the 25°C
measurement after cycling to temperature 125°C.
ΔVR/ΔIR
Reverse Breakdown
Voltage Change
with Operating
Current Change(4)
IRMIN ≤ IR ≤ 1 mA
LM4040CIM3
LM4040CIZ
LM4040CIM7
TA = TJ = 25°C
0.3
0.8
mV
TA = TJ = TMIN to TMAX
1
LM4040DIM3
LM4040DIZ
LM4040DIM7
TA = TJ = 25°C
0.3
1
TA = TJ = TMIN to TMAX
1.2
LM4040EIZ
LM4040EIM7
TA = TJ = 25°C
0.3
1
TA = TJ = TMIN to TMAX
1.2
1 mA
≤ IR ≤ 15 mA
LM4040CIM3
LM4040CIZ
LM4040CIM7
TA = TJ = 25°C
2.5
6
TA = TJ = TMIN to TMAX
8
LM4040DIM3
LM4040DIZ
LM4040DIM7
TA = TJ = 25°C
2.5
8
TA = TJ = TMIN to TMAX
10
LM4040EIZ
LM4040EIM7
TA = TJ = 25°C
2.5
8
TA = TJ = TMIN to TMAX
10
ZR
Reverse Dynamic
Impedance
IR = 1 mA, f = 120 Hz
IAC = 0.1 IR
LM4040CIM3
LM4040CIZ
LM4040CIM7
0.3
0.9
Ω
LM4040DIM3
LM4040DIZ
LM4040DIM7
0.3
1.1
LM4040EIZ
LM4040EIM7
0.3
1.1
eN
Wideband Noise
IR = 100 μA
10 Hz
≤ f ≤ 10 kHz
35
μVrms
ΔVR
Reverse Breakdown
Voltage Long Term
Stability
t = 1000 hrs
T = 25°C ±0.1°C
IR = 100 μA
120
ppm
VHYST
Thermal
Hysteresis(5)
ΔT = −40°C to 125°C
0.08%


Số phần tương tự - LM4040DIM3X-2.0/NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM4040DIM3X-2.0/NOPB TI1-LM4040DIM3X-2.0/NOPB Datasheet
1Mb / 52P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
More results

Mô tả tương tự - LM4040DIM3X-2.0/NOPB

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM4040AIZ-2.5 TI1-LM4040AIZ-2.5 Datasheet
1Mb / 51P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040-N TI1-LM4040-N_13 Datasheet
1Mb / 52P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4040AIZ-4.1 TI-LM4040AIZ-4.1 Datasheet
1Mb / 52P
[Old version datasheet]   LM4040-N/LM4040Q-N Precision Micropower Shunt Voltage Reference
LM4041BIM3-12 TI1-LM4041BIM3-12 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-N-Q1 TI1-LM4041-N-Q1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041-1 TI-LM4041-1 Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AIM3-41 TI1-LM4050AIM3-41 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AIM3-41 TI-LM4050AIM3-41 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
LM4041CIM3-ADJ TI1-LM4041CIM3-ADJ Datasheet
1Mb / 34P
[Old version datasheet]   LM4041-N/LM4041-N-Q1 Precision Micropower Shunt Voltage Reference
LM4050AIM3X-25 TI-LM4050AIM3X-25 Datasheet
1Mb / 35P
[Old version datasheet]   LM4050-N/LM4050-N-Q1 Precision Micropower Shunt Voltage Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com