công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74AHC1GU04HDCK3 bảng dữ liệu(PDF) 2 Page - Texas Instruments

tên linh kiện SN74AHC1GU04HDCK3
Giải thích chi tiết về linh kiện  Single 2-Input Inverter Gate
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC1GU04HDCK3 bảng dữ liệu(HTML) 2 Page - Texas Instruments

  SN74AHC1GU04HDCK3 Datasheet HTML 1Page - Texas Instruments SN74AHC1GU04HDCK3 Datasheet HTML 2Page - Texas Instruments SN74AHC1GU04HDCK3 Datasheet HTML 3Page - Texas Instruments SN74AHC1GU04HDCK3 Datasheet HTML 4Page - Texas Instruments SN74AHC1GU04HDCK3 Datasheet HTML 5Page - Texas Instruments SN74AHC1GU04HDCK3 Datasheet HTML 6Page - Texas Instruments SN74AHC1GU04HDCK3 Datasheet HTML 7Page - Texas Instruments SN74AHC1GU04HDCK3 Datasheet HTML 8Page - Texas Instruments SN74AHC1GU04HDCK3 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
SN74AHC1GU04
SCLS343R – APRIL 1996 – REVISED DECEMBER 2014
www.ti.com
Table of Contents
1
Features .................................................................. 1
9
Detailed Description .............................................. 8
9.1
Overview ................................................................... 8
2
Applications ........................................................... 1
9.2
Functional Block Diagram ......................................... 8
3
Description ............................................................. 1
9.3
Feature Description................................................... 8
4
Simplified Schematic............................................. 1
9.4
Device Functional Modes.......................................... 8
5
Revision History..................................................... 2
10
Application and Implementation.......................... 9
6
Pin Configuration and Functions ......................... 3
10.1
Application Information............................................ 9
7
Specifications......................................................... 4
10.2
Typical Application ................................................. 9
7.1
Absolute Maximum Ratings ..................................... 4
11
Power Supply Recommendations ..................... 10
7.2
ESD Ratings.............................................................. 4
12
Layout................................................................... 11
7.3
Recommended Operating Conditions ....................... 4
12.1
Layout Guidelines ................................................. 11
7.4
Thermal Information .................................................. 5
12.2
Layout Example .................................................... 11
7.5
Electrical Characteristics........................................... 5
13
Device and Documentation Support ................. 11
7.6
Switching Characteristics, VCC = 3.3 V ± 0.3 V ........ 5
13.1
Trademarks ........................................................... 11
7.7
Switching Characteristics, VCC = 5 V ± 0.5 V ........... 5
13.2
Electrostatic Discharge Caution ............................ 11
7.8
Operating Characteristics.......................................... 6
13.3
Glossary ................................................................ 11
7.9
Typical Characteristics .............................................. 6
14
Mechanical, Packaging, and Orderable
8
Parameter Measurement Information .................. 7
Information ........................................................... 11
5 Revision History
Changes from Revision Q (June 2005) to Revision R
Page
Added Applications, Device Information table, Pin Functions table, ESD Ratings table, Thermal Information table,
Typical Characteristics, Feature Description section, Device Functional Modes, Application and Implementation
section, Power Supply Recommendations section, Layout section, Device and Documentation Support section, and
Mechanical, Packaging, and Orderable Information section. ................................................................................................. 1
Deleted Ordering Information table. ....................................................................................................................................... 1
Changed MAX operating temperature in Recommended Operating Conditions table. ......................................................... 4
2
Submit Documentation Feedback
Copyright © 1996–2014, Texas Instruments Incorporated
Product Folder Links: SN74AHC1GU04


Số phần tương tự - SN74AHC1GU04HDCK3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74AHC1GU04 TI-SN74AHC1GU04 Datasheet
70Kb / 9P
[Old version datasheet]   SINGLE INVERTER GATE
SN74AHC1GU04 TI-SN74AHC1GU04 Datasheet
439Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
SN74AHC1GU04 TI-SN74AHC1GU04 Datasheet
475Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
SN74AHC1GU04 TI1-SN74AHC1GU04 Datasheet
1Mb / 28P
[Old version datasheet]   Single Inverter Gate
SN74AHC1GU04DBV TI-SN74AHC1GU04DBV Datasheet
70Kb / 9P
[Old version datasheet]   SINGLE INVERTER GATE
More results

Mô tả tương tự - SN74AHC1GU04HDCK3

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Fairchild Semiconductor
MM74C00 FAIRCHILD-MM74C00 Datasheet
78Kb / 6P
   Quad 2-Input NAND Gate . Quad 2-Input NOR Gate . Hex Inverter
MM74C00 FAIRCHILD-MM74C00_02 Datasheet
85Kb / 6P
   Quad 2-Input NAND Gate. Quad 2-Input NOR Gate. Hex Inverter
logo
ON Semiconductor
NL17SV32XV5T2 ONSEMI-NL17SV32XV5T2 Datasheet
51Kb / 6P
   Single Gate 2-Input OR Gate
January, 2005 ??Rev. 1
NL17SV32-D ONSEMI-NL17SV32-D Datasheet
41Kb / 6P
   Single Gate 2-Input OR Gate
January, 2005 ??Rev. 1
logo
STMicroelectronics
HCC4085B STMICROELECTRONICS-HCC4085B Datasheet
298Kb / 13P
   DUAL 2-WIDE 2-INPUT AND-OR-INVERTER GATE
logo
NXP Semiconductors
74LVC1G00 PHILIPS-74LVC1G00 Datasheet
86Kb / 15P
   Single 2-input NAND gate
2004 Sep 07
logo
Rohm
BU4S11 ROHM-BU4S11 Datasheet
39Kb / 4P
   Single 2-input NAND gate
logo
ON Semiconductor
MC74HC1G32 ONSEMI-MC74HC1G32 Datasheet
93Kb / 8P
   Single 2-Input OR Gate
September, 2001 ??Rev. 7
NLU1G00 ONSEMI-NLU1G00 Datasheet
135Kb / 8P
   Single 2-Input NAND Gate
April, 2008 ??Rev. 0
logo
STMicroelectronics
74V1T08 STMICROELECTRONICS-74V1T08_04 Datasheet
108Kb / 9P
   SINGLE 2-INPUT AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com