công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
SN74AHC1GU04DBVR bảng dữ liệu(PDF) 9 Page - Texas Instruments |
|
|
SN74AHC1GU04DBVR bảng dữ liệu(HTML) 9 Page - Texas Instruments |
9 / 22 page R CMOS Inverter C1 F Crystal C2 SN74AHC1GU04 www.ti.com SCLS343R – APRIL 1996 – REVISED DECEMBER 2014 10 Application and Implementation NOTE Information in the following applications sections is not part of the TI component specification, and TI does not warrant its accuracy or completeness. TI’s customers are responsible for determining suitability of components for their purposes. Customers should validate and test their design implementation to confirm system functionality. 10.1 Application Information A CMOS inverter is used as a linear amplifier in oscillator applications. Similar to a conventional amplifier, their open-loop gain is a critical characteristic. The bandwidth of an inverter decreases as the operating voltage decreases. The open-loop gain of the AHC1GU04 device is shown in Figure 6. 10.2 Typical Application Figure 5. Typical Application Schematic 10.2.1 Design Requirements This device uses CMOS technology and has balanced output drive. Care should be taken to avoid bus contention because it can drive currents that would exceed maximum limits. The high drive will also create fast edges into light loads, so routing and load conditions should be considered to prevent ringing. 10.2.2 Detailed Design Procedure 1. Recommended Input Conditions – For rise time and fall time specifications, see Δt/ΔV in the Recommended Operating Conditions table. – For specified High and low levels, see VIH and VIL in the Recommended Operating Conditions table. – Inputs are overvoltage tolerant allowing them to go as high as 5.5 V at any valid VCC. 2. Recommend Output Conditions – Load currents should not exceed 25 mA per output and 50 mA total for the part. – Outputs should not be pulled above VCC. Copyright © 1996–2014, Texas Instruments Incorporated Submit Documentation Feedback 9 Product Folder Links: SN74AHC1GU04 |
Số phần tương tự - SN74AHC1GU04DBVR |
|
Mô tả tương tự - SN74AHC1GU04DBVR |
|
|
Link URL |
Chính sách bảo mật |
ALLDATASHEET.VN |
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |