công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM4040B41ILP bảng dữ liệu(PDF) 3 Page - Texas Instruments |
|
LM4040B41ILP bảng dữ liệu(HTML) 3 Page - Texas Instruments |
3 / 53 page LM4040A10, LM4040A20 www.ti.com SLOS456M – JANUARY 2005 – REVISED JANUARY 2015 Table 1. Device Comparison Table(1) DEVICE ORDERABLE TA VKA GRADE PART NUMBER 2.048 V LM4040A20I 2.5 V LM4040A25I A grade: 0.1% initial 3 V LM4040A30I accuracy and 4.096 V LM4040A41I 100 ppm/°C 5 V LM4040A50I temperature coefficient 8.192 V LM4040A82I 10 V LM4040A10I –40°C to 85°C 2.048 V LM4040B20I 2.5 V LM4040B25I B grade: 0.2% initial 3 V LM4040B30I accuracy and 4.096 V LM4040B41I 100 ppm/°C 5 V LM4040B50I temperature coefficient 8.192 V LM4040B82I 10 V LM4040B10I 2.048 V LM4040C20I 2.5 V LM4040C25I C grade: 0.5% initial 3 V LM4040C30I accuracy –40°C to 85°C and 4.096 V LM4040C41I 100 ppm/°C 5 V LM4040C50I temperature coefficient 8.192 V LM4040C82I 10 V LM4040C10I 2.048 V LM4040D20I 2.5 V LM4040D25I D grade: 1.0% initial 3 V LM4040D30I accuracy –40°C to 85°C and 4.096 V LM4040D41I 150 ppm/°C 5 V LM4040D50I temperature coefficient 8.192 V LM4040D82I 10 V LM4040D10I C grade: 2.048 V LM4040C20Q 0.5% initial 2.5 V LM4040C25Q accuracy and 3 V LM4040C30Q 100 ppm/°C temperature 5 V LM4040C50Q coefficient –40°C to 125°C D grade: 2.048 V LM4040D20Q 1.0% initial 2.5 V LM4040D25Q accuracy and 3 V LM4040D30Q 150 ppm/°C temperature 5 V LM4040D50Q coefficient (1) For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI web site at www.ti.com. Copyright © 2005–2015, Texas Instruments Incorporated Submit Documentation Feedback 3 Product Folder Links: LM4040A10 LM4040A20 |
Số phần tương tự - LM4040B41ILP |
|
Mô tả tương tự - LM4040B41ILP |