công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM4857 bảng dữ liệu(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM4857
Giải thích chi tiết về linh kiện  Stereo 1.2W Audio Sub-system
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM4857 bảng dữ liệu(HTML) 3 Page - Texas Instruments

  LM4857 Datasheet HTML 1Page - Texas Instruments LM4857 Datasheet HTML 2Page - Texas Instruments LM4857 Datasheet HTML 3Page - Texas Instruments LM4857 Datasheet HTML 4Page - Texas Instruments LM4857 Datasheet HTML 5Page - Texas Instruments LM4857 Datasheet HTML 6Page - Texas Instruments LM4857 Datasheet HTML 7Page - Texas Instruments LM4857 Datasheet HTML 8Page - Texas Instruments LM4857 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 39 page
background image
LM4857
www.ti.com
SNAS229I – OCTOBER 2003 – REVISED APRIL 2013
Connection Diagram
Figure 2. 30 Bump DSBGA Package – Top View (Bump-side down)
See Package Number YZR0030
PIN CONNECTION (DSBGA)
Pin
Name
Pin Description
A1
RLS+
Right Loudspeaker Positive Output
A2
VDD
Power Supply
A3
SDA
Data
A4
RHP3D
Right Headphone 3D
A5
RHP
Right Headphone Output
B1
GND
Ground
B2
I2CVDD
I2C Interface Power Supply
B3
ADR
I2C Address Select
B4
LHP3D
Left Headphone 3D
B5
VDD
Power Supply
C1
RLS-
Right Loudspeaker Negative Output
C2
NC
No Connect
C3
SCL
Clock
C4
LINEOUT
Mono Line Output
C5
GND
Ground
D1
LLS-
Left Loudspeaker Negative Output
D2
VDD
Power Supply
D3
MIN
Mono Input
D4
NC
No Connect
D5
EP+
Mono Earpiece Positive Output
E1
GND
Ground
E2
BYPASS
Half-supply bypass
E3
LLS3D
Left Loudspeaker 3D
E4
RIN
Right Stereo Input
E5
EP-
Mono Earpiece Negative Output
F1
LLS+
Left Loudspeaker Positive Output
F2
VDD
Power Supply
F3
RLS3D
Right Loudspeaker 3D
F4
LIN
Left Stereo Input
F5
LHP
Left Headphone Output
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM4857


Số phần tương tự - LM4857

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857GR NSC-LM4857GR Datasheet
1Mb / 38P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857ITL NSC-LM4857ITL Datasheet
1Mb / 38P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857SP NSC-LM4857SP Datasheet
1Mb / 38P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
More results

Mô tả tương tự - LM4857

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
LM4859 TI1-LM4859 Datasheet
2Mb / 30P
[Old version datasheet]   Stereo 1.2W Audio Sub-system
logo
National Semiconductor ...
LM4844 NSC-LM4844 Datasheet
983Kb / 21P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857 Datasheet
1Mb / 38P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4859 NSC-LM4859 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4844 NSC-LM4844_07 Datasheet
633Kb / 26P
   Stereo 1.2W Audio Sub-System with 3D Enhancement
LM4859 NSC-LM4859_05 Datasheet
1Mb / 29P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
LM4857 NSC-LM4857_05 Datasheet
1Mb / 37P
   Stereo 1.2W Audio Sub-system with 3D Enhancement
logo
Texas Instruments
LM4666 TI1-LM4666_14 Datasheet
1Mb / 20P
[Old version datasheet]   Filterless High Efficiency Stereo 1.2W Switching Audio Amplifier
logo
National Semiconductor ...
LM4666 NSC-LM4666 Datasheet
642Kb / 15P
   Filterless High Efficiency Stereo 1.2W Switching Audio Amplifier
logo
Texas Instruments
LM4947 TI1-LM4947 Datasheet
1Mb / 37P
[Old version datasheet]   Mono Class D and Stereo Audio Sub-System
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com