công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM4450B bảng dữ liệu(PDF) 6 Page - Texas Instruments

tên linh kiện LM4450B
Giải thích chi tiết về linh kiện  LM4550B AC 97 Rev 2.1 Multi-Channel Audio Codec With Stereo Headphone Amplifier, Sample Rate Conversion and TI 3D Sou
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

LM4450B bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button LM4450B Datasheet HTML 2Page - Texas Instruments LM4450B Datasheet HTML 3Page - Texas Instruments LM4450B Datasheet HTML 4Page - Texas Instruments LM4450B Datasheet HTML 5Page - Texas Instruments LM4450B Datasheet HTML 6Page - Texas Instruments LM4450B Datasheet HTML 7Page - Texas Instruments LM4450B Datasheet HTML 8Page - Texas Instruments LM4450B Datasheet HTML 9Page - Texas Instruments LM4450B Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 45 page
background image
LM4550B
SNAS276G – MAY 2005 – REVISED SEPTEMBER 2015
www.ti.com
Pin Functions (continued)
PIN
I/O
DESCRIPTION
NAME
NO.
Left Stereo Channel Output
This line level output (1 Vrms nominal) is fed from the left channel of the Stereo Mix signal from MIX2
LINE_OUT_L
35
O
through the Master Volume register, 02h. The LINE_OUT_L amplitude can be muted (along with
LINE_OUT_R) or adjusted from 0 dB to –46.5 dB in 1.5-dB steps.
Right Stereo Channel Output
This line level output (1 Vrms nominal) is fed from the right channel of the Stereo Mix signal from MIX2
LINE_OUT_R
36
O
through the Master Volume register, 02h. The LINE_OUT_R amplitude can be muted (along with
LINE_OUT_L) or adjusted from 0 dB to –46.5 dB in 1.5-dB steps.
Mono Output
This mono line level output (1 Vrms nominal) is fed from either a microphone input (MIC1 or MIC2,
after boost amplifier) or from the mono sum of the left and right Stereo Mix 3D channels from MIX1.
MONO_OUT
37
O
The optional TI 3D Sound enhancement can be disabled (default) by the 3D bit (bit D13) in the
General Purpose register, 20h. Choice of input is by the MIX bit (D9) in the same register. MIX=0
selects a microphone input. Output level can be muted or adjusted from 0 dB to –46.5 dB in 1.5-dB
steps through the Mono Volume register, 06h.
Left Stereo Channel Output
This line level output (1 Vrms nominal) is fed from the left channel of the Stereo Mix signal from MIX2
HP_OUT_L
39
O
through the Headphone Volume register, 04h. The HP_OUT_L amplitude can be muted (along with
HP_OUT_R) or adjusted from 0 dB to –46.5 dB in 1.5-dB steps
AC Ground Reference
In normal use, this input is the AC ground reference for HP_OUT_L and HP_OUT_R. It must be
capacitively coupled to analog ground with short traces to maximize performance. It is not a DC
HP_OUT_C
40
I
ground.
For non-stereo applications it may also be used to provide common-mode feedback with HP_OUT
configured as one differential output rather than as outputs for two single-ended stereo channels.
Right Stereo Channel Output
This line level output (1 Vrms nominal) is fed from the right channel of the Stereo Mix signal from MIX2
HP_OUT_R
41
O
through the Headphone Volume register, 04h. The HP_OUT_R amplitude can be muted (along with
HP_OUT_L) or adjusted from 0 dB to –46.5 dB in 1.5-dB steps
DIGITAL I/O AND CLOCKING
24.576 MHz crystal or external oscillator input
To complete the oscillator circuit use a fundamental mode crystal operating in parallel resonance and
connect a 1M
Ω resistor across pins 2 and 3. Choose the load capacitors (Figure 25, C1, C2) to suit
the load capacitance required by the crystal (that is, C1 = C2 = 33 pF for a 20 pF crystal. Assumes
XTL_IN
2
I
that each Input + trace capacitance is 7 pF).
This pin may also be used as the input for an external oscillator (24.576 MHz nominal) at standard
logic levels (VIH, VIL).
This pin is only used when the codec is in Primary mode. It may be left open (NC) for any Secondary
mode.
24.576 MHz crystal output
Used with XTAL_IN to configure a crystal oscillator.
XTL_OUT
3
O
When the codec is used with an external oscillator this pin should be left open (NC).
When the codec is configured in a Secondary mode this pin is not used and may be left open (NC).
Input to codec
This is the input for AC Link Output Frames from an AC '97 Digital Audio Controller to the LM4550B
SDATA_OUT
5
I
codec. These frames can contain both control data and DAC PCM audio data. This input is sampled
by the LM4550B on the falling edge of BIT_CLK.
AC Link clock
An OUTPUT when in Primary Codec mode. This pin provides a 12.288-MHz clock for the AC Link.
The clock is derived (internally divided by two) from the 24.576-MHz signal at the crystal input
BIT_CLK
6
I/O
(XTL_IN).
This pin is an INPUT when the codec is configured in any of the Secondary Codec modes and would
normally use the AC Link clock generated by a Primary Codec.
Output from codec
This is the output for AC Link Input Frames from the LM4550B codec to an AC '97 Digital Audio
SDATA_IN
8
O
Controller. These frames can contain both codec status data and PCM audio data from the ADCs. The
LM4550B clocks data from this output on the rising edge of BIT_CLK.
6
Submit Documentation Feedback
Copyright © 2005–2015, Texas Instruments Incorporated
Product Folder Links: LM4550B


Số phần tương tự - LM4450B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Shanghai Leiditech Elec...
LM4401K LEIDITECH-LM4401K Datasheet
1Mb / 5P
   Low Gate Charge N?묬hannel Device
logo
Pulse A Technitrol Comp...
LM440C PULSE-LM440C Datasheet
395Kb / 3P
   UHF 406-512 MHz
LM440C PULSE-LM440C Datasheet
294Kb / 11P
   Outside coupler and factory tuned whip only for KG UHF glass mount antennas
logo
Connor-Winfield Corpora...
LM442-155.52M CONNOR-WINFIELD-LM442-155.52M Datasheet
138Kb / 2P
   5.0x7.0mm Surface Mount LVDS Clock Oscillator Series
logo
Texas Instruments
LM442-MIL TI1-LM442-MIL Datasheet
793Kb / 25P
[Old version datasheet]   Dual Low Power JFET Input Operational Amplifier
More results

Mô tả tương tự - LM4450B

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
National Semiconductor ...
LM4550B NSC-LM4550B Datasheet
998Kb / 31P
   AC 97 Rev 2.1 Multi-Channel Audio Codec with Stereo Headphone Amplifier, Sample Rate Conversion and National 3D Sound
LM4550 NSC-LM4550 Datasheet
507Kb / 25P
   AC ??7 Rev 2.1 Multi-Channel Audio Codec with Stereo Headphone Amplifier, Sample Rate Conversion and National 3D Sound
logo
Texas Instruments
LM4550BVHX TI1-LM4550BVHX Datasheet
1Mb / 43P
[Old version datasheet]   LM4550B AC 97 Rev 2.1 Multi-Channel Audio Codec
logo
National Semiconductor ...
LM4546A NSC-LM4546A Datasheet
1Mb / 28P
   AC 97 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
LM4549B NSC-LM4549B Datasheet
933Kb / 28P
   AC ??7 Rev 2.1 Multi-Channel Audio Codec with Sample Rate Conversion and National 3D Sound
logo
Texas Instruments
LM4546B TI1-LM4546B Datasheet
1Mb / 37P
[Old version datasheet]   LM4546B AC 97 Rev 2 Multi-Channel Audio Codec with Sample Rate Conversion and Texas Instruments 3D Sound
logo
National Semiconductor ...
LM4546 NSC-LM4546_09 Datasheet
1Mb / 18P
   AC 97 Rev 2 Codec with Sample Rate Conversion and National 3D Sound
logo
Texas Instruments
LM4548 TI1-LM4548 Datasheet
570Kb / 21P
[Old version datasheet]   AC 97 Rev 2 Codec with Sample Rate Conversion
logo
National Semiconductor ...
LM4549A NSC-LM4549A Datasheet
528Kb / 28P
   AC ??7 Rev 2.1 Codec with Sample Rate Conversion and National 3D Sound
LM4549 NSC-LM4549 Datasheet
324Kb / 18P
   AC ??7 Rev 2.1 Codec with Sample Rate Conversion and National 3D Sound
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com