công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74AHC573PW bảng dữ liệu(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN74AHC573PW
Giải thích chi tiết về linh kiện  Octal Transparent D-Type Latches With 3-State Outputs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC573PW bảng dữ liệu(HTML) 6 Page - Texas Instruments

Back Button SN74AHC573PW Datasheet HTML 2Page - Texas Instruments SN74AHC573PW Datasheet HTML 3Page - Texas Instruments SN74AHC573PW Datasheet HTML 4Page - Texas Instruments SN74AHC573PW Datasheet HTML 5Page - Texas Instruments SN74AHC573PW Datasheet HTML 6Page - Texas Instruments SN74AHC573PW Datasheet HTML 7Page - Texas Instruments SN74AHC573PW Datasheet HTML 8Page - Texas Instruments SN74AHC573PW Datasheet HTML 9Page - Texas Instruments SN74AHC573PW Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
SN54AHC573, SN74AHC573
SCLS242L – OCTOBER 1995 – REVISED SEPTEMBER 2014
www.ti.com
7.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
–40°C to 125°C
TA = 25°C
SN54AHC573
SN74AHC573
SN74AHC573
PARAMETER
TEST CONDITIONS
VCC
UNIT
MIN
TYP
MAX
MIN
MAX
MIN
MAX
MIN
MAX
2 V
1.9
2
1.9
1.9
1.9
IOH = −50 µA
3 V
2.9
3
2.9
2.9
2.9
V
VOH
4.5 V
4.4
4.5
4.4
4.4
4.4
IOH = −4 mA
3 V
2.58
2.48
2.48
2.48
IOH = −8 mA
4.5 V
3.94
3.8
3.8
3.8
2 V
0.1
0.1
0.1
0.1
IOL = 50 µA
3 V
0.1
0.1
0.1
0.1
V
VOL
4.5 V
0.1
0.1
0.1
0.1
IOL = 4 mA
3 V
0.36
0.5
0.44
0.44
IOL = 8 mA
4.5 V
0.36
0.5
0.44
0.44
0 V to
II
VI = 5.5 V or GND
±0.1
±1(1)
±1
±1
µA
5.5 V
VI = VIL or VIH,
IOZ
5.5 V
±0.25
±2.5
±2.5
±2.5
µA
VO = VCC or GND
ICC
VI = VCC or GND,
IO = 0
5.5 V
4
40
40
40
µA
Ci
VI = VCC or GND
5 V
2.5
10
10
10
pF
Co
VO = VCC or GND
5 V
3.5
pF
(1)
On products compliant to MIL-PRF-38535, this parameter is not production tested at VCC = 0 V.
7.6 Timing Requirements, VCC = 3.3 V ± 0.3 V
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3)
TA = –40°C to 125°C
TA = 25°C
SN54AHC573
SN74AHC573
SN74AHC573
PARAMETER
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tw
Pulse duration, LE high
5
5
5
5
ns
tsu
Setup time, data before LE
3.5
3.5
3.5
3.5
ns
th
Hold time, data after LE
1.5
1.5
1.5
1.5
ns
7.7 Timing Requirements, VCC = 5 V ± 0.5 V
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3)
TA = –40°C to 125°C
TA = 25°C
SN54AHC573
SN74AHC573
SN74AHC573
PARAMETER
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tw
Pulse duration, LE high
5
5
5
5
ns
tsu
Setup time, data before LE
3.5
3.5
3.5
3.5
ns
th
Hold time, data after LE
1.5
1.5
1.5
1.5
ns
6
Submit Documentation Feedback
Copyright © 1995–2014, Texas Instruments Incorporated
Product Folder Links: SN54AHC573 SN74AHC573


Số phần tương tự - SN74AHC573PW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74AHC573PW TI-SN74AHC573PW Datasheet
579Kb / 18P
[Old version datasheet]   OCTAL TRANSPARENT D- TYPE LATCHES WITH 3 STATE OUTPUTS
SN74AHC573PW TI-SN74AHC573PW Datasheet
567Kb / 18P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AHC573PWE4 TI-SN74AHC573PWE4 Datasheet
579Kb / 18P
[Old version datasheet]   OCTAL TRANSPARENT D- TYPE LATCHES WITH 3 STATE OUTPUTS
SN74AHC573PWE4 TI-SN74AHC573PWE4 Datasheet
567Kb / 18P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AHC573PWLE TI-SN74AHC573PWLE Datasheet
579Kb / 18P
[Old version datasheet]   OCTAL TRANSPARENT D- TYPE LATCHES WITH 3 STATE OUTPUTS
More results

Mô tả tương tự - SN74AHC573PW

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
   Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
   Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573 Datasheet
73Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54F373 TI-SN54F373 Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
CD54HCT373 TI-CD54HCT373 Datasheet
319Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS563A TI-SN54ALS563A Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ALS573C TI-SN54ALS573C Datasheet
109Kb / 9P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ACT573 TI-SN54ACT573 Datasheet
520Kb / 16P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ABT533 TI-SN54ABT533 Datasheet
483Kb / 14P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
   Octal D-type Transparent Latches with 3-state Outputs
HD74LVC373A HITACHI-HD74LVC373A Datasheet
50Kb / 10P
   Octal D-type Transparent Latches with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com