công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

SN74AHC573N bảng dữ liệu(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện SN74AHC573N
Giải thích chi tiết về linh kiện  Octal Transparent D-Type Latches With 3-State Outputs
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC573N bảng dữ liệu(HTML) 11 Page - Texas Instruments

Back Button SN74AHC573N Datasheet HTML 7Page - Texas Instruments SN74AHC573N Datasheet HTML 8Page - Texas Instruments SN74AHC573N Datasheet HTML 9Page - Texas Instruments SN74AHC573N Datasheet HTML 10Page - Texas Instruments SN74AHC573N Datasheet HTML 11Page - Texas Instruments SN74AHC573N Datasheet HTML 12Page - Texas Instruments SN74AHC573N Datasheet HTML 13Page - Texas Instruments SN74AHC573N Datasheet HTML 14Page - Texas Instruments SN74AHC573N Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
OE
To Seven Other Channels
LE
1D
C1
1D
1Q
SN54AHC573, SN74AHC573
www.ti.com
SCLS242L – OCTOBER 1995 – REVISED SEPTEMBER 2014
9 Detailed Description
9.1 Overview
The SNx4AHC573 devices are octal transparent D-type latches designed for 2-V to 5.5-V VCC operation.
When the latch-enable (LE) input is high, the Q outputs follow the data (D) inputs. When LE is low, the Q outputs
are latched at the logic levels of the D inputs.
A buffered output-enable (OE) input can be used to place the eight outputs in either a normal logic state (high or
low) or the high-impedance state. In the high-impedance state, the outputs neither load nor drive the bus lines
significantly. The high-impedance state and increased drive provide the capability to drive bus lines without
interface or pull-up components.
OE does not affect the internal operations of the latches. Old data can be retained or new data can be entered
while the outputs are in the high-impedance state.
To ensure the high-impedance state during power up or power down, OE should be tied to VCC through a pull-up
resistor; the minimum value of the resistor is determined by the current-sinking capability of the driver.
9.2 Functional Block Diagram
9.3 Feature Description
Wide operating voltage range
Operates from 2 V to 5.5 V
Allows down voltage translation
Inputs accept voltages to 5.5 V
Slow edges reduce output ringing
9.4 Device Functional Modes
Table 1. Function Table
(Each Latch)
INPUTS
OUTPUT
Q
OE
LE
D
L
H
H
H
L
H
L
L
L
L
X
Q0
H
X
X
Z
Copyright © 1995–2014, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SN54AHC573 SN74AHC573


Số phần tương tự - SN74AHC573N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Texas Instruments
SN74AHC573N TI-SN74AHC573N Datasheet
579Kb / 18P
[Old version datasheet]   OCTAL TRANSPARENT D- TYPE LATCHES WITH 3 STATE OUTPUTS
SN74AHC573N TI-SN74AHC573N Datasheet
567Kb / 18P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AHC573NE4 TI-SN74AHC573NE4 Datasheet
579Kb / 18P
[Old version datasheet]   OCTAL TRANSPARENT D- TYPE LATCHES WITH 3 STATE OUTPUTS
SN74AHC573NE4 TI-SN74AHC573NE4 Datasheet
567Kb / 18P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74AHC573NSR TI-SN74AHC573NSR Datasheet
579Kb / 18P
[Old version datasheet]   OCTAL TRANSPARENT D- TYPE LATCHES WITH 3 STATE OUTPUTS
More results

Mô tả tương tự - SN74AHC573N

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
HD74HC373 RENESAS-HD74HC373 Datasheet
119Kb / 10P
   Octal D-type Transparent Latches (with 3-state outputs)/Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Hitachi Semiconductor
HD74HC373 HITACHI-HD74HC373 Datasheet
66Kb / 11P
   Octal D-type Transparent Latches (with 3-state outputs),Octal D-type Transparent Latches (with inverted 3-state outputs)
logo
Texas Instruments
SN54BCT573 TI-SN54BCT573 Datasheet
73Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54F373 TI-SN54F373 Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
CD54HCT373 TI-CD54HCT373 Datasheet
319Kb / 5P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN54ALS563A TI-SN54ALS563A Datasheet
54Kb / 4P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ALS573C TI-SN54ALS573C Datasheet
109Kb / 9P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ACT573 TI-SN54ACT573 Datasheet
520Kb / 16P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES WITH 3-STATE OUTPUTS
SN54ABT533 TI-SN54ABT533 Datasheet
483Kb / 14P
[Old version datasheet]   OCTAL TRANSPARENT D-TYPE LATCHES WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74LV573A HITACHI-HD74LV573A Datasheet
66Kb / 16P
   Octal D-type Transparent Latches with 3-state Outputs
HD74LVC373A HITACHI-HD74LVC373A Datasheet
50Kb / 10P
   Octal D-type Transparent Latches with 3-state Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


bảng dữ liệu tải về

Go To PDF Page


Link URL




Chính sách bảo mật
ALLDATASHEET.VN
Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com